Part Number Hot Search : 
2SK2488 2SC3580 LH101510 ULN2204 00AT90M BYG20 B2566 IMX35
Product Description
Full Text Search
 

To Download ES6168FAF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ess technology, inc. sam0523b-052705 1 ess technology, inc. es6168a vibratto-s dvd processor product brief description the es6168a vibratto ? s dvd processor is a super high- performance single-chip mpeg video decoding solution that provides not only dv d decoding, but also mpeg-4 support, allowing users to view video clips (from the internet, a camcorder, or other source) on dvd players. the es6168a integrates a state-of-the-art progressive- scan video feature to provide brilliant and sharp, flicker- free output to the video display, built-in cprm, and s/pdif input and output support. the es6168a performs audio/video stream data processing, tv encoding, macrovision ? copy protection, dvd system navigation, system control, and housekeeping functions. the vibratto-s dvd processor is built on the ess proprietary dual cpu programmable multimedia processor (pmp) core consisting of 32-bit risc and 64-bit dsp processors and offers the best dvd feature set. the processing units enable simultaneous parallel execution of system commands and data processing to perform specialized encoding and decoding tasks. the risc processor performs bit stream parsing, control audio data output, transfer video and audio data to the vector engine and service system control and housekeeping functions. the vector engine performs audio and video micro-code processing required by a/v standards, such as dolby ? digital, mpeg and jpeg imaging. these processing tasks include video motion compensation and estimation, loop filtering, discrete cosine transforms (dct), inverse dct, quantization, and inverse quantization. the vibratto-s dvd processor supports both parallel and serial dvd loader interfaces, industry standard i 2 s audio data input and output, eprom and dram access, and audio/video data buffering. it also supports both letterbox and pan-and-scan displays, sub-picture overlay, and on- screen display (osd). in addition, the vibratto-s dvd solution plays karaoke, cd+g, dvd-audio, hdcd, cd- da, mp3, and wma. the es6168a dvd processor is available in a 208-pin plastic quad flat pack (pqfp) device package. features ? single-chip dvd processor.  mpeg-4 advanced simple profile* at full screen (d1).  integrated ntsc/pal encoder with pixel-adaptive de-interlacer and five 10-bit 54 mhz video dacs.  high-quality progressive scan video output for flicker-free video display.  dvd-video, dvd-vr, vcd 1.1 and 2.0, and svcd.  full dvd-audio support including mlp and lpcm decode, cppm decryption, and watermark detection.  media playback with cd-rom, cd-r/rw, dvd-r/rw, dvd+r/rw, and dvd-ram.  up to 7.1 channel audio outputs.  interface for ide devices, a/v dvd loaders.  interface for cf, ms, sd, mmc, and sm memory cards.  direct interface of 8-/16-bit dram up to 128-mb capacity.  direct interface for up to 4 banks of 8-/16-bit eprom or flash eprom for up to 4-mb for each bank.  macrovision 7.1 for ntsc/pal interlaced video.  macrovision ntsc/pal (480p/576p) progressive scan video.  simultaneous composite, s-video, and yuv outputs.  ccir 656/601 yuv 4:2:2 input and output.  on-screen display controller supports 256 colors in 8 degrees of transparency.  subpicture unit (spu) decoder supports karaoke lyric, subtitles, and eia-608 compliant line 21 captioning.  smartlogo ? for custom jpeg wallpaper.  jpeg digital photo support (kodak picture cd ? and fujifilm fujicolor cd ?).  ess music slideshow?.  bass management.  dolby digital (ac-3), dolby pro logic?, and pro logic ii.  dts ? surround.  s/pdif digital audio input and output.  mpeg aac and multichannel.  srs trusurround ? and trusurround xt ?.  windows? media audio decoding.  professional karaoke with full scoring scheme.  lead-free leads using 98%-sn/2%-cu or 98%-sn/2%-bi available with ES6168FAF.
2 sam0523b-052705 ess technology, inc. es6168a product brief es6168a pinout diagram es6168a pinout diagram the device pinout for the es6168a is shown in figure 1. figure 1 es6168a device pinout 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 lcs1# loe# ld0 vss lcs3# lcs2# i2cdata/aux0 la21 la20 reset# vee tsd3 hiocs16#/aux3[4]/camclk/pixin_clk ha1/aux4[3] vss ha0/aux4[2] hwr#/dci_clk/aux4[5] hrd#/dci_ack#/aux4[6] hd4/dci4/aux1[4] hd5/dci5/aux1[5] hd6/dci6/aux1[6]/vfd_dout hd2/dci2/aux1[2] hd3/dci3/aux1[3] vee vcc db8 vcc db5 db9 dcs0# vcc vss tsd0/sel_pll0 tsd1/sel_pll1 tdmfs tdmclk tdmdr tdmtsc# tws/sel_pll2 vee la4 la5 la6 la7 la8 la9 vss vcc la10 la11 la12 la13 la14 la15 la16 vss vee la17 la18 la19 tdmdx/rsel vss tsd2 sel_pll3/spdif_out spdif_in vss mclk tbck vee vee avss vss dqm rsd rws rbck camin3/pixin3 xin xout avee dsck vss db15 db13 db11 db1 vss dmbs1 dras# doe#/dsck_en vee dma9 dma7 vss dma5 dma3 vee dcs1# db14 db12 db10 db0 vee dmbs0 dwe# dcas# vss dma8 dma6 vee dma4 dma2 vss db7 db6 vss db4 db3 db2 dma11 dma10 dma1 dma0 hcs3fx#/aux3[6] hcs1fx#/aux3[7] vss hiordy/aux3[3] vss hd13/aux2[5]/sp hd12/aux2[4]/c2po hd11/aux2[3]//irq hd10/aux2[2] hd9/aux2[1] hd8/dci_fds#/aux2[0]/vfd_clk vss hirq/dci_err#/aux4[7] hrst#/aux3[5] hrrq#/aux4[0]/camin2/pixin2 hwrq#/dci_req#/aux4[1] hd15/aux2[7]/ir hd14/aux2[6] vcc hd7/dci7/aux1[7]/vfd_din hd1/dci1/aux1[1] hd0/dci0/aux1[0] vcc vss hsync#/aux3[0]/camin7/pixin7 pclk2xscn/camin4/pixin4 fdac/yuv7/pixout7 vdac/yuv6/pixout6 pclkqscn/aux3[2]/camin5/pixin5 vsync#/aux3[1]/camin6/pixin6 ydac/yuv5/pixout5 advss advee rset/yuv4/pixout4 comp/yuv3/pixout3 cdac/yuv2/pixout2 vref/yuv1/pixout1 udac/yuv0/pixout0 dclk vee aux7 aux6 vee ld1 ld2 la3 ld12 vee ha2 /aux4[4] vee vee ld3 ld5 ld9 ld13 lwrhl# camin1/pixin1 i2c_clk/aux1 aux3/ior# ld4 ld6 ld10 ld14 vss la0 aux2/iow# aux4 vee ld7 ld11 ld15 vee la1 vss aux5 vss ld8 vss lwrll# camin0/pixin0 la2 vss vcc lcs0#/pixout_clk vss es6168a
ess technology, inc. sam0523b-052705 3 es6168a product brief es6168a pin description es6168a pin description table 1 lists the pin descriptions for the es6168a. table 1 es6168a pin description name pin numbers i/o definition vee 1,18, 27, 59, 68, 75, 92, 99, 104, 130, 148, 157, 159, 164, 183, 193, 201 p i/o power supply. la[21:0] 2-7, 10-16, 19-23, 204-207 o risc port address bus. vss 8, 17, 26, 34, 43, 60, 67, 76, 84, 91, 98, 103, 120, 129, 138, 147, 156, 163, 171, 177, 184, 192, 200, 208 g ground. vcc 9, 35, 44, 83, 121, 139, 172 p core power supply. reset# 24 i reset input; (5v tolerant input). tdmdx 25 o tdm transmit data output. rsel i lcs3 rom boot data width select. strapped to vcc or ground via 4.7-k ? resistor; read only during reset. tdmdr 28 i tdm receive data input; (5v tolerant input). tdmclk 29 i tdm clock input; (5v tolerant input). tdmfs 30 i tdm frame sync input; (5v tolerant input). tdmtsc# 31 o tdm output enable. tws 32 o audio transmit frame sync output. sel_pll2 i system and dsck output clock frequency selection is made at the rising edge of reset#. the matrix below lists the available clock frequencies and their respective pll bit settings. strapped to vcc or ground via 4.7-k ? resistor; read only during reset. rsel selection 016-bit rom 18-bit rom sel_pll2 sel_pll1 sel_pll0 pll settings 0 0 0 dclk 4 .5 0 0 1 dclk 5.0 010 bypass 0 1 1 dclk 4.0 1 0 0 dclk 4.25 1 0 1 dclk 4.75 1 1 0 dclk 5.5 1 1 1 dclk 6.0
4 sam0523b-052705 ess technology, inc. es6168a product brief es6168a pin description tsd0 33 o audio transmit serial data output 0. sel_pll0 i refer to the description and matrix for sel_pll2 pin 32. tsd1 36 o audio transmit serial data output 1. sel_pll1 i refer to the description and matrix for sel_pll2 pin 32. tsd2 37 o audio transmit serial data output 2. this pin must be pulled down to vss via a 4.7-k ? resistor for proper operation. tsd3 38 o audio transmit serial data output 3. mclk 39 i/o audio master clock for audio dac. tbck 40 i/o audio transmit bit clock. tbck is an input during reset and subsequently is programmed as an output via the audioxmt register (addr 0x2000d00ch, bit 4). sel_pll3 41 i clock source select. strapped to vcc or ground via 4.7-k ? resistor; read only during reset. spdif_out o s/pdif output. spdif_in 42 i s/pdif input; (5v tolerant input). rsd 45 i audio receive serial data; (5v tolerant input). rws 46 i audio receive frame sync; (5v tolerant input). rbck 47 i audio receive bit clock; (5v tolerant input). camin3 48 i camera yuv 3. pixin3 i ccir656 input pixel 3. xin 49 i 27-mhz crystal input. xout 50 o 27-mhz crystal output. avee 51 p analog power for pll. avss 52 g analog ground for pll. dma[11:0] 53-58, 61-66 o dram address bus. dcas# 69 o dram column address strobe. doe# 70 o dram output enable. dsck_en o dram clock enable. dwe# 71 o dram write enable. dras# 72 o dram row address strobe. dmbs0 73 o dram bank select 0. dmbs1 74 o dram bank select 1. db[15:0] 77-82, 85-90, 93-96 i/o dram data bus. dcs[1:0]# 97,100 o dram chip select. dqm 101 o data input/output mask. dsck 102 o output clock to dram. table 1 es6168a pin description (continued) name pin numbers i/o definition sel_pll3 clock source 0 crystal oscillator 1 dclk input
ess technology, inc. sam0523b-052705 5 es6168a product brief es6168a pin description dclk 105 i clock input to pll; (5v tolerant input). udac 106 o video dac output. f: cvbs/chroma signal for simultaneous mode. y: luma component for yuv and y/c processing. c: chrominance signal for y/c processing. u: chrominance component signal for yuv mode. v: chrominance component signal for yuv mode. yuv0 o yuv pixel 0 output data. pixout0 o ccir656 output pixel 0. vref 107 i internal voltage reference to video dac. bypass to ground with 0.1- f capacitor. yuv1 o yuv pixel 1 output data. pixout1 o ccir656 output pixel 1. cdac 108 o video dac output. refer to description and matrix for udac pin 106. yuv2 o yuv pixel 2 output data. pixout2 o ccir656 output pixel 2. comp 109 i compensation input. bypass to advee with 0.1- f capacitor. yuv3 o yuv pixel 3 output data. pixout3 o ccir656 output pixel 3. rset 110 i dac current adjustment resistor input. yuv4 o yuv pixel 4 output data. pixout4 o ccir656 output pixel 4. table 1 es6168a pin description (continued) name pin numbers i/o definition value f dac (pin 115) v dac (pin 114) y dac (pin 113) c dac (pin 108) u dac (pin 106) 0 cvbs/chroma cvbs1 y c n/a 1 cvbs/chroma cvbs1 y c cvbs2 2 cvbs/chroma n/a y c n/a 3 cvbs/chroma cvbs1 n/a n/a cvbs2 4 cvbs/chroma cvbs1 n/a n/a n/a 5 cvbs/chroma cvbs1 y pb pr 6 cvbs/chroma n/a y pb pr 7 n/a sync g b r 8 cvbs/chroma chroma y pb pr 9 cvbs cvbs1 g b r 10 cvbs cvbs1 g r b 11 n/a sync g r b 12 cvbs/chroma n/a y pr pb 13 cvbs/chroma cvbs1 y pr pb 14 chroma y g r b
6 sam0523b-052705 ess technology, inc. es6168a product brief es6168a pin description advee 111 p analog power for video dac. advss 112 g analog ground for video dac. ydac 113 o video dac output. refer to description and matrix for udac pin 106. yuv5 o yuv pixel 5 output data pixout5 o ccir656 output pixel 5. vdac 114 o video dac output. refer to description and matrix for udac pin 106. yuv6 o yuv pixel 6 output data. pixout6 o ccir656 output pixel 6. fdac 115 o video dac output. refer to description and matrix for udac pin 106. yuv7 o yuv pixel 7 output data. pixout7 o ccir656 output pixel 7. pclk2xscn 116 i/o 27-mhz video output pixel clock. camin4 i camera yuv 4. pixin4 i ccir656 input pixel 4. pclkqscn 117 o 13.5-mhz video output pixel clock. aux3[2] i/o aux3 data i/o; (5v tolerant input). camin5 i camera yuv 5. pixin5 i ccir656 input pixel 5. vsync# 118 i/o vertical sync; (5v tolerant input). aux3[1] i/o aux3 data i/o; (5v tolerant input). camin6 i camera yuv 6. pixin6 i ccir656 input pixel 6. hsync# 119 i/o horizontal sync; (5v tolerant input). aux3[0] i/o aux3 data i/o; (5v tolerant input). camin7 i camera yuv 7. pixin7 i ccir656 input pixel 7. hd[5:0] 122-127 i/o host data bus lines; (5v tolerant input). dci[5:0] i/o dvd channel data i/o; (5v tolerant input). aux1[5:0] i/o aux1 data i/o; (5v tolerant input). hd6 128 i/o host data bus line; (5v tolerant input). dci6 i/o dvd channel data i/o; (5v tolerant input). aux1[6] i/o aux1 data i/o; (5v tolerant input). vfd_dout i vfd data output. hd7 131 i/o host data bus line; (5v tolerant input). dci7 i/o dvd channel data i/o; (5v tolerant input). aux1[7] i/o aux1 data i/o; (5v tolerant input). vfd_din i vfd data input. table 1 es6168a pin description (continued) name pin numbers i/o definition
ess technology, inc. sam0523b-052705 7 es6168a product brief es6168a pin description hd8 132 i/o host data bus line; (5v tolerant input). dci_fds# i/o dvd input sector start; (5v tolerant input). aux2[0] i/o aux2 data i/o; (5v tolerant input). vfd_clk i vfd clock input. hd9 133 i/o host data bus line; (5v tolerant input). aux2[1] i/o aux2 data i/o; (5v tolerant input). hd10 134 i/o host data bus line; (5v tolerant input). aux2[2] i/o aux2 data i/o; (5v tolerant input). hd11 135 i/o host data bus line; (5v tolerant input). aux2[3] i/o aux2 data i/o; (5v tolerant input). irq o irq. hd12 136 i/o host data bus line; (5v tolerant input). aux2[4] i/o aux2 data i/o; (5v tolerant input). c2po i c2po error correction flag from cd-rom; (5v tolerant input). hd13 137 i/o host data bus line; (5v tolerant input). aux2[5] i/o aux2 data i/o; (5v tolerant input). sp i 16550 uart serial port input. hd14 140 i/o host data bus line; (5v tolerant input). aux2[6] i/o aux2 data i/o; (5v tolerant input). hd15 141 i/o host data bus line; (5v tolerant input). aux2[7] i/o aux2 data i/o; (5v tolerant input). ir i ir remote control input; (5v tolerant input). hwrq# 142 o host write request. dci_req# o dvd control interface request. aux4[1] i/o aux4 data i/o; (5v tolerant input). hrrq# 143 o host read request. aux4[0] i/o aux4 data i/o; (5v tolerant input). camin2 i camera yuv 2. pixin2 i ccir656 input pixel 2. hirq 144 i/o host interrupt. dci_err# i/o dvd channel data error; (5v tolerant input). aux4[7] i/o aux4 data i/o; (5v tolerant input). hrst# 145 ohost reset. aux3[5] i/o aux3 data i/o; (5v tolerant input). hiordy 146 i host i/o ready. aux3[3] i/o aux3 data i/o; (5v tolerant input). table 1 es6168a pin description (continued) name pin numbers i/o definition
8 sam0523b-052705 ess technology, inc. es6168a product brief es6168a pin description hwr# 149 i/o host write. dci_clk i/o dvd channel data clock; (5v tolerant input). aux4[5] i/o aux4 data i/o; (5v tolerant input). hrd# 150 ohost read. dci_ack# i/o dvd channel data valid; (5v tolerant input). aux4[6] i/o aux4 data i/o; (5v tolerant input). hiocs16# 151 i device 16-bit data transfer. aux3[4] i/o aux3 data i/o; (5v tolerant input). camclk i camera port pixel clock input. pixin_clk i ccir656 input pixel clock. hcs1fx# 152 ohost select 1. aux3[7] i/o aux3 data i/o; (5v tolerant input). hcs3fx# 153 ohost select 3. aux3[6] i/o aux3 data i/o; (5v tolerant input). ha[2:0] 154, 155, 158 i/o host address bus. aux4[4:2] i/o aux4 data i/os; (5v tolerant input). aux0 160 i/o auxiliary port 0 (open collector); (5v tolerant input). i2cdata i/o i 2 c data i/o; (5v tolerant input). aux1 161 i/o auxiliary port 1 (open collector); (5v tolerant input). i2c_clk i/o i 2 c clock i/o; (5v tolerant input). aux2 162 i/o auxiliary port; (5v tolerant input). iow# o i/o write strobe (lcs1). aux3 165 i/o auxiliary port; (5v tolerant input). ior# o i/o read strobe (lcs1). aux4-7 166-169 i/o auxiliary ports; (5v tolerant input). loe# 170 o risc port output enable. lcs0# 173 o risc port chip select 0. pixout_clk o ccir656 output pixel clock. lcs[3:1]# 174-176 o risc port chip select [3:1]. ld[15:0] 178-182, 185-191, 194-197 i/o risc port data bus; (5v tolerant input). lwrll# 198 o risc port low-byte write enable. lwrhl# 199 o risc port high-byte write enable. camin0 202 i camera yuv 0. pixin0 i ccir656 input pixel 0. camin1 203 i camera yuv 1. pixin1 i ccir656 input pixel 1. table 1 es6168a pin description (continued) name pin numbers i/o definition
ess technology, inc. sam0523b-052705 9 es6168a product brief system block diagram system block diagram a sample system block diagram for the es6168a vibratto-s dvd player board design is shown in figure 2. figure 2 es6168a vibratto-s system block diagram functional description figure 3 shows the internal block diagram for the es6168a vibratto-s dvd processor. figure 3 es6168a vibratto-s block diagram es6168a sdram (4/16 mb) dvd drive rom/flash vfd driver audio dac digital devices speakers vfd panel digital video (ccir656/601) eeprom a/v receiver vibratto-s ir remote audio adc microphone in s/pdif t v display analog video huffman decoder video processor 32-bit serial audio processor interface risc dram interface dci interface 16 k cache gateway + dma controller dvd ram rom host interface transport descrambler + tdm interface tv-encoder sram/rom interface gpio controller osd display subpicture ccir656/601 input interface ccir656/601 output interface
10 http://www.esstech.com ? 2005 ess technology, inc. sam0523b-052705 es6168a product brief ordering information no part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic, mechanical, manual, optical, or otherwise, without the prior written permission of ess technology, inc. ess technology, inc. makes no representations or warranties regarding the content of this document. all specifications are subject to change without prior notice. ess technology, inc. assumes no responsibility for any errors contained herein. u.s. patents pending. mpeg is the moving picture experts group of the iso/iec. references to mpeg in this document refer to the iso/iec jtc1 sc29 committee draft iso 11172 dated january 9, 1992. vibratto, smartbright, smartlogo, smartcolor, and music slideshow are trademarks of ess technology, inc. dolby is a trademark of dolby laboratories, inc. trusurround, trusurround xt, srs, and (o) symbol are trademarks of srs labs., inc. all other trademarks are trademarks of their respective companies and are used for identification purposes only. ess technology, inc. 48401 fremont blvd. fremont, ca 94538 tel: (510) 492-1088 fax: (510) 492-1898 ordering information other vibratto-s dvd processors part number description package es6168fa vibratto-s dvd, progressive scan, mpeg-4, dvd-audio, and tv encoder 208-pin pqfp ES6168FAF vibratto-s dvd, progressive scan, mpeg-4, dvd-audio, and tv encoder with lead-free leads 208-pin pqfp the letter f at the end of the ordering part number identifies the package type pqfp. the second letter f indicates lead-free leads with the device. part number description package es6128f vibratto-s dvd, progressive scan, and tv encoder 208-pin pqfp es6128ff vibratto-s dvd, progressive scan, and tv encoder with lead-free leads 208-pin pqfp es6178f vibratto-s dvd, progressive scan, divx (certified), dvd-audio, and tv encoder 208-pin pqfp es6178ff vibratto-s dvd, progressive scan, divx (certified), dvd-audio, and tv encoder with lead-free leads 208-pin pqfp the letter f at the end of the ordering part number identifies the package type pqfp. the second letter f indicates lead-free leads with the device.


▲Up To Search▲   

 
Price & Availability of ES6168FAF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X