Part Number Hot Search : 
MB89131 DQ120 R0525 70022 QS1532 PPS10 CP643 C2238
Product Description
Full Text Search
 

To Download BAS70WS-SOD-323 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd sod-323 plastic-encapsulate diode 2.65 1.70 1 . 3 0 0 . 3 0 1 . 0 0 sod-323 maximum ratings and electrical characteristics, single diode @ t a = 25c unless otherwise specified characteristic symbol bas70 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 v rms reverse voltage v r(rms) 49 v forward continuous current (note 1) i f 70 ma non-repetitive peak forward surge current @ t p  1.0s i fsm 100 ma power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r ja 625 k/w operating junction temperature range t j -55 to +125 c storage temperature range t stg -65 to +150 c characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r forward voltage v f ? 410 1000 mv t p <300s, i f = 1.0ma t p <300s, i f = 15ma peak reverse current i rm  100 na t p < 300s, v r = 50v junction capacitance c j  2.0 pf v r = 0v, f = 1.0mhz reverse recovery time t rr ? 5.0 ns i f = i r = 10ma to i r = 1.0ma, r l =100 electrical ratings @ t a = 25c unless otherwise specified  low turn-on voltage  fast switching  pn junction guard ring for transient and esd protection notes: 1. valid provided that terminals are kept at ambient temperature. 2. test period <3000s.

sod-323 p ackage outline dimensions symbol a a1 a2 b c d e e1 l l1 | min 1.050 0.000 1.050 0.200 0.080 1.200 1.600 2.500 0.250 0 max 1.250 0.100 1.150 0.400 0.150 1.400 1.800 2.800 0.450 8 min 0.041 0.000 0.041 0.008 0.003 0.047 0.063 0.098 0.010 0 max 0.049 0.004 0.045 0.016 0.006 0.055 0.071 0.110 0.018 8 dimensions in millimeters dimensions in inches 0.019ref 0.475ref c b d 0.20 e a1 a2 a e1 l l1 |


▲Up To Search▲   

 
Price & Availability of BAS70WS-SOD-323

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X