Part Number Hot Search : 
120DC YDH200 1N4732 2SC3354 FTVFIA 2SK1313S 1N4716 CY7C145
Product Description
Full Text Search
 

To Download BAS40WS-SOD-323 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd sod-323 plastic-encapsulate diode 2.65 1.70 1 . 3 0 0 . 3 0 1 . 0 0 sod-323  low turn-on voltage  fast switching  pn junction guard ring for transient and esd protection notes: 1. valid provided that terminals are kept at ambient temperature. characteristic symbol bas40 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 v forward continuous current (note 1) i fm 200 ma power dissipation (note 1) p d 350 mw forward surge current (note 1) @ t < 1.0s i fsm 600 ma thermal resistance, junction to ambient air (note 1) r ja 357 c/w operating junction temperature range t j -55 to +125 c storage temperature range t stg -65 to +150 c characteristic symbol min typ max unit test condition reverse breakdown voltage v (br)r 40v i r = 10a forward voltage v f 380 1000 mv t p < 300 s, i f = 1.0ma t p < 300 s, i f = 40ma reverse leakage current i r 20 200 na t p < 300  s, v r = 30v junction capacitance c j 4.0 5.0 pf v r = 0v, f =1.0mhz reverse recovery time t rr 5.0ns i f = i r = 10ma to i r = 1.0ma, r l = 100  maximum ratings @ t a = 25 c unless otherwise specified electrical characteristics @ t a = 25 c unless otherwise specified

sod-323 p ackage outline dimensions symbol a a1 a2 b c d e e1 l l1 | min 1.050 0.000 1.050 0.200 0.080 1.200 1.600 2.500 0.250 0 max 1.250 0.100 1.150 0.400 0.150 1.400 1.800 2.800 0.450 8 min 0.041 0.000 0.041 0.008 0.003 0.047 0.063 0.098 0.010 0 max 0.049 0.004 0.045 0.016 0.006 0.055 0.071 0.110 0.018 8 dimensions in millimeters dimensions in inches 0.019ref 0.475ref c b d 0.20 e a1 a2 a e1 l l1 |


▲Up To Search▲   

 
Price & Availability of BAS40WS-SOD-323

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X