Part Number Hot Search : 
CY29352 MX7224UQ MA142 FN3119 UPD2732A 102M000 LTC290 04365
Product Description
Full Text Search
 

To Download 668-0003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the r a bb it 2 0 00 is a hi gh- p e r forma n c e 8- bit micro p r o ce sso r des ig n ed ex p r essl y to p o w er emb e d d ed sy stems. its ext e nsiv e i n te gr at ed featur e s e t an d gl ue le ss a r ch itectur e fa cil i tat e rap i d h a rd wa r e de sign , and its c-friend ly instru ctio n se t pe rmits e fficien t d e ve lo pm ent of com p lex applic ations. for em bedded systems, the rabbit 2000 out-perf orms most 16 and so m e 32- b it pr ocessor s without losing the effici en cy of a n 8-bit arch itect u re. rabbit 2000 tm microprocessor with c l o ck s p e eds of u p t o 30 mhz a n d nu m e ro us o n -c hi p per ip he ral s inc l ud in g m e m o ry an d i/o co ntro l si gn als for g l u e l e ss int e rf ac e, four s e rial port s, ov er forty digital i/o pins, 8 and 10- bit t i m e r syst ems, watchdog tim e r, r e al-tim e clock and flexible c l ocki n g opt io ns, t h e rabbit 2000 packs a hardware punc h that system des igners will appr eciate. our dynamic c ? de velop m en t en vironme n t p r ovide s an inte gr ate d c c o mpi l er with de b u g ger an d l i nk er for effic i e n t an d p o w e rfu l a p p lic ati ons de v e l opm e n t. design advantages: ? 8-bit arc h it ectu re ? h i g h -p er f o rmance architecture with inte gr ate d p e ri ph era l s p e rm it effici ent an d co st effectiv e har dw ar e d e si gn ? enh a n ce d instr u cti on s e t ?br i n g s n e w po we r an d sp ee d to 8-bit system s with numer o us one-byte opc o des and 16- b it lo gic a l, ar ithm e t ic, an d d a ta tr ansf e r i n struct i ons ? exce pti o n a l m a th p e rform a n c e ? bas e d o n hi gh ly o p tim i ze d math l i br ar ies ? dyna mic c deve lo pmen t environ m en t ?fo r re al-time dev elopment and deb ugging of rabbit-bas ed systems us ing c or ass e m b ly la ng ua g e ? tcp/ip co n n e c tivity ? har dw are an d soft wa re p a ck ag e prov id es a co n v en ie nt a nd c o st-effectiv e s o l u tio n for re mo te ly a c ce ssing , p r o g r a m ming an d d ebug ging ra bb it- bas ed systems over intranets or the i n ter net feature list: ? on-b oa rd sl av e p o rt al lo ws th e r a b b it to be conf ig ure d a s an i n te ll ig ent p e ri ph er al d e vi c e . ? co ntro l of cl oc k spe e d by s o ftwar e a l l o ws dy nam ic tra d i ng of po w e r vs. sp ee d. ? excellent m a th performanc e with 16 x 16 m u ltiply in 12 c l ocks. ? thre e l e ve ls of interr u p t pri o rit y all o w f a st response to real-t ime events. ? 40 par al le l i/o lin es. ? five 8- bit ti mer s an d o ne 10- b i t timer w i th tw o matc h re gist ers ? battery- b ack a b l e tim e /d ate c l o ck ? wa tchd og de signe rs fa milia r with th e hd64 180 o r z180 will be comple te ly a t ea se with the rabb it 20 00 . wh i l e it ru ns thr ee tim e s faster, it shares a sim i l a r ar chit ectur e . for ex amp l e, usi n g n e w fetc h an d s t ore i n str u cti o n s , 16- bit v a ri ab les c a n b e fetc he d from a l o c a tio n at an offs et from th e stack po int e r in on ly ni ne c l oc ks. ne w instr u cti o ns perf o rm c a ll s, retur n s, a nd j u mps o v er a ful l meg a b yte of a ddr ess sp ac e . the 1 6 - b it s h if ts an d 1 2 -cl o c k 16 x 16 bit multi p l y si gn ifi c ant ly im pro v e math perf o rm anc e. flo a ti ng poi nt a d d i ti on or mu ltip li ca tion re qu ire s on ly 11 micro s e c onds with a 29 .5 mhz clo ck sp ee d. 1/11/20 05
1/11/2005 development software the rabbit 2000 microprocessor is ready for immediate software development. user programs are created using z-world's dynamic c ? , a c-language environment that includes a compiler, editor, and debugger. programs can be compiled and executed using the dynamic c software and a serial programming cable. no in-circuit emulator is required. programming the rabbit 2000 the rabbit 2000 is programmed using the industry-proven dynamic c? software development system-an integrated c compiler, editor , loader, and debugger created specifically fo r rabbit-based systems. developing software with dynamic c is easy. users can write , compile, and test both c and assembly code without leaving the dynamic c development environment, and no costly in-circuit emulators are required. full tcp/ip stack with source code is provided royalty free in dynamic c and with our development kits. tcp/ip support includes ppp and snmp, socket-level tcp and udp, ftp, tftp, http (w/ ssi and cgi), dhcp, smtp, pop3, and ping. rabbit 2000 features and specifications packaging 100-pin pqfp package size 24 x 18 x 3 mm operating voltage 5.5 v operating current 4 ma/mhz @ 5.5 v operating temp -40 to +80c maximum clock speed 30 mhz digital i/o 40 (arranged in five 8-bit ports) serial ports 4 cmos-compatible baud rate clock speed/32 max asynchronous address bus 20-bit data bus 8-bit timers five 8-bit and one 10-bit with 2 match registers real-time clock yes, battery backable rtc oscillator circuitry external watchdog timer/supervisor yes clock modes 1x, 2x, /2, /3, /4, /6, /8 power down modes sleepy (32 khz) auxiliary i/o bus none


▲Up To Search▲   

 
Price & Availability of 668-0003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X