Part Number Hot Search : 
S3SMBA EGC10MH SSP4N80 10EDA20 TA0314A M2872AF TDE1647 LVDS3
Product Description
Full Text Search
 

To Download 593-222221-002-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits 593 series mdef593d001_a dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com 3mm tri-level prism ? cbi ? surface mount led bright single color specifications part number color combo 593-212121-0xxf algaas red/algaas red/algaas red 593-222222-0xxf green/green/green 593-272727-0xxf alingap yellow/alingap yellow/alingap yellow series position 1 package option 593 21 22 0xx position 2 color = 21) red, 22) green, 27) yellow package size options -002 = 5 piece strip -013 = 13 reel dia. part number code* note: custom color combinations available upon request. check with factory for details. 27 position 3 f  rohs compliant  incorporates latest led technology, specifically designed for surface mounting  compatible with automatic placement equipment  compatible with surface mount reflow soldering processes  black housing enhances contrast ratio  housing material meet ul-94v-0 flammability ratings  patented tri-level design provides increased indication without increased space  illumination areas compatible with industry standard 3mm through-hole tri-level circuit board indicators  packaged in moisture barrier bags for dry packaging per ipc/jedec j-std-033, moisture sensitivity level 2  helps to eliminate mixed technology pc board processing pin 1 = cathode, pin 2 = anode dimensions in inches [mm]
absolute maximum ratings (t a = 25 o c) operating characteristics (t a = 25 o c) d ialight reserves the right to make changes at any time in order to supply the best product possible . mdef593d001_a dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com parameter 21 22 27 color algaas red green alingap yellow power dissipation (derate linearly from 60oc maoc) 90mw 0.75 95mw 0.75 80mw (from 85oc) 1.0 forward dc current 30ma 30ma 30ma peak forward current (sec) 0.5 amp 0.5 amp 0.2 amp operating temperature -40oc to +100oc -40oc to +100oc -40oc to +100oc storage temperature -40oc to +100oc -40oc to +100oc -40oc to +100oc soldering temperatures ir reflow for lead free soldering, rohs 260oc (+0oc / -5oc) for 30 seconds parameter part no. color min typ max units test cond. forward voltage v f 21 algaas red 1.75 2.5 v i f =10ma 22 green 2.0 2.5 27 alingap yellow 1.9 2.0 2.4 reverse voltage v r 21 algaas red 12 v i f =10 a 22 green 12 27 alingap yellow 12 dominant wavelength dom 21 algaas red 645 nm 22 green 564 570 576 27 alingap yellow 580 587 595 luminous intensity lv 21 algaas red 22 29 36 mcd i f =20ma 22 green 9 16 22 27 alingap yellow 40 80 130 viewing angle (2? 1/2 ) 21 algaas red 40 deg. 22 green 40 27 alingap yellow 40 593 series 3mm tri-level prism ? cbi ? surface mount led bright single color


▲Up To Search▲   

 
Price & Availability of 593-222221-002-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X