Part Number Hot Search : 
AD401M44 A5800 AP340 SW5071 LNBP10 RN4604 UZ5730 T312017
Product Description
Full Text Search
 

To Download 2SD2485 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  application low frequency power amplifier features low saturation voltage v ce(sat) = 0.1 v typ. (at i c = 1 a, i b = 50 ma) large current capacitance i c = 2 a to-92mod. 1. emitter 2. collector 3. base 3 2 1 table 1 absolute maximum ratings (ta = 25?) item symbol ratings unit collector to base voltage v cbo 80 v collector to emitter voltage v ceo 80 v emitter to base voltage v ebo 6v collector current i c 2a collector peak current ic(peak)* 3 a collector power dissipation p c 0.9 w junction temperature tj 150 ? storage temperature tstg ?5 to +150 ? note: * pw 10 ms, duty cycle 20 % 2SD2485 silicon npn epitaxial
table 2 electrical characteristics (ta = 25?) item symbol min typ max unit test conditions collector to base breakdown v (br)cbo 80 v i c = 10 ?, voltage i e = 0 collector to emitter breakdown v (br)ceo 80 v i c = 1 ma, voltage r be = emitter to base breakdown v (br)ebo 6vi e = 10 ? voltage i c = 0 collector to base cutoff current i cbo 1.0 ? v cb = 65 v, i e = 0 collector to emitter cutoff current i ceo 5.0 ? v ce = 65 v, r be = emitter to base cutoff current i ebo 1.0 ? v eb = 5 v, i c = 0 dc current transfer ratio h fe1 120 300 v ce = 2 v, i c = 0.5 a dc current transfer ratio h fe2 40 v ce = 2 v, i c = 1.5 a collector to emitter saturation v ce(sat) 0.1 0.2 v i c =1 a voltage i b = 50 ma base to emitter saturation v be(sat) 1.2 v i c =1 a voltage i b = 50 ma 2SD2485
1.6 1.2 0.8 0.4 0 ambient temperature ta (?) collector power dissipation pc (w) 50 100 150 200 maximum collector power dissipation curve 2.0 1.6 1.2 0.8 0.4 0 collector to emitter voltage v (v) ce collector current i (a) c 0.4 0.8 1.2 1.6 2.0 typical output characteristics b i = 0 tc = 25 ? 20 ma 18 ma 6 ma 4 ma 2 ma 16 ma 12 ma 10 ma 14 ma 8 ma pc = 0.9 w collector to emitter voltage v (v) ce collector current i (a) c 0.1 0.3 1 3 10 30 100 10 3 1 0.3 0.1 0.03 0.01 area of safe operation 0.003 0.001 1 ms pw = 10 ms ic(peak) dc operation ta = 25 ? 1 shot pulse i (max) c 10 100 1000 dc current transfer ratio h fe collector current i (a) c 0.003 0.01 0.03 0.1 0.3 13 ta = ?5 ? 75 ? 25 ? dc current transfer ratio vs. collector current pulse test v = 2 v ce 300 30 2SD2485
3 collector to emitter saturation voltage ce(sat) v (v) collector current i (a) c 1 0.3 0.1 0.03 0.01 0.003 0.003 0.01 0.03 0.1 0.3 13 ce(sat) v be(sat) v base to emitter saturation voltage v (v) be(sat) pulse test i = 20 i c b saturation voltage vs. collector current ta=?5? ta=?5? 25? 75? 25? 75? 1000 gain bandwidth product f (mhz) t collector current i (a) c 0.03 0.01 0.3 0.1 0.3 13 300 100 30 10 1 3 gain bandwidth product vs. collector current pulse test v = 2 v ta = 25 ? ce collector to emitter saturation voltage ce(sat) v (v) 10 3 1 0.3 0.1 0.03 0.01 1 3 10 30 100 300 1000 c i = 2 a 1 a 0.5 a pulse test ta = 25 ? collector to emitter saturation voltage vs. base current base current i (ma) b collector output capacitance cob (pf) t collector to base voltage v (v) cb 100 10 1 1 10 100 i = 0 f = 1 mhz ta = 25 ? e collector output capacitance vs. collector to base voltage 30 3 330 2SD2485
collector current i (a) c 2.0 1.6 1.2 0.8 0.4 0 0.2 0.4 0.6 0.8 1.0 base to emitter voltage v (v) be typical transfer characteristics pulse test v = 2 v ta = 25 ? ce 2SD2485


▲Up To Search▲   

 
Price & Availability of 2SD2485

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X