Part Number Hot Search : 
PE8706 N103J L1420C R15KP17 PTH05060 SFRU9024 SKY74038 20NM6
Product Description
Full Text Search
 

To Download 2SC4550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4550 d escription with to-220f package low collector saturation voltage high speed switching applications suited for use in drivers such as dc-dc converters and actuators pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 100 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 7 v i c collector current 7 a i cm collector current-peak 14 a i b base current 3.5 a t a =25 2.0 p t total power dissipation t c =25 30 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4550 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =4a; i b =0.4a,l=1mh 60 v v cesat-1 collector-emitter saturation voltage i c =4a; i b =0.2 a 0.3 v v cesat-2 collector-emitter saturation voltage i c =6a; i b =0.3a 0.5 v v besat-1 base-emitter saturation voltage i c =4a; i b =0.2 a 1.2 v v besat-2 base-emitter saturation voltage i c =6a; i b =0.3a 1.5 v i cbo collector cut-off current v cb =60v; i e =0 10 a i cex collector cut-off current v ce =60v; v be =-1.5v ta=125 10 1.0 a ma i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe-1 dc current gain i c =0.7a ; v ce =2v 100 h fe-2 dc current gain i c =1.5a ; v ce =2v 100 200 400 h fe-3 dc current gain i c =4a ; v ce =2v 60 c ob output capacitance i e =0; v cb =10v;f=1mhz 100 pf f t transition frequency i c =1a ; v ce =10v 150 mhz switching times t on turn-on time 0.3 s t s storage time 1.5 s t f fall time i c =4a;r l =12.5 b i b1 =-i b2 =0.2a v cc c 50v 0.3 s  h fe-2 classifications m l k 100-200 150-300 200-400
savantic semiconductor product specification 3 silicon npn power transistors 2SC4550 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC4550


▲Up To Search▲   

 
Price & Availability of 2SC4550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X