|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
savantic semiconductor product specification silicon pnp darlington power transistors 2SB1624 d escription with to-3pn package complement to type 2sd2493 applications audio ,regulator and general purpose pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -110 v v ceo collector-emitter voltage open base -110 v v ebo emitter-base voltage open collector -5 v i c collector current -6 a i b base current -1 a p c collector power dissipation t c =25 60 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon pnp darlington power transistors 2SB1624 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-30ma ;i b =0 -110 v v cesat collector-emitter saturation voltage i c =-5a ;i b =-5ma -2.5 v v besat base-emitter saturation voltage i c =-5a ;i b =-5ma -3.0 v i cbo collector cut-off current v cb =-110v; i e =0 -100 a i ebo emitter cut-off current v eb =-5v; i c =0 -100 a h fe dc current gain i c =-5a ; v ce =-4v 5000 c ob output capacitance i e =0 ; v cb =-10v;f=1mhz 110 pf f t transition frequency i c =-0.5a ; v ce =-12v 100 mhz switching times t on turn-on time 1.1 s t s storage time 3.2 s t f fall time i c =-5a;r l =6 a i b1 =- i b2 =-5ma v cc =-30v 1.1 s h fe classifications o p y 5000-12000 6500-20000 15000-30000 savantic semiconductor product specification 3 silicon pnp darlington power transistors 2SB1624 package outline fig.2 outline dimensions (unindicated tolerance: 0.1mm) |
Price & Availability of 2SB1624 |