Part Number Hot Search : 
SML4764A C5000 GBU4B 06X0025 FSP2160 AM4TW LZ93N19 15N06
Product Description
Full Text Search
 

To Download 2N2219A-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features features collector - emitter voltage v ceo 50 vdc collector - base voltage v cbo 75 vdc emitter - base voltage v ebo 6 vdc collector current - continuous i c 800 madc total device dissipation @ t a = 25 c p d 0.8 watts derate above 25 c 4.6 mw/ c total device dissipation @ t c = 25 c p d 1.0 watts derate above 25 c 17.0 mw/ c operating junction&storage temperature range t j , t stg - 55 to +200 c thermal characteristics characteristic symbol max unit thermal resistance, junction to ambient r ja 217 c/w thermal resistance, junction to case r jc 59 c/w small signal bipolar npn silicon switching transistor to-39 revision: 6 2008/04/16   
 omp onents 20736 marilla street chatsworth       
     mcc ? collector - base voltage 75 v ? collector - current 800 ma ? medium current, bipolar transistor ? marking: type number 2n2219a tm micro commercial components www. mccsemi .com 1 of 10 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) absolute maximum ratings
2n2219a electrical characteristics (t a = 25 c unless otherwise noted) off characteristic symbol min max unit collector - emitter breakdown voltage (1) v(br) ceo ( i c = 10 ma dc, i b = 0 ) 50 vdc collector - base breakdown voltage v(br) cbo ( i c = 10 adc, i e = 0 ) 75 vdc emitter - base breakdown voltage v(br) ebo ( i e = 10 adc, i c = 0 ) 6 vdc collector - emitter cutoff current i ces ( v ce = 50 vdc ) 10 nadc collector - base cutoff current i cbo ( v cb = 60 vdc, i e = 0 ) 10 nadc ( v cb = 60 vdc, i e = 0, t a = 150 c ) 10 adc emitter - base cutoff current i ebo ( v eb = 4 vdc ) 10 nadc ( v eb = 6 vdc ) 10 adc on characteristic symbol min max unit dc current gain h fe ( i c = 0.1 ma dc, v ce = 10 vdc ) (1) 50 ( i c = 1 ma dc, v ce = 10 vdc ) (1) 75 325 ( i c = 10 ma dc, v ce = 10 vdc ) (1) 100 ( i c = 150 ma dc, v ce = 10 vdc ) (1) 100 300 ( i c = 500 ma dc, v ce = 10 vdc ) (1) 30 ( i c = 10 ma dc, v ce = 10 vdc, t j = -55 c ) (1) 35 collector - emitter saturation voltage v ce(sat) ( i c = 150 madc, i b = 15 madc ) (1) 0.3 vdc ( i c = 500 madc, i b = 50 madc ) (1) 1.0 vdc base - emitter saturation voltage v be(sat) ( i c = 150 madc, i b = 15 madc ) (1) 0.6 1.2 vdc ( i c = 500 madc, i b = 50 madc ) (1) 2.0 vdc 1. pulse test: pulse width  300 s, duty cycle  .2 % mcc revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 2 of 10
electrical characteristics (t a = 25 c unless otherwise noted) small - signal characteristics symbol min max unit output capacitance c obo ( v cb = 10 vdc, i e = 0, 100khz   f   1 mhz ) 8.0 pf input capacitance c ibo ( v eb = 0.5 vdc, i c = 0, 100khz   f   1 mhz ) 25 pf switching characteristics symbol min max unit turn - on time t on ( v cc = 30 vdc, i c = 150 madc, i b1 =15 madc) ( see figure 1 ) 35 ns turn - off time t off ( v cc = 30 vdc, i c = 150 madc, i b1 = - i b2 = 15 madc) ( see figure 2 ) 300 ns small - signal ac characteristics (t a = 25 c) low frequency symbol min max unit common - emitter forward current transfer ratio h fe ( i c = 1 ma, v ce = 10 v, f = 1khz ) 75 high frequency common - emitter forward current transfer ratio |h fe | ( i c = 20 ma, v ce = 20 v, f = 100 mhz ) 2.5 12 mcc 2n2219a revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 3 of 10
to-39 case outline mcc 2n2219a revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 4 of 10
figure 1 saturated turn-on time test circuit figure 2 saturated turn-off time test circuit t mcc 2n2219a revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 5 of 10
figure 3 figure 4 .0001 .001 .01 .1 1 ic collector current (a) 0 50 100 150 200 250 hfe current gain 0 50 100 150 200 250 dc current gain vce = 10 v typ @ 25c typ @ -55c .0001 .001 .01 .1 1 ib, base current (a) 0.0 0.2 0.4 0.6 0.8 1.0 vce, collector-emitter (v) 0.0 0.2 0.4 0.6 0.8 1.0 collector saturation vs base current tj = 25 c ic = 500 ma ic = 150 ma mcc 2n2219a revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 6 of 10
figure 5 figure 6 .001 .01 .1 1 ib, base current (a) 0.50 0.75 1.00 1.25 vbe, base-emitter voltage (v) 0.50 0.75 1.00 1.25 base saturation vs base current tj = 25 c ic = 150 ma ic = 500 ma .01 .1 1 10 100 reverse junction voltage (v) 0 5 10 15 20 25 30 junction capacitance (pf) 0 5 10 15 20 25 30 junction capacitance tj = 25 c 100 khz < f < 1 mhz cobo cibo mcc 2n2219a revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 7 of 10
figure 7 figure 8 10 100 1000 collector current (ma) 100 10 100 ton time (ns) 100 10 100 switching turn - 0n time tj = 25 c ic/ib = 10 min. max. 500 10 100 collector current (ma) 1000 100 1000 toff time (ns) 1000 100 1000 switching turn - off time tj = 25 c ic/ib = 10 min. max. mcc 2n2219a revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 8 of 10
figure 9 1 10 100 1000 frequency mhz .01 .1 1 normalized gain .01 .1 1 normalized gain vs frequency tj = 25c ic = 20 ma vce = 20 v mcc 2n2219a revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 9 of 10
mcc revision: 6 2008/04/16 tm micro commercial components www. mccsemi .com 10 of 10 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;50pcs/box


▲Up To Search▲   

 
Price & Availability of 2N2219A-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X