Part Number Hot Search : 
MP1499GD 2405D 8069X AQW414AX 7MBP30 0505S R8008 Q6025G
Product Description
Full Text Search
 

To Download 25AA256T-EP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 microchip technology inc. preliminary ds21822c-page 1 25aa256/25lc256 device selection table features ? max. clock 10 mhz  low-power cmos technology - max. write current: 5 ma at 5.5v, 10 mhz - read current: 5 ma at 5.5v, 10 mhz - standby current: 1 a at 5.5v  32,768 x 8-bit organization  64 byte page  self-timed erase and write cycles (5 ms max.)  block write protection - protect none, 1/4, 1/2 or all of array  built-in write protection - power-on/off data protection circuitry - write enable latch - write-protect pin  sequential read  high reliability - endurance: 1,000,000 erase/write cycles - data retention: > 200 years - esd protection: > 4000v  temperature ranges supported;  standard and pb-free packages available pin function table description the microchip technology inc. 25aa256/25lc256 (25xx256 * ) are 256k-bit serial electrically erasable proms. the memory is accessed via a simple serial peripheral interface? (spi?) compatible serial bus. the bus signals required are a clock input (sck) plus separate data in (si) and data out (so) lines. access to the device is controlled through a chip select (cs ) input. communication to the device can be paused via the hold pin (hold ). while the device is paused, transitions on its inputs will be ignored, with the exception of chip select, allowing the host to service higher priority interrupts. the 25xx256 is available in standard packages including 8-lead pdip and soic, and advanced packaging including 8-lead dfn and 8-lead tssop. pb-free (pure sn) finish is also available. package types (not to scale) part number v cc range page size temp. ranges packages 25lc256 2.5-5.5v 64 byte i, e p, sn, st, mf 25aa256 1.8-5.5v 64 byte i p, sn, st, mf - industrial (i): -40 cto +85 c - automotive (e): -40c to +125c name function cs chip select input so serial data output wp write-protect v ss ground si serial data input sck serial clock input hold hold input v cc supply voltage 25lc256 cs so wp v ss 1 2 3 4 8 7 6 5 v cc hold sck si pdip/soic (p, sn) tssop cs so wp v ss 1 2 3 4 8 7 6 5 v cc hold sck si (st) dfn cs so wp v ss hold sck si 25lc256 5 6 7 8 4 3 2 1 v cc (mf) 256k spi ? bus serial eeprom spi is a registered trademark of motorola corporation. * 25xx256 is used in this document as a generic pa rt number for the 25aa256, 25lc256 devices.
25aa256/25lc256 ds21822c-page 2 preliminary ? 2003 microchip technology inc. 1.0 electrical characteristics absolute maximum ratings (?) v cc ............................................................................................................................... ..............................................6.5v all inputs and outputs w.r.t. v ss ......................................................................................................... -0.6v to v cc +1.0v storage temperature ............................................................................................................ .....................-65c to 150c ambient temperature under bias ................................................................................................. ..............-40c to 125c esd protection on all pins ..................................................................................................... .....................................4 kv table 1-1: dc characteristics ? notice : stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. exposure to maximum rating conditions for an extended period of time may affect device reliability. dc characteristics industrial (i): t a = -40c to +85c v cc = 1.8v to 5.5v automotive (e): t a = -40c to +125c v cc = 2.5v to 5.5v param. no. sym. characteristic min. max. units test conditions d001 v ih 1 high-level input voltage .7 v cc v cc +1 v d002 v il 1 low-level input voltage -0.3 0.3v cc vv cc 2.7v d003 v il 2 -0.3 0.2v cc vv cc < 2.7v d004 v ol low-level output voltage ?0.4vi ol = 2.1 ma d005 v ol ?0.2vi ol = 1.0 ma, v cc < 2.5v d006 v oh high-level output voltage v cc -0.5 ? v i oh = -400 a d007 i li input leakage current ? 1 acs = v cc , v in = v ss to v cc d008 i lo output leakage current ?1 acs = v cc , v out = v ss to v cc d009 c int internal capacitance (all inputs and outputs) ?7pft a = 25c, clk = 1.0 mhz, v cc = 5.0v (note) d010 i cc read operating current ? ? 5 2.5 ma ma v cc = 5.5v; f clk = 10.0 mhz; so = open v cc = 2.5v; f clk = 5.0 mhz; so = open d011 i cc write ? ? 5 3 ma ma v cc = 5.5v v cc = 2.5v d012 i ccs standby current ? ? 5 1 a a cs = v cc = 5.5v, inputs tied to v cc or v ss , 125c cs = v cc = 5.5v, inputs tied to v cc or v ss , 85c note: this parameter is periodically sampled and not 100% tested.
? 2003 microchip technology inc. preliminary ds21822c-page 3 25aa256/25lc256 table 1-2: ac characteristics ac characteristics industrial (i): t a = -40c to +85c v cc = 1.8v to 5.5v automotive (e): t a = -40c to +125c v cc = 2.5v to 5.5v param. no. sym. characteristic min. max. units test conditions 1f clk clock frequency ? ? ? 10 5 3 mhz mhz mhz 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 2t css cs setup time 50 100 150 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 3t csh cs hold time 100 200 250 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 4t csd cs disable time 50 ? ns ? 5 tsu data setup time 10 20 30 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 6t hd data hold time 20 40 50 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 7t r clk rise time ? 2 s (note 1) 8t f clk fall time ? 2 s (note 1) 9t hi clock high time 50 100 150 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 10 t lo clock low time 50 100 150 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 11 t cld clock delay time 50 ? ns ? 12 t cle clock enable time 50 ? ns ? 13 t v output valid from clock low ? ? ? 50 100 160 ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 14 t ho output hold time 0 ? ns (note 1) 15 t dis output disable time ? ? ? 40 80 160 ns ns ns 4.5v vcc 5.5v (note 1) 2.5v vcc 4.5v (note 1) 1.8v vcc 2.5v (note 1) 16 t hs hold setup time 20 40 80 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v note 1: this parameter is periodically sampled and not 100% tested. 2: t wc begins on the rising edge of cs after a valid write sequence and ends when the internal write cycle is complete. 3: this parameter is not tested but ensured by characterization. for endurance estimates in a specific application, please consult the total endurance? model which can be obtained from our web site: www.microchip.com.
25aa256/25lc256 ds21822c-page 4 preliminary ? 2003 microchip technology inc. table 1-3: ac test conditions 17 t hh hold hold time 20 40 80 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 18 t hz hold low to output high-z 30 60 160 ? ? ? ns ns ns 4.5v vcc 5.5v (note 1) 2.5v vcc < 4.5v (note 1) 1.8v vcc < 2.5v (note 1) 19 t hv hold high to output valid 30 60 160 ? ? ? ns ns ns 4.5v vcc 5.5v 2.5v vcc < 4.5v 1.8v vcc < 2.5v 20 t wc internal write cycle time ? 5 ms (n ote 2) 21 ? endurance 1m ? e/w cycles (n ote 3) table 1-2: ac characteristics (continued) ac characteristics industrial (i): t a = -40c to +85c v cc = 1.8v to 5.5v automotive (e): t a = -40c to +125c v cc = 2.5v to 5.5v param. no. sym. characteristic min. max. units test conditions note 1: this parameter is periodically sampled and not 100% tested. 2: t wc begins on the rising edge of cs after a valid write sequence and ends when the internal write cycle is complete. 3: this parameter is not tested but ensured by characterization. for endurance estimates in a specific application, please consult the total endurance? model which can be obtained from our web site: www.microchip.com. ac waveform: v lo = 0.2v ? v hi = v cc - 0.2v (note 1) v hi = 4.0v (note 2) c l = 100 pf ? timing measurement reference level input 0.5 v cc output 0.5 v cc note 1: for v cc 4.0v 2: for vcc > 4.0v
? 2003 microchip technology inc. preliminary ds21822c-page 5 25aa256/25lc256 figure 1-1: hold timing figure 1-2: serial input timing figure 1-3: serial output timing cs sck so si hold 17 16 16 17 19 18 don?t care 5 high-impedance n+2 n+1 n n-1 n n+2 n+1 n n n-1 cs sck si so 6 5 8 7 11 3 lsb in msb in high-impedance 12 mode 1,1 mode 0,0 2 4 cs sck so 10 9 13 msb out isb out 3 15 don?t care si mode 1,1 mode 0,0 14
25aa256/25lc256 ds21822c-page 6 preliminary ? 2003 microchip technology inc. 2.0 functional description 2.1 principles of operation the 25xx256 is a 32768 byte serial eeprom designed to interface directly with the serial peripheral interface (spi) port of many of today?s popular microcontroller families, including microchip?s picmicro ? microcontrollers. it may also interface with microcontrollers that do not have a built-in spi port by using discrete i/o lines programmed properly in firmware to match the spi protocol. the 25xx256 contains an 8-bit instruction register. the device is accessed via the si pin, with data being clocked in on the rising edge of sck. the cs pin must be low and the hold pin must be high for the entire operation. table 2-1 contains a list of the possible instruction bytes and format for device operation. all instructions, addresses, and data are transferred msb first, lsb last. data (si) is sampled on the first rising edge of sck after cs goes low. if the clock line is shared with other peripheral devices on the spi bus, the user can assert the hold input and place the 25xx256 in ?hold? mode. after releasing the hold pin, operation will resume from the point when the hold was asserted. 2.2 read sequence the device is selected by pulling cs low. the 8-bit read instruction is transmitted to the 25xx256 followed by the 16-bit address, with the first msb of the address being a don?t care bit. after the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the so pin. the data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses. the internal address pointer is automatically incre- mented to the next higher address after each byte of data is shifted out. when the highest address is reached (7fffh), the address counter rolls over to address 0000h allowing the read cycle to be continued indefinitely. the read operation is terminated by raising the cs pin (figure 2-1). 2.3 write sequence prior to any attempt to write data to the 25xx256, the write enable latch must be set by issuing the wren instruction (figure 2-4). this is done by setting cs low and then clocking out the proper instruction into the 25xx256. after all eight bits of the instruction are transmitted, the cs must be brought high to set the write enable latch. if the write operation is initiated immediately after the wren instruction without cs being brought high, the data will not be written to the array because the write enable latch will not have been properly set. once the write enable latch is set, the user may proceed by setting the cs low, issuing a write instruction, followed by the 16-bit address, with the first msb of the address being a don?t care bit, and then the data to be written. up to 64 bytes of data can be sent to the device before a write cycle is necessary. the only restriction is that all of the bytes must reside in the same page. for the data to be actually written to the array, the cs must be brought high after the least significant bit (d0) of the n th data byte has been clocked in. if cs is brought high at any other time, the write operation will not be completed. refer to figure 2-2 and figure 2-3 for more detailed illustrations on the byte write sequence and the page write sequence respectively. while the write is in progress, the status register may be read to check the status of the wpen, wip, wel, bp1 and bp0 bits (figure 2-6). a read attempt of a memory array location will not be possible during a write cycle. when the write cycle is completed, the write enable latch is reset. note: page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. physical page boundaries start at addresses that are integer multiples of the page buffer size (or ?page size?) and, end at addresses that are integer multiples of page size - 1. if a page write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page as might be expected. it is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary.
? 2003 microchip technology inc. preliminary ds21822c-page 7 25aa256/25lc256 block diagram figure 2-1: read sequence si so sck cs hold wp status register i/o control memory control logic x dec hv generator eeprom array page latches y decoder sense amp. r/w control logic v cc v ss table 2-1: instruction set instruction name instruction format description read 0000 0011 read data from memory array beginning at selected address write 0000 0010 write data to memory array beginning at selected address wrdi 0000 0100 reset the write enable latch (disable write operations) wren 0000 0110 set the write enable latch (enable write operations) rdsr 0000 0101 read status register wrsr 0000 0001 write status register so si sck cs 0 234567891011 21222324252627282930 31 1 01 0 0 0 0 0 1 15 14 13 12 210 76543210 instruction 16-bit address data out high-impedance
25aa256/25lc256 ds21822c-page 8 preliminary ? 2003 microchip technology inc. figure 2-2: byte write sequence figure 2-3: page write sequence so si cs 9 1011 21222324252627282930 31 00 0 0 0 0 0 1 15 14 13 12 210 76543210 instruction 16-bit address data byte high-impedance sck 0 234567 18 twc si cs 9 1011 21222324252627282930 31 00 0 0 0 0 0 1 15 14 13 12 210 76543210 instruction 16-bit address data byte 1 sck 0 234567 1 8 si cs 41 42 43 46 47 76543210 data byte n (64 max) sck 32 34 35 36 37 38 39 33 40 76543210 data byte 3 76543210 data byte 2 44 45
? 2003 microchip technology inc. preliminary ds21822c-page 9 25aa256/25lc256 2.4 write enable ( wren ) and write disable ( wrdi ) the 25xx256 contains a write enable latch. see table 2-4 for the write-protect functionality matrix. this latch must be set before any write operation will be completed internally. the wren instruction will set the latch, and the wrdi will reset the latch. the following is a list of conditions under which the write enable latch will be reset:  power-up  wrdi instruction successfully executed  wrsr instruction successfully executed  write instruction successfully executed figure 2-4: write enable sequence ( wren ) figure 2-5: write disable sequence ( wrdi ) sck 0 234567 1 si high-impedance so cs 01 0000 0 1 sck 0 234567 1 si high-impedance so cs 01 0000 0 1 0
25aa256/25lc256 ds21822c-page 10 preliminary ? 2003 microchip technology inc. 2.5 read status register instruction ( rdsr ) the read status register instruction ( rdsr ) provides access to the status register. the status register may be read at any time, even during a write cycle. the status register is formatted as follows: table 2-2: status register the write-in-process (wip) bit indicates whether the 25xx256 is busy with a write operation. when set to a ? 1 ?, a write is in progress, when set to a ? 0 ?, no write is in progress. this bit is read-only. the write enable latch (wel) bit indicates the status of the write enable latch and is read-only. when set to a ? 1 ?, the latch allows writes to the array, when set to a ? 0 ?, the latch prohibits writes to the array. the state of this bit can always be updated via the wren or wrdi commands regardless of the state of write protection on the status register. these commands are shown in figure 2-4 and figure 2-5. the block protection (bp0 and bp1) bits indicate which blocks are currently write-protected. these bits are set by the user issuing the wrsr instruction. these bits are nonvolatile, and are shown in table 2-3. see figure 2-6 for the rdsr timing sequence. figure 2-6: read status register timing sequence ( rdsr ) 7 654 3 2 1 0 w/r ???w/rw/r r r wpen x x x bp1 bp0 wel wip w/r = writable/readable. r = read-only. so si cs 91011 12131415 11 0 0 0 0 00 7654 2 10 instruction data from status register high-impedance sck 0 234567 1 8 3
? 2003 microchip technology inc. preliminary ds21822c-page 11 25aa256/25lc256 2.6 write status register instruction ( wrsr ) the write status register instruction ( wrsr ) allows the user to write to the nonvolatile bits in the status register as shown in table 2-2. the user is able to select one of four levels of protection for the array by writing to the appropriate bits in the status register. the array is divided up into four segments. the user has the ability to write-protect none, one, two, or all four of the segments of the array. the partitioning is controlled as shown in table 2-3. the write-protect enable (wpen) bit is a nonvolatile bit that is available as an enable bit for the wp pin. the write-protect (wp ) pin and the write-protect enable (wpen) bit in the status register control the programmable hardware write-protect feature. hard- ware write protection is enabled when wp pin is low and the wpen bit is high. hardware write protection is disabled when either the wp pin is high or the wpen bit is low. when the chip is hardware write-protected, only writes to nonvolatile bits in the status register are disabled. see table 2-4 for a matrix of functionality on the wpen bit. see figure 2-7 for the wrsr timing sequence. table 2-3: array protection figure 2-7: write status register timing sequence ( wrsr ) bp1 bp0 array addresses write-protected 00 none 01 upper 1/4 (6000h - 7fffh) 10 upper 1/2 (4000h - 7fffh) 11 all (0000h - 7fffh) so si cs 91011 12131415 01 0 0 0 0 00 7654 210 instruction data to status register high-impedance sck 0 234567 1 8 3 note: an internal write cycle (t wc ) is initiated on the rising edge of cs after a valid write status register sequence.
25aa256/25lc256 ds21822c-page 12 preliminary ? 2003 microchip technology inc. 2.7 data protection the following protection has been implemented to prevent inadvertent writes to the array:  the write enable latch is reset on power-up  a write enable instruction must be issued to set the write enable latch  after a byte write, page write or status register write, the write enable latch is reset cs must be set high after the proper number of clock cycles to start an internal write cycle  access to the array during an internal write cycle is ignored and programming is continued 2.8 power-on state the 25xx256 powers on in the following state:  the device is in low-power standby mode (cs = 1 )  the write enable latch is reset  so is in high-impedance state  a high-to-low-level transition on cs is required to enter active state table 2-4: write-protect functionality matrix wel (sr bit 1) wpen (sr bit 7) wp (pin 3) protected blocks unprotected blocks status register 0xx protected protected protected 10x protected writable writable 110 (low) protected writable protected 111 (high) protected writable writable x = don?t care
? 2003 microchip technology inc. preliminary ds21822c-page 13 25aa256/25lc256 3.0 pin descriptions the descriptions of the pins are listed in table 3-1. table 3-1: pin function table 3.1 chip select (cs ) a low level on this pin selects the device. a high level deselects the device and forces it into standby mode. however, a programming cycle which is already initiated or in progress will be completed, regardless of the cs input signal. if cs is brought high during a program cycle, the device will go into standby mode as soon as the programming cycle is complete. when the device is deselected, so goes to the high-impedance state, allowing multiple parts to share the same spi bus. a low-to-high transition on cs after a valid write sequence initiates an internal write cycle. after power- up, a low level on cs is required prior to any sequence being initiated. 3.2 serial output (so) the so pin is used to transfer data out of the 25xx256. during a read cycle, data is shifted out on this pin after the falling edge of the serial clock. 3.3 write-protect (wp ) this pin is used in conjunction with the wpen bit in the status register to prohibit writes to the nonvolatile bits in the status register. when wp is low and wpen is high, writing to the nonvolatile bits in the status register is disabled. all other operations function normally. when wp is high, all functions, including writes to the nonvolatile bits in the status register, operate normally. if the wpen bit is set, wp low during a status register write sequence will disable writing to the status register. if an internal write cycle has already begun, wp going low will have no effect on the write. the wp pin function is blocked when the wpen bit in the status register is low. this allows the user to install the 25xx256 in a system with wp pin grounded and still be able to write to the status register. the wp pin functions will be enabled when the wpen bit is set high. 3.4 serial input (si) the si pin is used to transfer data into the device. it receives instructions, addresses and data. data is latched on the rising edge of the serial clock. 3.5 serial clock (sck) the sck is used to synchronize the communication between a master and the 25xx256. instructions, addresses or data present on the si pin are latched on the rising edge of the clock input, while data on the so pin is updated after the falling edge of the clock input. 3.6 hold (hold ) the hold pin is used to suspend transmission to the 25xx256 while in the middle of a serial sequence with- out having to retransmit the entire sequence again. it must be held high any time this function is not being used. once the device is selected and a serial sequence is underway, the hold pin may be pulled low to pause further serial communication without resetting the serial sequence. the hold pin must be brought low while sck is low, otherwise the hold function will not be invoked until the next sck high-to- low transition. the 25xx256 must remain selected during this sequence. the si, sck and so pins are in a high-impedance state during the time the device is paused and transitions on these pins will be ignored. to resume serial communication, hold must be brought high while the sck pin is low, otherwise serial communication will not resume. lowering the hold line at any time will tri-state the so line. name pin number function cs 1 chip select input so 2 serial data output wp 3 write-protect pin v ss 4 ground si 5 serial data input sck 6 serial clock input hold 7 hold input v cc 8 supply voltage
25aa256/25lc256 ds21822c-page 14 preliminary ? 2003 microchip technology inc. 4.0 packaging information 4.1 package marking information legend: xx...x part number t temperature (i, e) blank commercial yy year code (last 2 digits of calendar year) except tssop which uses only the last 1 digit ww week code (week of january 1 is week ?01?) nnn alphanumeric traceability code note : custom marking available. t/xxxnnn xxxxxxxx yyww 8-lead pdip 8-lead soic t/xxyyww xxxxxxxx nnn xxxx tyww 8-lead tssop nnn i/p 1l7 25aa256 0328 example: example: i/sn 0328 25lc256 1l7 1l7 5le i328 example: tssop 1st line marking codes device 25aa256 std mark pb-free mark 5ae nae 8-lead dfn example : xxxxxxx t/xxxxx yyww 25lc256 i/mf 0328 1l7 nnn 25lc256 5le nle
? 2003 microchip technology inc. preliminary ds21822c-page 15 25aa256/25lc256 8-lead plastic dual flat no lead package (mf) 6x5 mm body (dfn-s) nom .050 bsc inches .194 bsc .184 bsc .226 bsc .236 bsc .008 ref. d overall width jedec equivalent: pending notes: drawing no. c04-113 molded package width lead width *controlling parameter mold draft angle top tie bar width lead length r b l d1 .014 .020 dimension limits molded package thickness pitch overall height overall length molded package length base thickness standoff number of pins a3 e1 e a2 a1 a .000 units n p min top view 12 a2 a 5.99 bsc .019 12 .030 .014 .016 .024 0.35 0.50 .356 0.40 0.60 5.74 bsc 12 0.47 0.75 millimeters* .039 .002 .031 .026 .0004 .033 0.00 8 max min 1.27 bsc 0.20 ref. 4.92 bsc 4.67 bsc 0.85 0.01 0.65 0.80 0.05 1.00 max nom 8 bottom view n e e1 pin 1 p b exposed pad length e2 exposed pad width d2 .085 .091 .097 2.16 2.31 2.46 .152 .158 .163 3.85 4.00 4.15 exposed metal pads d2 e2 a1 a3 l id d1 d r dimensions d and e1 do not include mold flash or protrusions. mold flash or protrusions shall not exceed .010? (0.254mm) per si de.
25aa256/25lc256 ds21822c-page 16 preliminary ? 2003 microchip technology inc. 8-lead plastic dual in-line (p) ? 300 mil (pdip) b1 b a1 a l a2 p e eb c e1 n d 1 2 units inches* millimeters dimension limits min nom max min nom max number of pins n 88 pitch p .100 2.54 top to seating plane a .140 .155 .170 3.56 3.94 4.32 molded package thickness a2 .115 .130 .145 2.92 3.30 3.68 base to seating plane a1 .015 0.38 shoulder to shoulder width e .300 .313 .325 7.62 7.94 8.26 molded package width e1 .240 .250 .260 6.10 6.35 6.60 overall length d .360 .373 .385 9.14 9.46 9.78 tip to seating plane l .125 .130 .135 3.18 3.30 3.43 lead thickness c .008 .012 .015 0.20 0.29 0.38 upper lead width b1 .045 .058 .070 1.14 1.46 1.78 lower lead width b .014 .018 .022 0.36 0.46 0.56 overall row spacing eb .310 .370 .430 7.87 9.40 10.92 mold draft angle top 51015 51015 mold draft angle bottom 51015 51015 * controlling parameter notes: dimensions d and e1 do not include mold flash or protrusions. mold flash or protrusions shall not exceed jedec equivalent: ms-001 drawing no. c04-018 .010? (0.254mm) per side. significant characteristic
? 2003 microchip technology inc. preliminary ds21822c-page 17 25aa256/25lc256 8-lead plastic small outline (sn) ? narrow, 150 mil (soic) foot angle 048048 15 12 0 15 12 0 mold draft angle bottom 15 12 0 15 12 0 mold draft angle top 0.51 0.42 0.33 .020 .017 .013 b lead width 0.25 0.23 0.20 .010 .009 .008 c lead thickness 0.76 0.62 0.48 .030 .025 .019 l foot length 0.51 0.38 0.25 .020 .015 .010 h chamfer distance 5.00 4.90 4.80 .197 .193 .189 d overall length 3.99 3.91 3.71 .157 .154 .146 e1 molded package width 6.20 6.02 5.79 .244 .237 .228 e overall width 0.25 0.18 0.10 .010 .007 .004 a1 standoff 1.55 1.42 1.32 .061 .056 .052 a2 molded package thickness 1.75 1.55 1.35 .069 .061 .053 a overall height 1.27 .050 p pitch 8 8 n number of pins max nom min max nom min dimension limits millimeters inches* units 2 1 d n p b e e1 h l c 45 a2 a a1 * controlling parameter notes: dimensions d and e1 do not include mold flash or protrusions. mold flash or protrusions shall not exceed .010? (0.254mm) per side. jedec equivalent: ms-012 drawing no. c04-057 significant characteristic
25aa256/25lc256 ds21822c-page 18 preliminary ? 2003 microchip technology inc. 8-lead plastic thin shrink small outline (st) ? 4.4 mm (tssop) 10 5 0 10 5 0 mold draft angle bottom 10 5 0 10 5 0 mold draft angle top 0.30 0.25 0.19 .012 .010 .007 b lead width 0.20 0.15 0.09 .008 .006 .004 c lead thickness 0.70 0.60 0.50 .028 .024 .020 l foot length 3.10 3.00 2.90 .122 .118 .114 d molded package length 4.50 4.40 4.30 .177 .173 .169 e1 molded package width 6.50 6.38 6.25 .256 .251 .246 e overall width 0.15 0.10 0.05 .006 .004 .002 a1 standoff 0.95 0.90 0.85 .037 .035 .033 a2 molded package thickness 1.10 .043 a overall height 0.65 .026 p pitch 8 8 n number of pins max nom min max nom min dimension limits millimeters* inches units a2 a a1 l c 1 2 d n p b e e1 foot angle 048048 * controlling parameter notes: dimensions d and e1 do not include mold flash or protrusions. mold flash or protrusions shall not exceed .005? (0.127mm) per side. jedec equivalent: mo-153 drawing no. c04-086 significant characteristic
? 2003 microchip technology inc. preliminary ds21822c-page 19 25aa256/25lc256 appendix a: revision history revision c corrections to section 1.0, electrical characteristics.
25aa256/25lc256 ds21822c-page 20 preliminary ? 2003 microchip technology inc. notes:
? 2003 microchip technology inc. preliminary ds21822c-page 21 25aa256/25lc256 on-line support microchip provides on-line support on the microchip world wide web site. the web site is used by microchip as a means to make files and information easily available to customers. to view the site, the user must have access to the internet and a web browser, such as netscape ? or microsoft ? internet explorer. files are also available for ftp download from our ftp site. connecting to the microchip internet web site the microchip web site is available at the following url: www.microchip.com the file transfer site is available by using an ftp service to connect to: ftp://ftp.microchip.com the web site and file transfer site provide a variety of services. users may download files for the latest development tools, data sheets, application notes, user's guides, articles and sample programs. a variety of microchip specific business information is also available, including listings of microchip sales offices, distributors and factory representatives. other data available for consideration is:  latest microchip press releases  technical support section with frequently asked questions  design tips  device errata  job postings  microchip consultant program member listing  links to other useful web sites related to microchip products  conferences for products, development systems, technical information and more  listing of seminars and events systems information and upgrade hot line the systems information and upgrade line provides system users a listing of the latest versions of all of microchip's development systems software products. plus, this line provides information on how customers can receive the most current upgrade kits.the hot line numbers are: 1-800-755-2345 for u.s. and most of canada, and 1-480-792-7302 for the rest of the world. 042003
25aa256/25lc256 ds21822c-page 22 preliminary ? 2003 microchip technology inc. reader response it is our intention to provide you with the best documentation possible to ensure successful use of your microchip prod- uct. if you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please fax your comments to the technical publications manager at (480) 792-4150. please list the following information, and use this outline to provide us with your comments about this document. to : technical publications manager re: reader response total pages sent ________ from: name company address city / state / zip / country telephone: (_______) _________ - _________ application (optional): would you like a reply? y n device: literature number: questions: fax: (______) _________ - _________ ds21822c 25aa256/25lc256 1. what are the best features of this document? 2. how does this document meet your hardware and software development needs? 3. do you find the organization of this document easy to follow? if not, why? 4. what additions to the document do you think would enhance the structure and subject? 5. what deletions from the document could be made without affecting the overall usefulness? 6. is there any incorrect or misleading information (what and where)? 7. how would you improve this document?
? 2003 microchip technology inc. preliminary ds21822c-page 23 25aa256/25lc256 product identification system to order or obtain information, e. g., on pricing or delivery, refer to the factory or the listed sales office . sales and support part no. x /xx x lead package tape & reel device device 25aa256 25lc256 256k-bit, 1.8v, 64-byte page, spi serial eeprom 256k-bit, 2.5v, 64-byte page, spi serial eeprom tape & reel blank = t= standard packaging (tube) tape & reel temperature range i = e= -40 c to+85 c -40 c to+125 c package mf = p= sn = st = micro lead frame (6 x 5 mm body), 8-lead plastic dip (300 mil body), 8-lead plastic soic (150 mil body), 8-lead tssop, 8-lead lead finish blank = g= standard 63% / 37% sn/pb matte tin (pure sn) examples: a) 25aa256-i/stg = 256k-bit, 1.8v serial eeprom, industrial temp., tssop package, pb-free b) 25aa256t-i/sn = 256k-bit, 1.8v serial eeprom, industrial temp., tape & reel, soic package c) 25aa256t-i/st = 256k-bit, 1.8v serial eeprom, industrial temp., tape & reel, tssop package d) 25lc256-i/stg = 256k-bit, 2.5v serial eeprom, industrial temp., tssop package, pb-free e) 25lc256-i/p = 256k-bit, 2.5v serial eeprom, industrial temp., p-dip package f) 25lc256t-e/st = 256k-bit, 2.5v serial eeprom, extended temp., tape & reel, tssop package ? finish data sheets products supported by a preliminary data sheet may have an errata sheet describing minor operational differences and recommended workarounds. to determine if an errata sheet exists for a particular device, please contact one of the following: 1. your local microchip sales office 2. the microchip corporate literature center u.s. fax: (480) 792-7277 3. the microchip worldwide site (www.microchip.com) please specify which device, revision of silicon and data sheet (include literature #) you are using. new customer notification system register on our web site (www.microchip.com/cn) to receive the most current information on our products. x tem p range
25aa256/25lc256 ds21822c-page 24 preliminary ? 2003 microchip technology inc. notes:
? 2003 microchip technology inc. preliminary ds21822c-page 25 information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. it is your responsibility to ensure that your application m eets with your specifications. no representation or warranty is given and no liability is assumed by microchip technol ogy incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. use of microc hip?s products as critical com- ponents in life support systems is not authorized except with express written approval by mi crochip. no licenses are con- veyed, implicitly or otherwis e, under any intellectual property rights. trademarks the microchip name and logo, the microchip logo, accuron, dspic, k ee l oq , mplab, pic, picmicro, picstart, pro mate and powersmart are registered trademarks of microchip technology incorporated in the u.s.a. and other countries. amplab, filterlab, micro id , mxdev, mxlab, picmaster, seeval and the embedded control solutions company are registered trademarks of micr ochip technology incorporated in the u.s.a. application maestro, dspicdem, dspicdem.net, ecan, economonitor, fansense, flexrom, fuzzylab, in-circuit serial programming, icsp, icepic, microport, migratable memory, mpasm, mplib, mplink, mpsim, pickit, picdem, picdem.net, powercal, powerinfo, powermate, powertool, rflab, rfpic, select mode, smartsensor, smartshunt, smar ttel and total endurance are trademarks of microchip technology incorporated in the u.s.a. and other countries. serialized quick turn programming (sqtp) is a service mark of microchip technology incorporated in the u.s.a. all other trademarks mentioned he rein are property of their respective companies. ? 2003, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. note the following details of the code protection feature on microchip devices:  microchip products meet the specification cont ained in their particular microchip data sheet.  microchip believes that its family of products is one of the most secure families of its kind on the market today, when used i n the intended manner and under normal conditions.  there are dishonest and possibly illegal methods used to breach the code protection feature. all of these methods, to our knowledge, require using the microchip produc ts in a manner outside the operating specifications contained in microchip's data sheets. most likely, the person doing so is engaged in theft of intellectual property.  microchip is willing to work with the customer who is concerned about the integrity of their code.  neither microchip nor any other semiconductor manufacturer c an guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are comm itted to continuously improving the code protection features of our products. attempts to break microchip?s c ode protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that act. microchip received qs-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona in july 1999 and mountain view, california in march 2002. the company?s quality system processes and procedures are qs-9000 compliant for its picmicro ? 8-bit mcus, k ee l oq ? code hopping devices, serial eeproms, microperipherals, non-volatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001 certified.
ds21822c-page 26 preliminary ? 2003 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: 480-792-7627 web address: http://www.microchip.com atlanta 3780 mansell road, suite 130 alpharetta, ga 30022 tel: 770-640-0034 fax: 770-640-0307 boston 2 lan drive, suite 120 westford, ma 01886 tel: 978-692-3848 fax: 978-692-3821 chicago 333 pierce road, suite 180 itasca, il 60143 tel: 630-285-0071 fax: 630-285-0075 dallas 4570 westgrove drive, suite 160 addison, tx 75001 tel: 972-818-7423 fax: 972-818-2924 detroit tri-atria office building 32255 northwestern highway, suite 190 farmington hills, mi 48334 tel: 248-538-2250 fax: 248-538-2260 kokomo 2767 s. albright road kokomo, in 46902 tel: 765-864-8360 fax: 765-864-8387 los angeles 18201 von karman, suite 1090 irvine, ca 92612 tel: 949-263-1888 fax: 949-263-1338 phoenix 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7966 fax: 480-792-4338 san jose 2107 north first street, suite 590 san jose, ca 95131 tel: 408-436-7950 fax: 408-436-7955 toronto 6285 northam drive, suite 108 mississauga, ontario l4v 1x5, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific australia suite 22, 41 rawson street epping 2121, nsw australia tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing unit 915 bei hai wan tai bldg. no. 6 chaoyangmen beidajie beijing, 100027, no. china tel: 86-10-85282100 fax: 86-10-85282104 china - chengdu rm. 2401-2402, 24th floor, ming xing financial tower no. 88 tidu street chengdu 610016, china tel: 86-28-86766200 fax: 86-28-86766599 china - fuzhou unit 28f, world trade plaza no. 71 wusi road fuzhou 350001, china tel: 86-591-7503506 fax: 86-591-7503521 china - hong kong sar unit 901-6, tower 2, metroplaza 223 hing fong road kwai fong, n.t., hong kong tel: 852-2401-1200 fax: 852-2401-3431 china - shanghai room 701, bldg. b far east international plaza no. 317 xian xia road shanghai, 200051 tel: 86-21-6275-5700 fax: 86-21-6275-5060 china - shenzhen rm. 1812, 18/f, building a, united plaza no. 5022 binhe road, futian district shenzhen 518033, china tel: 86-755-82901380 fax: 86-755-8295-1393 china - shunde room 401, hongjian building no. 2 fengxiangnan road, ronggui town shunde city, guangdong 528303, china tel: 86-765-8395507 fax: 86-765-8395571 china - qingdao rm. b505a, fullhope plaza, no. 12 hong kong central rd. qingdao 266071, china tel: 86-532-5027355 fax: 86-532-5027205 india divyasree chambers 1 floor, wing a (a3/a4) no. 11, o?shaugnessey road bangalore, 560 025, india tel: 91-80-2290061 fax: 91-80-2290062 japan benex s-1 6f 3-18-20, shinyokohama kohoku-ku, yokohama-shi kanagawa, 222-0033, japan tel: 81-45-471- 6166 fax: 81-45-471-6122 korea 168-1, youngbo bldg. 3 floor samsung-dong, kangnam-ku seoul, korea 135-882 tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 singapore 200 middle road #07-02 prime centre singapore, 188980 tel: 65-6334-8870 fax: 65-6334-8850 taiwan kaohsiung branch 30f - 1 no. 8 min chuan 2nd road kaohsiung 806, taiwan tel: 886-7-536-4818 fax: 886-7-536-4803 taiwan taiwan branch 11f-3, no. 207 tung hua north road taipei, 105, taiwan tel: 886-2-2717-7175 fax: 886-2-2545-0139 europe austria durisolstrasse 2 a-4600 wels austria tel: 43-7242-2244-399 fax: 43-7242-2244-393 denmark regus business centre lautrup hoj 1-3 ballerup dk-2750 denmark tel: 45-4420-9895 fax: 45-4420-9910 france parc d?activite du moulin de massy 43 rue du saule trapu batiment a - ler etage 91300 massy, france tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany steinheilstrasse 10 d-85737 ismaning, germany tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy via quasimodo, 12 20025 legnano (mi) milan, italy tel: 39-0331-742611 fax: 39-0331-466781 netherlands p. a. de biesbosch 14 nl-5152 sc drunen, netherlands tel: 31-416-690399 fax: 31-416-690340 united kingdom 505 eskdale road winnersh triangle wokingham berkshire, england rg41 5tu tel: 44-118-921-5869 fax: 44-118-921-5820 07/28/03 w orldwide s ales and s ervice


▲Up To Search▲   

 
Price & Availability of 25AA256T-EP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X