Part Number Hot Search : 
PCF8577C IRFI4020 STPA200 DS050 P0461 14300 C9068 FDLL916
Product Description
Full Text Search
 

To Download 216125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axial lead and cartridge fuses 421 www.littelfuse.com 11 axial lead and cartridge fuses designed to iec standard 5 x 20 mm fast-acting fuse 216 series ?designed to international (iec) standards for use globally. ?meets the iec 60127-2, sheet 1 specification for fast acting fuses. ?available in cartridge and axial lead form. ?available in ratings of 0.050 to 10 amperes. ?high breaking capacity. electrical characteristics: % of ampere ampere opening rating rating time 150% .05 6.3 60 minutes, min imum 8-16 30 minutes, min imum 210% .05 16 30 minutes, max imum 275% .05 4 0.01 sec., min. ; 2 sec. max. 5 6.3 0.01 sec., min. ; 3 sec. max. 8-16 0.04 sec., min. ; 20 sec. max. 400% .05 6.3 .003 sec., min. ; 0.3 sec. max. 8-16 .01 sec., min. ; 1.0 sec. max. 1000% .05 6.3 .02 seconds, max imum 8-16 .03 seconds, max imum interrupting rating: 0.05 - 10a 1500a @ 250 vac, 0.7-0.8 power factor ordering information: cartridge nominal nominal catalog ampere voltage resistance melting i 2 t number rating rating cold ohms a 2 sec. 216 .050 .050 250 15.900 0.00019 216 .063 .063 250 10.450 0.00054 216 .080 .080 250 7.885 0.00084 216 .100 .100 250 5.793 0.00450 216 .125 .125 250 3.675 0.00545 216 .160 .160 250 5.349 0.00576 216 .200 .200 250 3.350 0.00438 216 .250 .250 250 2.350 0.00891 216 .315 .315 250 1.850 0.015 216 .400 .400 250 0.903 0.036 216 .500 .500 250 0.847 0.169 216 .630 .630 250 0.466 0.179 216 .800 .800 250 0.295 0.288 216 001 1 250 0.237 0.180 216 1.25 1.25 250 0.153 0.477 216 01.6 1.6 250 0.111 1.008 216 002 2 250 0.076 1.870 216 02.5 2.5 250 0.058 2.697 216 3.15 3.15 250 0.037 6.700 216 004 4 250 0.025 14.996 216 005 5 250 0.018 27.460 216 06.3 6.3 250 0.014 56.429 216 008 8* 250 0.010 64.316 216 010 10* 250 0.008 154.339 environmental specifications: operating temperature: -55?c to 125?c thermal shock: mil-std-202f method 107g, test condition b: (5 cycles ?5? to +125?) vibration: mil-std-202f method 201a humidity: mil-std-202f method 103b, test condition a. high relative humidity (95%) and elevated temperature (40?) for 240 hours. salt spray: mil-std-202f method 101d, test condition b physical specifications: material: body: ceramic cap: nickel plated brass leads: tin plated copper filler sand (160ma ?10a) terminal strength: mil-std-202f method 211a, test condition a solderability: reference iec 60127 second edition 2003-01 annex a product marking: cap 1: current and voltage rating. cap 2: agency approval markings. packaging: available in bulk (v=5, h=100, m=1000 pcs/pkg) or on tape/reel (mret1=1000 pcs/reel).
axial lead and cartridge fuses 422 www.littelfuse.com 5 x 20 mm fast-acting fuse 216 series average time current curves agency approvals agency approvals ampere range certificate no. 2003010207079960 50ma ?800ma 2002010207007594 1a ?6.3a certificate no. su05001-2013 1a ?10a recognised file no. e10480 guide no. jdyx2 file no. 029862 acc. class no. lr1422-30 licence no. km41462 1a ?6.3a file no. 9848103, 9931059 304518 & 304555 certificate no. cartridge nbk250702-e10480 a & c nbk250702-e10480 e leaded nbk250702-e10480 b & d nbk250702-e10480 f 1a ?10a 50ma ?10a 32ma ?6.3a 50ma ?10a designed to iec standard current in amperes 0.001 0.01 0.1 0.01 0.1 1 10 100 1000 1 10 100 1000 10000 time in seconds 0.050a 0.063a 0.080a 0.100a 0.125a 0.160a 0.200a 0.250a 0.315a 0.400a 0.500a 1a 0.800a 0.630a 1.25a 1.6a 2a 2.5a 3.15a 4a 5a 6.3a 8a 10a 12.5a 16a 0216 000 0216. 100 xe 0216. 050 xe to 40 20+0.5 22.5 max 5.1+0.6 5.2+0.1 -0.2 5.1+0.6 6.0 max 0216 010 .xe 0216 001 .xe to 0.65* 0.65 40 22.5 max 5.8 max all dimensions in mm notes: * ratings above 6.3a have 0.8 mm dia lead


▲Up To Search▲   

 
Price & Availability of 216125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X