Part Number Hot Search : 
ATS611 014IRBL ANTX2 P4SMAJ 1300A 0015453 CMHZ4691 M35V5
Product Description
Full Text Search
 

To Download 095522-2667 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0955222667 status: active overview: modular_plugs_jacks description: hipro te 6/6 jack documents: 3d model product specification ps-95522-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e107635 general product family modular jacks/plugs series 95522 component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj11 physical boot color n/a color - resin black durability (mating cycles max) 1,000 flammability 94v-0 inverted / top latch no lightpipes/leds none material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation vertical (top entry) pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 50.8 plating min: mating (m) 1.27 plating min: termination (in) 76 plating min: termination (m) 1.9 ports 1 positions / loaded contacts 6/6 surface mount compatible (smc) yes temperature range - operating -40c to +80c termination interface: style through hole waterproof / dustproof no wire/cable type n/a electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 95522 series mates with fcc 68 plugs
current - maximum per contact 1.5a shielded no voltage - maximum 125v dc solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-95022 product specification ps-95522-001 sales drawing sd-95522-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 095522-2667

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X