Part Number Hot Search : 
XV1N3001 MN101 645ETTTS SMCJ85C 100GD 40N10 SMS256AF KRC116M
Product Description
Full Text Search
 

To Download VE15A-050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ve 15a series (15 watts desk top ac adapter) ac-dc power supplies power systems ? the power solution web: www.power-systems.de address: d?rnet 8 ; 74360 ilsfeld-auenstein / germany email: info@power-systems.de tel. : + 49 / 70 62 / 67 59 - 6 fax: + 49 / 70 62 / 67 59 - 80 all specification are subject to change without notice. page ( 1 / 1 ) ver, 08.05.2003 model no. po vo io max ovp max VE15A-050 15w 5.0v 3.0a 6.5v ve15a-060 15w 6.0v 2.5a 8.0v ve15a-075 15w 7.5v 2.0a 9.5v ve15a-090 15w 9.0v 1.67a 12v ve15a-120 18w 12.0v 1.5a 15v features safety environmental three pin iec c6 input receptacle wide range ac input level b emi filter fully enclosed plastic case fully regulated output high efficiency high quality operating temperature storage temperature 0 deg. c to +40 deg. c ambient -20 deg. c to +80 deg. c ambient ul: cul: tuv: iec: ce: ul1950 csa 22.2 no.950 en 60950 950 emi meet fcc class b, cispr 22 class b, vcci class b electrical specifications input output voltage .......................... 90-264vac (wide range) current .......................... 1.0arms max. frequency ..................... 47-63hz voltage (vo) ................... (see table) tolerance ....................... 5% power (po) ..................... 15w hold up time ................... 10ms min. at full load, 115vac ovp ... ???????.. (see table) overcurrent protection ... built-in short circuit protection ... pulsing mode, auto recovery efficiency ....................... 80% typ. at full load and 115vac ripple/noise(vp-p) ........ 1% (20mhz bandwidth) output electronic specifications


▲Up To Search▲   

 
Price & Availability of VE15A-050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X