Part Number Hot Search : 
ACT244 CUS512 81868 3GD17 HYB18 075757 UM37525P RC0402
Product Description
Full Text Search
 

To Download UF4003G-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf4001g ? uf4007g 1 of 4 ? 2006 won-top electronics pb uf4001g ? uf4007g 1.0a glass passivated ultrafast diode features ! glass passivated die construction ! low forward voltage drop ! high current capability a b a ! high reliability ! high surge current capability mechanical data c ! case: do-41, molded plastic d ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 0.34 grams (approx.) ! mounting position: any ! marking: type number ! lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 4 maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol uf 4001g uf 4002g uf 4003g uf 4004g uf 4005g uf 4006g uf 4007g unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @t a = 55c i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a forward voltage @i f = 1.0a v fm 1.0 1.3 1.7 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 5.0 100 a reverse recovery time (note 2) t rr 50 75 ns typical junction capacitance (note 3) c j 20 10 pf operating temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c note: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case 2. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. see figure 5. 3. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. wte power semiconductors do-41 dim min max a 25.4 ? b 4.06 5.21 c 0.71 0.864 d 2.00 2.72 all dimensions in mm
uf4001g ? uf4007g 2 of 4 ? 2006 won-top electronics  0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f u f 4 0 0 1 g - uf 400 3 g uf 40 0 5g - uf 400 7 g t = 25 c pulse width = 300 s j m uf 40 04 g 10 20 30 0 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 peak forward surge current pulse width 8.3 ms single half-sine-wave (jedec method) 50v dc approx 50 ni (non-inductive) w 10 ni w 1.0 ni w oscilloscope (note 1) pulse generator (note 2) device under test t rr se t tim e bas e fo r 5 /10 ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 50 . w w fig. 5 reverse recovery time characteristic and test circuit (+) (+) (-) (-) 1 10 100 1 1 0 100 c , capacitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r uf 40 0 1 g - uf 40 0 4 g uf 400 5g - uf 40 07 g t = 25 c f = 1.0mhz j 0 0.25 0.50 0.75 1.00 02550 75 100 125 150 175 i , average fwd rectified current (a) (av) t , ambient temperature ( c) fig. 1 forward current derating curve a single phase half wave resistive or inductive load
uf4001g ? uf4007g 3 of 4 ? 2006 won-top electronics marking information taping specifications packaging information packaging reel diameter / box size (mm) quantity (pcs) carton size (mm) quantity (pcs) approx. gross weight (kg) tape & reel 330 5,000 370 x 370 x 420 25,000 13.0 tape & box 255 x 75 x 150 5,000 400 x 273 x 415 50,000 21.0 bulk 198 x 84 x 20 1,000 459 x 214 x 256 50,000 19.5 note: 1. paper reel, white or gray color. core material: plastic or metal. 2. components are packed in accordance with eia standard rs-296-e. tape & reel cathode = polarity band uf400xg = device number x = 1, 2, 3, 4, 5, 6 or 7 wte = manufacturer?s logo uf400xg wte 0.8mm max 5mm 1.2mm max 0.8mm max 6mm 52.4mm cathode tape: red anode tape: white 330mm product id label inspection hole (both ends) 805mm tape & box 255mm product id label 150mm 75mm bulk 198mm 84mm 20mm
uf4001g ? uf4007g 4 of 4 ? 2006 won-top electronics ordering information product no. package type shipping quantity uf4001g-t3 do-41 5000/tape & reel uf4001g-tb do-41 5000/tape & box uf4001g do-41 1000 units/box uf4002g-t3 do-41 5000/tape & reel uf4002g-tb do-41 5000/tape & box uf4002g do-41 1000 units/box UF4003G-T3 do-41 5000/tape & reel uf4003g-tb do-41 5000/tape & box uf4003g do-41 1000 units/box uf4004g-t3 do-41 5000/tape & reel uf4004g-tb do-41 5000/tape & box uf4004g do-41 1000 units/box uf4005g-t3 do-41 5000/tape & reel uf4005g-tb do-41 5000/tape & box uf4005g do-41 1000 units/box uf4006g-t3 do-41 5000/tape & reel uf4006g-tb do-41 5000/tape & box uf4006g do-41 1000 units/box uf4007g-t3 do-41 5000/tape & reel uf4007g-tb do-41 5000/tape & box uf4007g do-41 1000 units/box 1. products listed in bold are wte preferred devices. 2. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. 3. to order rohs / lead free version (with lead free finish), add ?-lf? suffix to part number above. for example, uf4001g-tb-lf . won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com


▲Up To Search▲   

 
Price & Availability of UF4003G-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X