Part Number Hot Search : 
EGS031 2SC49 33990 ON2377 03150 HD6417 BA7267F D5N50
Product Description
Full Text Search
 

To Download SST5911 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. features ? improved ? direct ? replacement ? for ? siliconix ? & ? national ? SST5911 ? low ? noise ? (10khz) ? e n ~ ? 4nv/ hz ? high ? transconductance ? (100mhz) ? g fs ? ? 4000s ? absolute ? maximum ? ratings ? 1 ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 65c ? to ? +150c ? operating ? junction ? temperature ?\ 55c ? to ? +135c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ? (total) ? 500mw ? maximum ? currents ? gate ? current ? 50ma ? maximum ? voltages ? gate ? to ? drain ?\ 25v ? gate ? to ? source ?\ 25v ? ?? ?? ?? matching ? characteristics ? @ ? 25c ? (unless ? otherwise ? stated) ? symbol ? characteristic ? min ? typ ? max ? units ? conditions ? |v gs1 ? ? ? v gs2 ? | ? differential ? gate ? to ? source ? cutoff ? voltage ? \\? \\? 10 ? mv ? v dg ? = ? 10v, ? i d ? = ? 5ma ?????????? ? ? |v gs1 ? ? ? v gs2 ? | ? / ?? t ? ? differential ? gate ? to ? source ? cutoff ?? voltage ? change ? with ? temperature ? \\? \\? 20 ? v/c ? v dg ? = ? 10v, ? i d ? = ? 5ma ?????? t a ? = ?\ 55c ? to ? +125c ? i dss1 ?? / ? i dss2 ? ? gate ? to ? source ? saturation ? current ? ratio ? 0.95 ? \\? 1 ? % ? v ds ? = ? 10v, ? v gs ? = ? 0v ? |i g1 ? ? ? i g2 ? | ? differential ? gate ? current ? \\? \\? 20 ? na ? v dg ? = ? 10v, ? i d ? = ? 5ma ?????? t a ? = ? +125c ?? g fs1 ? / ? g fs2 ? ? forward ? transconductance ? ratio 2 ? 0.95 ? \\? 1 ? % ? v ds ? = ? 10v, ? i d ? = ? 5ma, ? f ? = ? 1khz ? cmrr ? common ? mode ? rejection ? ratio ? \\? 85 ? \\? db ? v dg ? = ? 5v ? to ? 10v, ? i d ? = ? 5ma ????????? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristics ? min. ? typ. ? max. ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ?\ 25 ? \\? ? ? v ? ? i g ? = ?\ 1a, ? v ds ? = ? 0v ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ?\ 1 ? \\? \ 5 ? v ds ? = ? 10v, ? i d = ? 1na ? v gs ( f ) ? gate ? to ? source ? forward ? voltage ? \\? 0.7 ? \\? i g ? = ?? 1ma, ? v ds ? = ? 0v ? v gs ? gate ? to ? source ? voltage ?\ 0.3 ? \\? \ 4 ? v dg ? = ? 10v, ? i g ? = ? 5ma ? i dss ? gate ? to ? source ? saturation ? current 3 ? 7 ? \\? 40 ? ma ? v ds ? = ? 10v, ? v gs ? = ? 0v ? i gss ? gate ? leakage ? current 3 ? \\? \ 1 ?\ 50 ?? pa ? v gs ? = ?\ 15v, ? v ds ? = ? 0v ? i g ? gate ? operating ? current ? \\? \ 1 ?\ 50 ? v dg ? = ? 10v, ? i d ? = ? 5ma ? g fs ? forward ? transconductance ? 4000 ? \\? 10000 ?? s ? ? ? v dg ? = ? 10v, ? i d = ? 5ma ? 4000 ? \\? 10000 ? g os ? output ? conductance ? \\? \\? 100 ? \\? \\? 150 ? c iss ? input ? capacitance ? \\? \\? 5 ? pf ? ? v dg ? = ? 10v, ? i d ? = ? 5ma, ? f ? = ? 1mhz ? c rss ? reverse ? transfer ? capacitance ? \\? \\? 1.2 ? nf ? noise ? figure ? \\? \\? 1 ? db ? v dg ? = ? 10v, ? i d ? = ? 5ma, ? f ? = ? 10khz, ? r g ? = ? 100k ? e n ? equivalent ? input ? noise ? voltage ? \\? 7 ? 20 ? nv/ hz ? v dg ? = ? 10v, ? i d ? = ? 5ma, ? f ? = ? 100hz ? \\? 4 ? 10 ? v dg ? = ? 10v, ? i d ? = ? 5ma, ? f ? = ? 10khz ? notes: ? 1. ? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? serviceability ? may ? be ? impaired ????? 2. ? pulse ? test: ? pw ?? 300s ? duty ? cycle ?? 3% 3. ? assumes ? smaller ? value ? in ? numerator ? ? ? SST5911 monolithic dual n-channel jfet linear s y stems re p laces discontinued siliconix & national SST5911 SST5911 applications: ? wideband differential amps ? high-speed,temp-compensated single- ended input amps ? high-speed comparators ? impedance converters and vibrations detectors . the SST5911 are monolithic dual jfets. the monolithic dual chip design reduces parasitics and gives better performance at very high frequencies while ensuring extremely tight matching. these devices are an excellent choice for use as wideband differential amplifiers in demanding test and measurement applications. the SST5911 is a direct replacement for discontinued siliconix and national SST5911. the 8 pin soic provides ease of manufacturing, and the symmetrical pinout prev ents improper orientation. (see packaging information). please contact micross for fu ll package and die dimensions: email: chipcomponents@micross.com web: www.micross.com/distribution.aspx available packages: SST5911 in soic SST5911 available as bare die ?


▲Up To Search▲   

 
Price & Availability of SST5911

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X