Part Number Hot Search : 
SMBJ100 2A224K 5367B C2050 P6KE33 VC00P 20PFI BL9328
Product Description
Full Text Search
 

To Download SST39SF040-70-4I-WHE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2003 silicon storage technology, inc. s71147-06-000 8/04 1 the sst logo and superflash are registered trademarks of silicon storage technology, inc. mpf is a trademark of silicon storage technology, inc. these specifications are subject to change without notice. data sheet 1 mbit / 2 mbit / 4 mbit (x8) multi-purpose flash sst39sf010a / sst39s f020a / sst39sf040 features: ? organized as 128k x8 / 256k x8 / 512k x8  single 4.5-5.5v read and write operations  superior reliability ? endurance: 100,000 cycles (typical) ? greater than 100 years data retention  low power consumption (typical values at 14 mhz) ? active current: 10 ma (typical) ? standby current: 30 a (typical)  sector-erase capability ? uniform 4 kbyte sectors  fast read access time: ? 45 ns ? 70 ns  latched address and data  fast erase and byte-program ? sector-erase time: 18 ms (typical) ? chip-erase time: 70 ms (typical) ? byte-program time: 14 s (typical) ? chip rewrite time: 2 seconds (typical) for sst39sf010a 4 seconds (typical) for sst39sf020a 8 seconds (typical) for sst39sf040  automatic write timing ? internal v pp generation  end-of-write detection ? toggle bit ? data# polling  ttl i/o compatibility  jedec standard ? flash eeprom pinouts and command sets  packages available ? 32-lead plcc ? 32-lead tsop (8mm x 14mm) ? 32-pin pdip product description the sst39sf010a/020a/040 are cmos multi-purpose flash (mpf) manufactured with sst?s proprietary, high performance cmos superflash technology. the split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. the sst39sf010a/020a/040 devices write (program or erase) with a 4.5-5.5v power supply. the sst39sf010a/020a/040 devices conform to jedec stan- dard pinouts for x8 memories. featuring high performance byte-program, the sst39sf010a/020a/040 devices provide a maximum byte-program time of 20 sec. these devices use toggle bit or data# polling to indicate the completion of program operation. to protect against inadvertent write, they have on-chip hardware and software data protection schemes. designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical endurance of 10,000 cycles. data retention is rated at greater than 100 years. the sst39sf010a/020a/040 devices are suited for appli- cations that require convenient and economical updating of program, configuration, or data memory. for all system applications, they significantly improve performance and reliability, while lowering power consumption. they inher- ently use less energy during erase and program than alter- native flash technologies. the total energy consumed is a function of the applied voltage, current, and time of applica- tion. since for any given voltage range, the superflash technology uses less current to program and has a shorter erase time, the total energy consumed during any erase or program operation is less than alternative flash technolo- gies. these devices also improve flexibility while lowering the cost for program, data, and configuration storage appli- cations. the superflash technology provides fixed erase and pro- gram times, independent of the number of erase/program cycles that have occurred. therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose erase and program times increase with accumulated erase/pro- gram cycles. to meet high density, surface mount requirements, the sst39sf010a/020a/040 are offered in 32-lead plcc and 32-lead tsop packages. a 600 mil, 32-pin pdip is also available. see figures 1, 2, and 3 for pin assignments. sst39sf010a / 020a / 0405.0v 1mb / 2mb / 4mb (x8) mpf memories
2 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 device operation commands are used to initiate the memory operation func- tions of the device. commands are written to the device using standard microprocessor write sequences. a com- mand is written by asserting we# low while keeping ce# low. the address bus is latc hed on the falling edge of we# or ce#, whichever occurs last. the data bus is latched on the rising edge of we# or ce#, whichever occurs first. read the read operation of the sst39sf010a/020a/040 is controlled by ce# and oe#, both have to be low for the system to obtain data from the outputs. ce# is used for device selection. when ce# is high, the chip is dese- lected and only standby power is consumed. oe# is the output control and is used to gate data from the output pins. the data bus is in high impedance state when either ce# or oe# is high. refer to the read cycle timing diagram (figure 4) for further details. byte-program operation the sst39sf010a/020a/040 are programmed on a byte- by-byte basis. before programming, the sector where the byte exists must be fully erased. the program operation is accomplished in three steps. the first step is the three-byte load sequence for software data protection. the second step is to load byte address and byte data. during the byte- program operation, the addresses are latched on the falling edge of either ce# or we#, whichever occurs last. the data is latched on the rising edge of either ce# or we#, whichever occurs first. the third step is the internal pro- gram operation which is initiated after the rising edge of the fourth we# or ce#, whichever occurs first. the program operation, once initiated, will be completed, within 20 s. see figures 5 and 6 for we# and ce# controlled program operation timing diagrams and figure 15 for flowcharts. during the program operation, the only valid reads are data# polling and toggle bit. during the internal program operation, the host is free to perform additional tasks. any commands written during the internal program operation will be ignored. sector-erase operation the sector-erase operation allows the system to erase the device on a sector-by-sector basis. the sector architecture is based on uniform sector size of 4 kbyte. the sector- erase operation is initiated by executing a six-byte com- mand load sequence for softwa re data protection with sector-erase command (30h) and sector address (sa) in the last bus cycle. the sector address is latched on the fall- ing edge of the sixth we# pulse, while the command (30h) is latched on the rising edge of the sixth we# pulse. the internal erase operation begins after the sixth we# pulse. the end-of-erase can be determined using either data# polling or toggle bit methods. see figure 9 for timing waveforms. any commands written during the sector- erase operation will be ignored. chip-erase operation the sst39sf010a/020a/040 provide chip-erase opera- tion, which allows the user to erase the entire memory array to the ?1s? state. this is useful when the entire device must be quickly erased. the chip-erase operation is initiated by executing a six- byte software data protection command sequence with chip-erase command (10h) with address 5555h in the last byte sequence. the internal erase operation begins with the rising edge of the sixth we# or ce#, whichever occurs first. during the internal erase operation, the only valid read is toggle bit or data# polling. see table 4 for the command sequence, figure 10 for timing diagram, and figure 18 for the flowchart. any commands written during the chip- erase operation will be ignored. write operation status detection the sst39sf010a/020a/040 provide two software means to detect the completion of a write (program or erase) cycle, in order to optimize the system write cycle time. the software detection includes two status bits: data# polling (dq 7 ) and toggle bit (dq 6 ). the end-of-write detection mode is enabled after the rising edge of we# which ini- tiates the internal program or erase operation. the actual completion of the nonvolatile write is asynchro- nous with the system; therefore, either a data# polling or toggle bit read may be simultaneous with the completion of the write cycle. if this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to con- flict with either dq 7 or dq 6 . in order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. if both reads are valid, then the device has completed the write cycle, otherwise the rejec- tion is valid.
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 3 ?2003 silicon storage technology, inc. s71147-06-000 8/04 data# polling (dq 7 ) when the sst39sf010a/020a/040 are in the internal pro- gram operation, any attempt to read dq 7 will produce the complement of the true data. once the program operation is completed, dq 7 will produce true data. note that even though dq 7 may have valid data immediately following the completion of an internal write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive read cycles after an interval of 1 s. during internal erase opera- tion, any attempt to read dq 7 will produce a ?0?. once the internal erase operation is completed, dq 7 will produce a ?1?. the data# polling is valid after the rising edge of fourth we# (or ce#) pulse for program operation. for sector- or chip-erase, the data# polling is valid after the rising edge of sixth we# (or ce#) pulse. see figure 7 for data# polling timing diagram and figure 16 for a flowchart. toggle bit (dq 6 ) during the internal program or erase operation, any con- secutive attempts to read dq 6 will produce alternating 0s and 1s, i.e., toggling between 0 and 1. when the internal program or erase operation is completed, the toggling will stop. the device is then ready for the next operation. the toggle bit is valid after the rising edge of fourth we# (or ce#) pulse for program operation. for sector- or chip- erase, the toggle bit is valid after the rising edge of sixth we# (or ce#) pulse. see figure 8 for toggle bit timing dia- gram and figure 16 for a flowchart. data protection the sst39sf010a/020a/040 provide both hardware and software features to protect nonvolatile data from inadvert- ent writes. hardware data protection noise/glitch protection: a we# or ce# pulse of less than 5 ns will not initiate a write cycle. v dd power up/down detection: the write operation is inhibited when v dd is less than 2.5v. write inhibit mode: forcing oe# low, ce# high, or we# high will inhibit t he write operation. th is prevents inadvert- ent writes during power-up or power-down. software data protection (sdp) the sst39sf010a/020a/040 provide the jedec approved software data protection scheme for all data alteration operations, i.e., program and erase. any pro- gram operation requires the inclusion of a series of three- byte sequence. the three-byte load sequence is used to initiate the program operation, providing optimal protection from inadvertent write operations, e.g., during the system power-up or power-down. any erase operation requires the inclusion of six-byte load sequence. the sst39sf010a/ 020a/040 devices are shipped with the software data pro- tection permanently enabled. see table 4 for the specific software command codes. during sdp command sequence, invalid commands w ill abort the device to read mode, within t rc. product identification the product identification mode identifies the device as the sst39sf040, sst39sf010a, or sst39sf020a and manufacturer as sst. this mode may be accessed by soft- ware operations. users may wish to use the software prod- uct identification operation to identify the part (i.e., using the device id) when using multiple manufacturers in the same socket. for details, table 4 for software operation, figure 11 for the software id entry and read timing diagram and figure 17 for the id entry command sequence flowchart. product identificatio n mode exit/reset in order to return to the standard read mode, the software product identification mode must be exited. exit is accom- plished by issuing the exit id command sequence, which returns the device to the read operation. please note that the software reset command is ignored during an internal program or erase operation. see table 4 for software com- mand codes, figure 12 for timing waveform and figure 17 for a flowchart. table 1: p roduct i dentification address data manufacturer?s id 0000h bfh device id sst39sf010a 0001h b5h sst39sf020a 0001h b6h sst39sf040 0001h b7h t1.2 1147
4 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 1: p in a ssignments for 32- lead plcc y-decoder i/o buffers and data latches 1147 b1.2 address buffers & latches x-decoder dq 7 - dq 0 memory address oe# ce# we# superflash memory control logic f unctional b lock d iagram sst39sf010a sst39sf010a sst39sf010a sst39sf010a 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 a7 a6 a5 a4 a3 a2 a1 a0 dq0 sst39sf020a sst39sf040 a7 a6 a5 a4 a3 a2 a1 a0 dq0 a7 a6 a5 a4 a3 a2 a1 a0 dq0 a14 a13 a8 a9 a11 oe# a10 ce# dq7 sst39sf020a sst39sf040 a14 a13 a8 a9 a11 oe# a10 ce# dq7 a14 a13 a8 a9 a11 oe# a10 ce# dq7 4 3 2 1 32 31 30 a12 a15 a16 nc v dd we# nc sst39sf020a sst39sf040 a12 a15 a16 nc v dd we# a17 a12 a15 a16 a18 v dd we# a17 32-lead plcc top view 1147 32-plcc p2.4 14 15 16 17 18 19 20 dq1 dq2 v ss dq3 dq4 dq5 dq6 sst39sf020a sst39sf040 dq1 dq2 v ss dq3 dq4 dq5 dq6 dq1 dq2 v ss dq3 dq4 dq5 dq6
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 5 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 2: p in a ssignments for 32- lead tsop (8 mm x 14 mm ) figure 3: p in a ssignments for 32- pin pdip a11 a9 a8 a13 a14 nc we# v dd nc a16 a15 a12 a7 a6 a5 a4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 oe# a10 ce# dq7 dq6 dq5 dq4 dq3 v ss dq2 dq1 dq0 a0 a1 a2 a3 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1147 32-tsop p1.1 standard pinout top view die up sst39sf010a a11 a9 a8 a13 a14 a17 we# v dd nc a16 a15 a12 a7 a6 a5 a4 a11 a9 a8 a13 a14 a17 we# v dd a18 a16 a15 a12 a7 a6 a5 a4 sst39sf020a sst39sf040 sst39sf010a oe# a10 ce# dq7 dq6 dq5 dq4 dq3 v ss dq2 dq1 dq0 a0 a1 a2 a3 oe# a10 ce# dq7 dq6 dq5 dq4 dq3 v ss dq2 dq1 dq0 a0 a1 a2 a3 sst39sf020a sst39sf040 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32-pin pdip top view 1147 32-pdip p3.2 nc a16 a15 a12 a7 a6 a5 a4 a3 a2 a1 a0 dq0 dq1 dq2 v ss sst39sf010a nc a16 a15 a12 a7 a6 a5 a4 a3 a2 a1 a0 dq0 dq1 dq2 v ss sst39sf020a a18 a16 a15 a12 a7 a6 a5 a4 a3 a2 a1 a0 dq0 dq1 dq2 v ss sst39sf040 sst39sf010a 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 v dd we# nc a14 a13 a8 a9 a11 oe# a10 ce# dq7 dq6 dq5 dq4 dq3 sst39sf020a sst39sf040 v dd we# a17 a14 a13 a8 a9 a11 oe# a10 ce# dq7 dq6 dq5 dq4 dq3 v dd we# a17 a14 a13 a8 a9 a11 oe# a10 ce# dq7 dq6 dq5 dq4 dq3
6 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 table 2: p in d escription symbol pin name functions a ms 1 -a 0 address inputs to provide memory addresses. during sector-erase a ms -a 12 address lines will select the sector. dq 7 -dq 0 data input/output to ou tput data during read cycles and receive input data during write cycles. data is internally latched during a write cycle. the outputs are in tri-state when oe# or ce# is high. ce# chip enable to activate the device when ce# is low. oe# output enable to gate the data output buffers. we# write enable to control the write operations. v dd power supply to provide 5.0v supply (4.5-5.5v) v ss ground nc no connection unconnected pins. t2.2 1147 1. a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 table 3: o peration m odes s election mode ce# oe# we# dq address read v il v il v ih d out a in program v il v ih v il d in a in erase v il v ih v il x 1 1. x can be v il or v ih , but no other value. sector address, xxh for chip-erase standby v ih x x high z x write inhibit x v il x high z/ d out x xxv ih high z/ d out x product identification software mode v il v il v ih see table 4 t3.3 1147
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 7 ?2003 silicon storage technology, inc. s71147-06-000 8/04 table 4: s oftware c ommand s equence command sequence 1st bus write cycle 2nd bus write cycle 3rd bus write cycle 4th bus write cycle 5th bus write cycle 6th bus write cycle addr 1 data addr 1 data addr 1 data addr 1 data addr 1 data addr 1 data byte-program 5555h aah 2aaah 55h 5555h a0h ba 2 data sector-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h sa x 3 30h chip-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h 5555h 10h software id entry 4,5 5555h aah 2aaah 55h 5555h 90h software id exit 6 xxh f0h software id exit 6 5555h aah 2aaah 55h 5555h f0h t4.2 1147 1. address format a 14 -a 0 (hex), addresses a ms -a 15 can be v il or v ih , but no other value, for the command sequence. a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 2. ba = program byte address 3. sa x for sector-erase; uses a ms -a 12 address lines 4. the device does not remain in software product id mode if powered down. 5. with a ms -a 1 = 0; sst manufacturer?s id = bfh, is read with a 0 = 0, sst39sf010a device id = b5h, is read with a 0 = 1 sst39sf020a device id = b6h, is read with a 0 = 1 sst39sf040 device id = b7h, is read with a 0 = 1 6. both software id exit operations are equivalent absolute maximum stress ratings (applied conditions greater than t hose listed under ?absolute maximum stress ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these conditions or conditions greater t han those defined in the operational sections of this data sheet is not implied. exposu re to absolute maximum stress rating co nditions may affect device reliability.) temperature under bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55c to +125c storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65c to +150c d. c. voltage on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0. 5v to v dd +0.5v transient voltage (<20 ns) on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0v to v dd +2.0v voltage on a 9 pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5v to 13.2v package power dissipation capability (ta = 25c) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0w through hold lead soldering temperature (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300c surface mount lead soldering temperature (3 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240c output short circuit current 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 m a 1. outputs shorted for no more than one second. no more than one output shorted at a time. o perating r ange range ambient temp v dd commercial 0c to +70c 4.5-5.5v industrial -40c to +85c 4.5-5.5v ac c onditions of t est input rise/fall time . . . . . . . . . . . . . . 5 ns output load . . . . . . . . . . . . . . . . . . . . . c l = 30 pf for 45 ns output load . . . . . . . . . . . . . . . . . . . . . c l = 100 pf for 70 ns see figures 13 and 14
8 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 table 5: dc o perating c haracteristics v dd = 4.5-5.5v 1 symbol parameter limits test conditions min max units i dd power supply current address input=v ilt /v iht , at f=1/t rc min v dd =v dd max read 2 25 ma ce#=v il , oe#=we#=v ih , all i/os open program and erase 35 ma ce#=we#=v il , oe#=v ih i sb1 standby v dd current (ttl input) 3mace#=v ih , v dd =v dd max i sb2 standby v dd current (cmos input) 100 a ce#=v ihc , v dd =v dd max i li input leakage current 1 a v in =gnd to v dd , v dd =v dd max i lo output leakage current 10 a v out =gnd to v dd , v dd =v dd max v il input low voltage 0.8 v v dd =v dd min v ih input high voltage 2.0 v v dd =v dd max v ihc input high voltage (cmos) v dd -0.3 v v dd =v dd max v ol output low voltage 0.4 v i ol =2.1 ma, v dd =v dd min v oh output high voltage 2.4 v i oh =-400 a, v dd =v dd min t5.10 1147 1. typical conditions for the active current shown on the front data sheet page are average values at 25c (room temperature), and v dd = 5v for sf devices. not 100% tested. 2. values are for 70 ns conditions. see the multi-purpose flash power rating application note for further information. table 6: r ecommended s ystem p ower - up t imings symbol parameter minimum units t pu-read 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. power-up to read operation 100 s t pu-write 1 power-up to program/erase operation 100 s t6.1 1147 table 7: c apacitance (ta = 25c, f=1 mhz, other pins open) parameter description test condition maximum c i/o 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. i/o pin capacitance v i/o = 0v 12 pf c in 1 input capacitance v in = 0v 6 pf t7.0 1147 table 8: r eliability c haracteristics symbol parameter minimum specification units test method n end 1,2 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. 2. n end endurance rating is qualified as a 10,000 cycl e minimum for the whole device. a sector- or block-level rating would result in a higher minimum specification. endurance 10,000 cycles jedec standard a117 t dr 1 data retention 100 years jedec standard a103 i lt h 1 latch up 100 + i dd ma jedec standard 78 t8.2 1147
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 9 ?2003 silicon storage technology, inc. s71147-06-000 8/04 ac characteristics table 9: r ead c ycle t iming p arameters v dd = 4.5-5.5v symbol parameter sst39sf010a/020a/040-45 sst 39sf010a/020a/040-70 units min max min max t rc read cycle time 45 70 ns t ce chip enable access time 45 70 ns t aa address access time 45 70 ns t oe output enable access time 25 35 ns t clz 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. ce# low to active output 0 0 ns t olz 1 oe# low to active output 0 0 ns t chz 1 ce# high to high-z output 15 25 ns t ohz 1 oe# high to high-z output 15 25 ns t oh 1 output hold from address change 0 0 ns t9.4 1147 table 10: p rogram /e rase c ycle t iming p arameters symbol parameter min max units t bp byte-program time 20 s t as address setup time 0 ns t ah address hold time 30 ns t cs we# and ce# setup time 0 ns t ch we# and ce# hold time 0 ns t oes oe# high setup time 0 ns t oeh oe# high hold time 10 ns t cp ce# pulse width 40 ns t wp we# pulse width 40 ns t wph 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. we# pulse width high 30 ns t cph 1 ce# pulse width high 30 ns t ds data setup time 40 ns t dh 1 data hold time 0 ns t ida 1 software id access and exit time 150 ns t se sector-erase 25 ms t sce chip-erase 100 ms t10.1 1147
10 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 4: r ead c ycle t iming d iagram figure 5: we# c ontrolled p rogram c ycle t iming d iagram 1147 f03.1 address a ms-0 dq 7-0 we# oe# ce# t ce t rc t aa t oe t olz v ih high-z t clz t oh t chz high-z data valid data valid t ohz note: a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 1147 f04.1 address a ms-0 note: a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 dq 7-0 t dh t wph t ds t wp t ah t as t ch t cs ce# sw0 sw1 sw2 5555 2aaa 5555 addr aa 55 a0 data internal program operation starts byte (addr/data) oe# we# t bp
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 11 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 6: ce# c ontrolled p rogram c ycle t iming d iagram figure 7: d ata # p olling t iming d iagram 1147 f05.1 address a ms-0 dq 7-0 t dh t cph t ds t cp t ah t as t ch t cs we# sw0 sw1 sw2 5555 2aaa 5555 addr aa 55 a0 data internal program operation starts byte (addr/data) oe# ce# t bp note: a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 1147 f06.1 address a ms-0 note: a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 dq 7 dd# d# d we# oe# ce# t oeh t oe t ce t oes
12 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 8: t oggle b it t iming d iagram figure 9: we# c ontrolled s ector -e rase t iming d iagram 1147 f07.1 address a ms-0 dq 6 we# oe# ce# t oe t oeh t ce t oes two read cycles with same outputs note note: toggle bit output is always high first. a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 1147 f08.1 note: this device also supports ce# controlled sector-erase operation. the we# and ce# signals are interchageable as long as minimum timings are met. (see table 10) sa x = sector address a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 address a ms-0 dq 7-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 55 30 55 aa 80 aa sa x oe# ce# six-byte code for sector-erase t se t wp
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 13 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 10: we# c ontrolled c hip -e rase t iming d iagram figure 11: s oftware id e ntry and r ead 1147 f17.1 address a ms-0 note: this device also supports ce# controlled chip-erase operation. the we# and ce# signals are interchageable as long as minimum timings are met. (see table 10) sa x = sector address a ms = most significant address a ms = a 16 for sst39sf010a, a 17 for sst39sf020a, and a 18 for sst39sf040 dq 7-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 55 10 55 aa 80 aa 5555 oe# ce# six-byte code for chip-erase t sce t wp 1147 f09.2 address a 14-0 t ida dq 7-0 we# sw0 sw1 sw2 5555 2aaa 5555 0000 0001 oe# ce# three-byte sequence for software id entry t wp t wph t aa bf device id 55 aa 90 device id = b5h for sst39sf010a, b6h for sst39sf020a, and b7h for sst39sf040
14 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 12: s oftware id e xit and r eset 1147 f10.0 address a 14-0 dq 7-0 t ida t wp t whp we# sw0 sw1 sw2 5555 2aaa 5555 three-byte sequence for software id exit and reset oe# ce# aa 55 f0
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 15 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 13: ac i nput /o utput r eference w aveforms figure 14: a t est l oad e xample 1147 f11.1 reference points output input v it v iht v ilt v ot ac test inputs are driven at v iht (3.0v) for a logic ?1? and v ilt (0v) for a logic ?0?. measurement reference points for inputs and outputs are v it (1.5v) and v ot (1.5v). input rise and fall times (10% ? 90%) are <5 ns. note: v it - v input te s t v ot - v output te s t v iht - v input high test v ilt - v input low test 1147 f12.0 to tester to dut c l r l low r l high v dd
16 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 15: b yte -p rogram a lgorithm 1147 f13.1 start load data: aah address: 5555h load data: 55h address: 2aaah load data: a0h address: 5555h load byte address/byte data wait for end of program (t bp , data# polling bit, or toggle bit operation) program completed
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 17 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 16: w ait o ptions 1147 f14.0 wait t bp , t sce, or t se byte program/erase initiated internal timer toggle bit ye s ye s no no program/erase completed does dq 6 match? read same byte data# polling program/erase completed program/erase completed read byte is dq 7 = true data? read dq 7 byte program/erase initiated byte program/erase initiated
18 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 17: s oftware p roduct c ommand f lowcharts 1147 f15.1 load data: aah address: 5555h software product id entry command sequence load data: 55h address: 2aaah load data: 90h address: 5555h wait t ida read software id load data: aah address: 5555h software product id exit & reset command sequence load data: 55h address: 2aaah load data: f0h address: 5555h load data: f0h address: xxh return to normal operation wait t ida wait t ida return to normal operation
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 19 ?2003 silicon storage technology, inc. s71147-06-000 8/04 figure 18: e rase c ommand s equence 1147 f16.1 load data: aah address: 5555h chip-erase command sequence load data: 55h address: 2aaah load data: 80h address: 5555h load data: 55h address: 2aaah load data: 10h address: 5555h load data: aah address: 5555h wait t sce chip erased to ffh load data: aah address: 5555h sector-erase command sequence load data: 55h address: 2aaah load data: 80h address: 5555h load data: 55h address: 2aaah load data: 30h address: sa x load data: aah address: 5555h wait t se sector erased to ffh
20 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 product ordering information environmental attribute e = non-pb package modifier h = 32 pins or leads package type n = plcc p = pdip w = tsop (type 1, die up, 8mm x 14mm) temperature range c = commercial = 0c to +70c i = industrial = -40c to +85c minimum endurance 4 = 10,000 cycles read access speed 45 = 45 ns 70 = 70 ns version a = special feature version device density 040 = 4 mbit 020 = 2 mbit 010 = 1 mbit voltage s = 4.5-5.5v product series 39 = multi-purpose flash sst 39 sf 010a - 45 - 4c - nh e xx x xxxx x -xxx -xx - xxx x
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 21 ?2003 silicon storage technology, inc. s71147-06-000 8/04 note: valid combinations are those products in mass producti on or will be in mass production. consult your sst sales representative to confirm availability of valid combinat ions and to determine availability of new combinations. valid combinations for sst39sf010a sst39sf010a-45-4c-nh ss t39sf010a-45-4c-wh sst39sf010a-45-4c-nhe s st39sf010a-45-4c-whe sst39sf010a-70-4c-nh sst39sf010a- 70-4c-wh sst39sf010a-70-4c-ph sst39sf010a-70-4c-nhe sst39sf010a- 70-4c-whe sst39sf010a-70-4c-phe sst39sf010a-45-4i-nh ss t39sf010a-45-4i-wh sst39sf010a-45-4i-nhe ss t39sf010a-45-4i-whe sst39sf010a-70-4i-nh ss t39sf010a-70-4i-wh sst39sf010a-70-4i-nhe ss t39sf010a-70-4i-whe valid combinations for sst39sf020a sst39sf020a-45-4c-nh ss t39sf020a-45-4c-wh sst39sf020a-45-4c-nhe s st39sf020a-45-4c-whe sst39sf020a-70-4c-nh sst39sf020a- 70-4c-wh sst39sf020a-70-4c-ph sst39sf020a-70-4c-nhe sst39sf020a- 70-4c-whe sst39sf020a-70-4c-phe sst39sf020a-45-4i-nh ss t39sf020a-45-4i-wh sst39sf020a-45-4i-nhe ss t39sf020a-45-4i-whe sst39sf020a-70-4i-nh ss t39sf020a-70-4i-wh sst39sf020a-70-4i-nhe ss t39sf020a-70-4i-whe valid combinations for sst39sf040 sst39sf040-45-4c-nh s st39sf040-45-4c-wh sst39sf040-45-4c-nhe ss t39sf040-45-4c-whe sst39sf040-70-4c-nh sst39sf040- 70-4c-wh sst39sf040-70-4c-ph sst39sf040-70-4c-nhe ss t39sf040-70-4c-whe sst39sf040-70-4c-phe sst39sf040-45-4i-nh s st39sf040-45-4i-wh sst39sf040-45-4i-nhe ss t39sf040-45-4i-whe sst39sf040-70-4i-nh s st39sf040-70-4i-wh sst39sf040-70-4i-nhe ss t39sf040-70-4i-whe
22 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 packaging diagrams 32- lead p lastic l ead c hip c arrier (plcc) sst p ackage c ode : nh .040 .030 .021 .013 .530 .490 .095 .075 .140 .125 .032 .026 .032 .026 .029 .023 .453 .447 .553 .547 .595 .585 .495 .485 .112 .106 .042 .048 .048 .042 .015 min. top view side view bottom view 1 232 .400 bsc 32-plcc-nh-3 note: 1. complies with jedec publication 95 ms-016 ae dimensions, although some dimensions may be more stringent. 2. all linear dimensions are in inches (max/min). 3. dimensions do not include mold flash. maximum allowable mold flash is .008 inches. 4. coplanarity: 4 mils. .050 bsc .050 bsc optional pin #1 identifier .020 r. max. r. x 30?
data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 23 ?2003 silicon storage technology, inc. s71147-06-000 8/04 32- lead t hin s mall o utline p ackage (tsop) 8 mm x 14 mm sst p ackage c ode : wh 32-tsop-wh-7 note: 1. complies with jedec publication 95 mo-142 ba dimensions, although some dimensions may be more stringent. 2. all linear dimensions are in millimeters (max/min). 3. coplanarity: 0.1 mm 4. maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads. 1.20 max. 1mm pin # 1 identifier 12.50 12.30 14.20 13.80 0.70 0.50 8.10 7.90 0.27 0.17 0. 50 bsc 1.05 0.95 0.15 0.05 0.70 0.50 0?- 5? detail
24 data sheet 1 mbit / 2 mbit / 4 mbit multi-purpose flash sst39sf010a / sst39sf020a / sst39sf040 ?2003 silicon storage technology, inc. s71147-06-000 8/04 32- pin p lastic d ual i n - line p ins (pdip) sst p ackage c ode : ph table 11: r evision h istory number description date 02  2002 data book may 2002 03  changes to table 5 on page 8 ? added footnote for mpf power usage and typical conditions ? clarified the test conditions for power supply current and read parameters ? clarified i dd write to be program and erase mar 2003 04  document status changed from ?preliminary specification? to ?data sheet?  changed i dd program and erase max values from 25 to 35 in table 5 on page 8 oct 2003 05  2004 data book  added non-pb mpns and removed footnote (see page 21) nov 2003 06  corrected revision history for version 04: i dd max value was incorrectly stated as 30 ma instead of 35 ma aug 2004 32-pdip-ph-3 pin #1 identifier c l 32 1 base plane seating plane note: 1. complies with jedec publication 95 mo-015 ap dimensions, although some dimensions may be more stringent. 2. all linear dimensions are in inches (max/min). 3. dimensions do not include mold flash. maximum allowable mold flash is .010 inches. .200 .170 7? 4 plcs. .600 bsc .100 bsc .150 .120 .022 .016 .065 .045 .080 .070 .050 .015 .075 .065 1.655 1.645 .012 .008 0? 15? .625 .600 .550 .530 silicon storage technology, inc.  1171 sonora court  sunnyvale, ca 94086  telephone 408-735-9110  fax 408-735-9036 www.superflash.com or www.sst.com


▲Up To Search▲   

 
Price & Availability of SST39SF040-70-4I-WHE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X