Part Number Hot Search : 
75N06HD LT1526J HGT1S IRF101 KJ07ETT BCM94704 BD414 ADP1190A
Product Description
Full Text Search
 

To Download RB751S-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification schottky barrier diode RB751S-30 document number: bl/ssskd011 www.galaxycn.com rev.a 1 features z low reverse current and low forward voltage. z high reliability. z small surface mounting type. applications sod-523 z low current rectification and high s peed switching. ordering information type no. marking package code rb751s-40 5 sod-523 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit dc reverse voltage v r 30 v mean rectifying current i o 30 ma peak forward surge current i fsm 200 ma junction temperature t j 125 storage temperature t stg -40-125 electrical characteristics @ ta=25 unless otherwise specified parameter symbol min. typ. max. unit conditions forward voltage v f 0.37 v i f =1ma reverse current i r 0.5 a v r =30v capacitance between terminals c t 2 pf v r =1v,f=1mhz typical characteristics @ ta=25 unless otherwise specified pb lead-free
bl galaxy electrical production specification schottky barrier diode RB751S-30 document number: bl/ssskd011 www.galaxycn.com rev.a 2 package outline plastic surface mounted package sod-523 sod-523 dim min max a 1.1 1..3 b 0.7 0.9 c 0.5 0.7 d 0.25 0.35 e 0.15 0.25 j 0.1 typical k 1.5 1.7 all dimensions in mm
bl galaxy electrical production specification schottky barrier diode RB751S-30 document number: bl/ssskd011 www.galaxycn.com rev.a 3 soldering footprint unit mm package information device package shipping RB751S-30 sod-523 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of RB751S-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X