Part Number Hot Search : 
VTD205K 6681Z EN7946A TYN682 SD758 XXXAB 2SA1621 XXXAB
Product Description
Full Text Search
 

To Download MURF1005CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m urf1 0 05 c t thru mu rf 1 04 0 ct 1 0 am p isolation s up er f as t recovery rectifier 5 0 to 4 0 0 volts features low power loss, high efficiency low forward voltage, high current capability high surge capacity super fast recovery times, high voltage ca se : it o -22 0 ab f ul l m o ld ed p l a s t ic pa ck ag e maximum ratings operating j un ct io n temperature: - 5 5 c to +1 5 0 c storage temperature: - 5 5 c to +1 50 c m cc catalog number maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage mu rf 1 0 05 c t 5 0 v 35 v 5 0v murf1010ct 10 0v 70 v 1 0 0v murf1015ct 15 0v 1 0 5 v 15 0v murf1020ct 20 0v 1 4 0 v 2 0 0 v murf1030ct 30 0v 21 0 v 30 0v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 1 0 a t c = 100 c peak forward surge current i fsm 1 50 a 8.3ms, half sine                        mcc www. mccsemi .com t j = 25 c pin 1 pin 3 pin 2 a b c k j i h g e d n m l h  i n c h es m m              a . 583 . 6 06 1 4 . 80 1 5 . 40 b -- - . 4 0 6 --- 10. 30 n .0 98 . 1 1 4 2. 50 2. 9 0         o f c . 10 0 . 1 12 2. 5 5 2. 85 d . 2 48 . 27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4. 10 f - - - . 0 7 1 -- - 1. 80 g . 512 . 5 43 13.00 13 .8 0 h .1 00 2. 55 i --- . 035 -- - 0. 9 0 j --- . 032 --- 0. 80 k .1 18 . 1 34 3. 00 3. 40 l --- . 189 --- 4. 8 0 m --- . 130 --- 3.3 0 i t o - 22 0 a b murf1 0 4 0c t 40 0v 28 0 v 40 0v pin 13 2 o --- . 05 5 --- 1. 40 maximum instantaneous forward voltage 1 0 0 5 c t - 1 0 2 0 ct 1 0 3 0 c t - 1 0 4 0 ct v f . 95 v 1. 30 v i fm = 5 a; maximum dc reverse current at rated dc blocking voltage i r 5 u a t c = 25 c 500u a t c = 1 00 c maximum reverse recovery time t r r i f =0.5a, i r =1.0a, i r r =0.25a 1 0 0 5 c t - 1 0 2 0 ct 1 0 3 0 c t - 1 0 4 0 ct 35 n s 50 ns         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #   
mu rf 1 0 05 ct t h r u mu rf 1 04 0 ct ww w . mccsemi .com mcc r a t i n g a nd ch a r a c t e r i s t i c cur ves 10 8 6 4 2 0 0 50 100 150 c a s e t e m p e r a t u r e , j 40 20 10 8 6 4 2 1 . 0 . 8 . . 6 . 4 . 2 . 1 . 6 . 7 . 8 9 1 . 0 1 . 1 1 . 2 1 . 3 50 . 100 . 150 . 200 v 3 0 0 . 4 0 0 v t j = 2 5 j p u l s e w i d t h = 2 0 0 g s i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c f i g . 1 - f o r w a rd curr e n t d e r a t i n g cur ve f i g . 2 - t y p i c a l i n s t n a t a n e o u s f o r w a rd ch a r a c t e r i s t i c 1000 100 10 1 . 01 0 100 200 300 t c = 1 0 0 j t c = 7 5 j t c = 25 j 150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8 . 3 m s s i n g l e h a l f s i n e w av e j e d e c m e t h o d n o . o f c y c l e s a t 6 0 h z f i g . 3 - t y p i c a l r eve r se ch a r a c t e r i s t i c s f i g . 4 - m ax i m u m n o n - r epe t i t i ve s ur g e curr e n t . 80 70 60 50 40 30 1 2 5 20 50 100 200 500 t j = 2 5 j r e v e r s e v o l t a g e , v o l t s f i g . 5 - t y p i c a l j unc t i o n c apa c i t a nc e average forward current, amperes i n s tantaneous forward current amperes i nstantaneous reverse current, millamperes p eak forward surge current, amperes capacitance, pf


▲Up To Search▲   

 
Price & Availability of MURF1005CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X