Part Number Hot Search : 
CHN217 2SD386A F186M C244D L2500 B7758 LT1P53A 56F80
Product Description
Full Text Search
 

To Download MPSA64-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mpsa63 mpsa64 pnp darlington transistor features x capable of 1.5watts of power dissipation x collector current C500ma x operating junction temperature range: -55 : to +150 :  
 omp onents 2 0736 marilla street chatsworth       
     mcc revision: 5 2010/08/18 tm micro commercial components maximum ratings symbol rating rating unit v ceo collector-emitter voltage -30 v v cbo collector-base voltage -30 v v ebo emitter-base voltage -10 v i c collector current, continuous -500 ma t j operating junction temperature 150 : t stg storage temperature -55 to +150 : thermal characteristics symbol rating max unit p d total device dissipation @ t a =25 : derate above 25 : 625 5.0 mw mw/ : p d total device dissipation @ t a =25 : derate above 25 : 1.5 12 watts mw/ : r  jc thermal resistance, junction to case 83.3 : /w r  ja thermal resistance, junction to ambient 200 : /w electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c =-100adc,v be =0) -30 --- vdc i cbo collector cutoff current (v cb =-30c, i e =0) --- -100 nadc i ebo emitter cutoff current (v eb =-0vdc, i c =0) --- -100 nadc * pulse test: pulse width<300us, duty cycle<2.0% www. mccsemi .com 1 of 3 to-92 a e b c d g dimensions inches mm dim min max min max note a .170 .190 4.33 4.83 b .170 .190 4.30 4.83 c .550 .590 13.97 14.97 d .010 .020 0.36 0.56 e .130 .160 3.30 3.96 g .0 96 .104 2.44 2.64 cb e ? lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) ? marking:mpsa63,mpsa64 ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1
symbol parameter min typ max units on characteristics (1) h fe dc current gain (v ce =-5.0vdc, i c =-10madc) mpsa63 mpsa64 (v ce =-5.0vdc, i c =-100ma) mpsa63 mpsa64 5000 10000 10000 20000 --- --- --- --- --- --- --- --- v ce(sat) collector-emitter saturation voltage (i c =-100madc, i b =-0.1madc) --- --- -1.5 vdc v be(on) base-emitter on voltage (i c =-100madc, v ce =-5.0vdc) --- --- -2.0 vdc small-signal characteristics f t current-gain ---bandwidth product (2) (v ce =-5.0vdc, f=100mhz,i c =-100madc) 125 --- --- mhz 1. pulse test: pulse width<300us, duty cycle<2.0% 2. f t =h fe f tes t revision: 5 2010/08/18 mcc tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 5 2010/08/18 tm micro commercial components www. mccsemi .com 3 of 3 ordering information device packing (part number)-ap tape&reel;2kpcs/box (part number)-bp bulk;1kpcs/bag products are represented on our website, harmless against all damages. ***life support*** ***important notice*** without the expresse written approval of micro commercial components corporation. mcc's products are not authorized for use as critical components in life support devices or systems micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MPSA64-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X