Part Number Hot Search : 
ML120 INTERNA LTC372 MB905 KSP94 1206H SMCJ33C TM6203
Product Description
Full Text Search
 

To Download MMDT5451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente MMDT5451 0.2 w, 200 ma, 180 v plastic-encapsulated transistor (dual) 28-oct-2009 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. b l f h c j d g k a e rohs compliant product a suffix of -c specifies halogen & lead-free features  dual transistor (npn+pnp)  epitaxial planar die construction  ideal for low power amplification and switching  one 5551(npn), one 5401(pnp) marking : knm equivalent circuit absolute maximum ratings at ta = 25 c parameter symbol npn ratings pnp ratings unit collector-base voltage v cbo 180 -160 v collector-emitter voltage v ceo 160 -150 v emitter-base voltage v ebo 6 -5 v collector current -continuous i c 0.2 -0.2 a collector power dissipation p c 0.2 0.2 w thermal resistance. junction to ambient air r ja 625 c/w junction & storage temperature t j , t stg 150, -55~150 c sot-363 millimeter millimeter ref. min. max. ref. min. max. a 2.00 2.20 g 0.100 ref. b 2.15 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.15 d 0.90 1.10 k 8 e 1.20 1.40 l 0.650 typ. f 0.15 0.35 e1, b1, c1 = pnp 5401 e2, b2, c2 = npn 5551
elektronische bauelemente MMDT5451 0.2 w, 200 ma, 180 v plastic-encapsulated transistor (dual) 28-oct-2009 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. npn5551 electrical characteristics at ta = 25 c parameter symbol min. max. unit test conditions collector-base breakdown voltage v (br)cbo 180 - v i c =100 a,i e =0 collector-emitter breakdown voltage v (br)ceo 160 - v i c =1ma,i b =0 emitter-base breakdown voltage v (br)ebo 6 - v i e =10 a,i c =0 collector cut-off current i cbo - 0.05 a v cb =120v, i e =0 emitter cut-off current i ebo - 0.05 a v eb =4v, i c =0 h fe(1) 80 - v ce =5v,i c =1ma h fe(2) 80 250 v ce =5v,i c =10ma dc current gain h fe(3) 30 - v ce =5v,i c =50ma v ce(sat)1 - 0.15 v i c =10ma, i b =1ma collector-emitter saturation voltage v ce(sat)2 - 0.2 v i c =50ma, i b =5ma v be(sat)1 - 1 v i c =10ma, i b =1ma base-emitter saturation voltage v be(sat)2 - 1 v i c =50ma, i b =5ma transition frequency f t 100 300 mhz v ce = 10v, i c = 10ma, f = 100mhz output capacitance c ob - 6.0 pf v cb = 10v, f = 1.0mhz, i e = 0 noise figure nf - 8.0 db v ce = 5.0v, i c = 200 a, r s = 1.0k  ,f = 1.0khz pnp5401 electrical characteristics at ta = 25 c parameter symbol min. max. unit test conditions collector-base breakdown voltage v (br)cbo -160 - v i c =-100 a,i e =0 collector-emitter breakdown voltage v (br)ceo -150 - v i c =-1ma,i b =0 emitter-base breakdown voltage v (br)ebo -5 - v i e =-10 a,i c =0 collector cut-off current i cbo - -50 na v cb =-120v, i e =0 emitter cut-off current i ebo - -50 na v eb =-3v, i c =0 h fe(1) 50 - v ce =-5v,i c =-1ma h fe(2) 60 240 v ce =-5v,i c =-10ma dc current gain h fe(3) 50 - v ce =-5v,i c =-50ma v ce(sat)1 - -0.2 v i c =-10ma, i b =-1ma collector-emitter saturation voltage v ce(sat)2 - -0.5 v i c =-50ma, i b =-5ma v be(sat)1 - -1 v i c =-10ma, i b =-1ma base-emitter saturation voltage v be(sat)2 - -1 v i c =-50ma, i b =-5ma transition frequency f t 100 300 mhz v ce = -10v, i c = -10ma, f = 100mhz output capacitance c ob - 6.0 pf v cb = -10v, f = 1.0mhz, i e = 0 noise figure nf - 8.0 db v ce = -5.0v, i c = -200 a, r s = 10  , f = 1.0khz
elektronische bauelemente MMDT5451 0.2 w, 200 ma, 180 v plastic-encapsulated transistor (dual) 28-oct-2009 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente MMDT5451 0.2 w, 200 ma, 180 v plastic-encapsulated transistor (dual) 28-oct-2009 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves (contd)


▲Up To Search▲   

 
Price & Availability of MMDT5451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X