Part Number Hot Search : 
UPA18 ISD235X 5N120 1206D ZQB50H T6450A RKC15KD BCM563
Product Description
Full Text Search
 

To Download LO494PPG4-B0G-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   d a t a s h e e t : c l d - c t 0 9 5 . 0 0 0 cree ? 4-mm oval led model # LO494PPG4-B0G-A3 data sheet 100-degree oval led lamp in pure-green color with tinted, diffused lens and stopper applications full-color display absolute maximum ratings (t a = 25c) items symbol absolute maximum rating unit forward current i f 25 ma peak forward current note i fp 100 ma reverse voltage v r 5 v power dissipation p d 100 mw operation temperature t opr -40 ~ +95 c storage temperature t stg -40 ~ +100 c lead soldering temperature t sol max. 260c for 3 sec. max. (3 mm from the base of the epoxy bulb) note: pulse width 0.1 msec, duty 1/10. typical electrical & optical characteristics (t a = 25c) characteristics symbol condition unit minimum typical maximum forward voltage v f i f = 20 ma v 3.4 4.0 reverse current i r v r = 5 v a 100 dominant wavelength d i f = 20 ma nm 520 527 535 luminous intensity i v i f = 20 ma mcd 770 1200 50% power angle 2?h-h i f = 20 ma deg 100 2?v-v i f = 20 ma deg 50 ? subject to change without notice. www.cree.com/ledlamps
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 2 cld-ct095.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps standard bins for LO494PPG4-B0G-A3 (i f = 20 ma) lamps are sorted to luminous intensity (i v ) and dominant wavelength ( d ) bins shown. orders for LO494PPG4-B0G-A3 may be flled with any or all bins contained as below. all luminous intensity (i v ) and dominant wavelength ( d ) values shown and specifed are at i f = 20 ma. x7 x8 x9 v or above u t s important notes: all ranks will be included per delivery; rank ratio will be based on the dice distribution. pb content <1000 ppm. tolerance of measurement of luminous intensity is 15%. tolerance of measurement of dominant wavelength is 1 nm. tolerance of measurement of v f is 0.05 v. packaging methods are available for selection; please refer to the cree led lamp packaging standard docu - ment. please refer to the cree led lamp reliability test standards document for reliability test conditions. please refer to the cree led lamp soldering & handling document for information about how to use this led product safely. 1. 2. 3. 4. 5. 6. 7. 8. 530 nm luminous intensity (i v ) 535 nm 525 nm 520 nm 2130 mcd 1520 mcd 1100 mcd 770 mcd
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 3 cld-ct095.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps graphs 4/4 format #: cotco-d-074 rev.4 document no. spe/ LO494PPG4-B0G-A3 rev. no. 02 g g r r a a p p h h s s fig.5 maximum forward dc current vs ambient temperature (tjmax=105 c) 80.0 40.0 60.0 0.0 20.0 100.0 30 10 0 20 40 50 ta( c) fig.6 far field pattern 50% power angle : -90 -60 -30 0 h-h v-v 0 v-v : 50 30 60 90 0%0% 20%20% 40%40% 100%100% 60%60% 80%80% h-h : 100 ie(%) 60.0 20.0 forward current 0.0 0.0 40.0 2.0 1.0 3.0 if(ma) 100.0 80.0 forward voltage. 20.0 80.0 60.0 40.0 100.0 fig.1 forward current vs. 4.2 4.0 5.0 3.4 3.0 0.0 3.8 5.0 4.6 vf(v) if (ma) fig.4 relative luminous intensity vs. 0% 25% 75% wavelength. 50% 400 300 500 wl(nm) 600 700 half power wl=38nm fig.2 reverse current vs. 100% reverse voltage. domi wl= 527nm vr(v) -50 -40 -30 -20 -50.0 ir(ua) -20.0 -40.0 -30.0 0.0 -10.0 -10 0 if(ma) fig.3 relative luminous intensity vs. items signatures date revision history prepared by liuzm 2005-06-27 rev. no date change description checked by majf 2005-06-27 02 2005-06-27 release. iv(typ)1100 to 1200mcd. approved by david 2005-06-27 fcn# fcn20050208 data is subject to change without prior notice; pleas e refer to cotco website for the latest version. copyright@2002 cotco international ltd.
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 4 cld-ct095.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps mechanical dimensions all dimensions are in mm. tolerance is 0.25 mm unless otherwise noted. an epoxy meniscus may extend about 1.5 mm down the leads. burr around bottom of epoxy may be 0.5 mm max. notes rohs compliance the levels of environmentally sensitive, persistent biologically toxic (pbt), persistent organic pollutants (pop), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eu direc - tive 2002/95/ec on the restriction of the use of certain hazardous substances in electrical and electronic equipment (rohs), as amended through april 21, 2006. vision advisory claim users should be cautioned not to stare at the light of this led product. the bright light can damage the eye. 2/4 format #: cotco-d-074 rev.4 document no. spe/ LO494PPG4-B0G-A3 rev. no. 02 a a p p p p l l i i c c a a t t i i o o n n s s : : d d i i m m e e n n s s i i o o n n d d r r a a w w i i n n g g - full color display a a b b s s o o l l u u t t e e m m a a x x i i m m u u m m r r a a t t i i n n g g s s a a t t t t a a = = 2 2 5 5 c items symbol absolute maximum rating unit forward current i f 25 ma peak forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 100 mw operation temperature t opr -40 ~ +95 c storage temperature t stg -40 ~ +100 c lead soldering temperature t sol max.260 c for 3 sec max. (3mm from the base of the epoxy bulb) *pulse width <=0.1msec duty <=1/10 t t y y p p i i c c a a l l e e l l e e c c t t r r i i c c a a l l & & o o p p t t i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s ( ( t t a a = = 2 2 5 5 c ) ) items symbol condition min. typ. max. unit forward voltage v f i f = 20ma --- 3.4 4.0 v reverse current i r v r = 5v --- --- 100 p a dominant wavelength o d i f = 20ma 520 527 535 nm luminous intensity i v i f = 20ma 770 1200 --- mcd 2 t ? h-h i f = 20ma --- 100 --- deg 50% power angle 2 t ? v-v i f = 20ma --- 50 --- deg
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 5 cld-ct095.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps kit number system cree led lamps are tested and sorted into performance bins. a bin is specifed b y ranges of color, forward voltage, and brightness. sorted leds are packaged for shipping in various convenient options. please refer to the cree led lamp packaging standard document for more information about shipping and packaging options. cree leds are sold by order codes in combinations of bins called kits. order codes are confgured in the following manner: * contact your cree sales representative for ordering information. standard available kits* kit number description call cree sales 4mm oval 110 pure green 527nm * please contact your cree representative about the availability of non-standard kits. aaaaaaaaa-aaa-aa- x x x x x wd/color 1: full-color distribution 2~9, a~z . . . : special request * i v 0: full luminous intensity distribution 1~9, a~z . . . : special request * v f 0: full forward v oltage distribution 1~9, a~z . . . : special request * pa cking type 0: standard = bulk pack 1~9, a~z . . . : special request * standard/custom 0: standard c: custom product p/n


▲Up To Search▲   

 
Price & Availability of LO494PPG4-B0G-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X