Part Number Hot Search : 
25201 24SR12 S1048 GM0465R LT1P97A SLC0XXX 2SC4434 MMSZ5259
Product Description
Full Text Search
 

To Download KMDVL-3S-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series kmdvl - kycon vertical pcb mount mini-din connector number of contacts 3, 4, 5, 6, 8 contact type s - receptacle kmdvl series 6 number of contacts s contact type n lr78160 electrical characteristics contact current rating 2 amp max. at 12v dc insulation resistance 100 megohms min. at 250v contact resistance before durability test plug to shield: 50 milliohms max. plug to terminals: 30 milliohms max after durability test plug to shield: 100 milliohms max plug to terminals: 60 milliohms max. dielectric withstanding voltage 250v ac for 1 minute operating temperature -25 c to +85 c features ? audio, video, computer and digital equipment applications ? backward compatible ? mates with standard and snap and lock plugs ? inner shield for good conductivity, grounding and emi/rfi protection ? visual and mechanical polarization for plug insertion ? closed bottom for better solderability ? various circuit sizes ? csa/nrtl certified file no. lr78160 performance specifications body pbt thermoplastic, black color, ul94v-0 rated contacts phosphor bronze, silver plated mechanical characteristics insertion force 0.5 kg - 4.5 kg extraction force 0.4 kg - 3.5 kg durability 500 cycles minimum with test plug ordering information kmdvl series snap and lock vertical mini-din kycon 2002 kycon, inc. ? tel: +1 408-494-0330 ? us: 1-888-kycon-22 ? fax: +1 408-494-0325 ? www.kycon.com kmdvl series mini-dins / circular dins 92
3 7 5 7 5 3 3 1 2 5 6 2 8 5 8 1 6 3 4 3 1 2 5 8 6 7 2 1 8 5 4 7 6 3 3 6 5 8 5 8 3 6 8 3 1 6 5 5 8 1 3 6 inner shield supports locking feature of kmdla series snap & lock plugs ?1.30 5.6 9.4 0.4 1.9 ?1.00 ?12.0 ?14.0 1.0 1.0 8.0 9.5 3.5 5.6 ?1.30 0.4 1.0 4.6 9.4 ?1.00 1.6 2.4 1.3 2.7 0.4 0.1 ?1.30 5.6 ?1.00 1.6 4.6 1.0 2.4 1.3 9.4 1.9 ?1.30 0.4 5.6 4.6 9.4 ?1.00 1.6 2.7 ?1.00 ?1.30 1.0 5.6 4.6 9.4 0.4 1.6 2.7 kmdvl-4s-n kmdvl-5s-n kmdvl-6s-n kmdvl-8s-n KMDVL-3S-N (bottom view) recommended pcb layout (bottom view) recommended pcb layout (bottom view) recommended pcb layout (bottom view) recommended pcb layout (bottom view) recommended pcb layout kmdvl series dimensions dimensions in mm kycon 2002 kycon, inc. ? tel: +1 408-494-0330 ? us: 1-888-kycon-22 ? fax: +1 408-494-0325 ? www.kycon.com kmdvl series mini-dins / circular dins 93


▲Up To Search▲   

 
Price & Availability of KMDVL-3S-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X