Part Number Hot Search : 
57737 BLL6H12 SS5N90 ASI10610 W25Q32 MK45H11 NEA005 HAD825SP
Product Description
Full Text Search
 

To Download HG45063G-D1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16a, 250vac, cos = 0.85 1 form b (d) 35a, 250vac, cos = 0.85 single phase motor starter relay hg4506 features typical applications specially designed for compressor use quick connects for quick hook-up class b insulation material "great wall" mark approved other approvals pending compressors in refrigerator, air conditioner, hvac, etc. similar applications where starter relay is used contact rating contact data coil data form make + break break only material agcdo 50 m ? max. at 0.1a, 6vdc 5 x 10 5 ops. 3 x 10 5 ops. service life mechanical electrical initial contact resistance coil voltage code resistance must operate ( vac) voltage range must release ( vac) voltage range ( ? ) 10% power consumption max. 3g 6n 7500 15000 180 - 195 260 - 280 40 - 105 5 va 60 - 135 characteristics operate time release time insulation resistance dielectric strength shock resistance vibration resistance ambient temperature weight 20 ms. max. 20 ms. max. 10 g, 11ms. functional da 1.5mm, 10 - 55 hz -25oc to 85oc 100 g, approx. 500 m ? , at 500 vdc, 50%rh 1200 vrms, 1 min. between open contacts ordering designation example: hg4506 / 3g - d 2 c model coil voltage code contact form d: 1 form b version contact material c: agcdo; s: agsnoino 1: sealed; 2: dust cover 3g: 180 - 195 vac 6n: 260 - 280 vac hg4506 1/2
hg4506 overall dimensions, mounting dimensions and wiring diagram (mm) overall dimensions and mounting dimensions wiring diagram notes 1. all parameters, unless otherwise specified, are measured at ambient temperature 23oc. 2. custom-made services available with operational quantity. please let us know your special requirements. 3. specifications subject to change without prior notice. hg4506 2/2


▲Up To Search▲   

 
Price & Availability of HG45063G-D1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X