Part Number Hot Search : 
SB1508 X0402MF 726LS 66HDS0 TA0288A K4H560 CO700 TDA9331H
Product Description
Full Text Search
 

To Download G5LB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pcb relay G5LB sealing contact form contact material agsn0 2 unsealed (vent hole) spdt G5LB-1 spst-no G5LB-1a plastic-sealed spdt G5LB-14 spst-no G5LB-1a4 ordering information cubic, single-pole 10a power relay l 19.6 x w 15.6 x h 15.2 (mm) subminiature ?ugar cube?relays. standard 360mw ?lower coil power consumption. standard class b insulation, (class f available). standard cti 175, (cti 250 available). withstands impulse of up to 4,500v. environmentally friendly product cd, pb and chromium free. model number legend 1. number of poles 1: 1 pole 2. contact form/contact construction none: spdt a: spst-no 3. sealing/protective construction none: unsealed (vent hole) 4: sealed 4. contact type none: standard (silver tin oxide) 5. coil power consumption none: 360mw 40: 400mw 60: 600mw (ul and csa only) 6. tracking index and insulation none: cti >175 ?class b insulation (colour: black) 25: cti >250 ?class f insulation (colour: white) 7. optional suffix(es) none: standards may include additional numbers(s) and / or letter(s) for sales purposes 8. rated coil value note: when ordering, add the rated coil voltage to the number. examples : G5LB-1 12 vdc rated coil voltage G5LB vdc 1 2 3 4 5 6 7 8
G5LB G5LB rated voltage 3 vdc 5 vdc 6 vdc 9 vdc 12 vdc 24 vdc 36 vdc 48 vdc rated current 123.3 ma 72.0 ma 60.8 ma 40.8 ma 30.7 ma 15.2 ma 10.2 ma 7.6 ma coil resistance 24.3 ? 69.4 ? 98.7 ? 220.4 ? 390.6 ? 1575.4 ? 3533.7 ? 6287.4 ? must operate voltage 75% of rated voltage (max.) must release voltage 10% of rated voltage (min.) max. voltage 130% of rated voltage at 85?, 170% of rated voltage at 23? power consumption approx. 360 mw note: the rated current and coil resistance are measured at a coil temperature of 23? with a tolerance of ?0%. coil ratings contact ratings rated voltage 3 vdc 5 vdc 6 vdc 9 vdc 12 vdc 24 vdc 36 vdc 48 vdc rated current 136.4 ma 80.0 ma 67.8 ma 45.7 ma 32.8 ma 17.0 ma 11.3 ma 8.5 ma coil resistance 22.0 ? 62.5 ? 88.5 ? 196.9 ? 366.0 ? 1,407.7 ? 3,196.8 ? 5,638.0 ? must operate voltage 75% of rated voltage (max.) must release voltage 10% of rated voltage (min.) max. voltage 130% of rated voltage at 85?, 170% of rated voltage at 23? power consumption approx. 400 mw note: the rated current and coil resistance are measured at a coil temperature of 23? with a tolerance of ?0%. load resistive load (cos =1) rated load 10a at 120 vac, 8a at 30 vdc & 10a at 250 vac rated carry current 10a max. switching voltage 250 vac, 125 vdc (30 vdc when ul/csa standard is applied) max. switching current ac: 10a; dc: 8a max. switching capacity 1,200 va, 240 w & 2,500 va min. permissible load 100 ma at 5 vdc
G5LB G5LB characteristics contact resistance 100 m ? max. operate time 10 ms max. release time 5 ms max. max. switching frequency mechanical: 18,000 operations/hr electrical: 1,800 operations/hr (under rated load) insulation resistance 100m ? min. (at 500 vdc) dielectric strength 750 vac, 50/60 hz for 1 min. between contacts of same polarity 2,000 vac, 50/60 hz for 1 min. between coil and contacts impulse withstand voltage 4,500v between coil and contacts, 1.2 x 5 ?ec v ibration resistance destruction: 10 to 55hz, 1.5mm double amplitude malfunction: 10 to 55hz, 1.5mm double amplitude shock resistance destruction: 1,000 m/s 2 (approx. 100g) malfunction: 100 m/s 2 (approx. 10g) life expectancy mechanical: 10,000,000 operations min. (at 18,000 operations/hr) electrical: *100,000 operations min. (at 1,800 operations/hr, 10a 120vac) ambient temperature operating: -40? to 85? ambient humidity operating: 35% to 85? wei ght approx. 10g *G5LB-1 engineering data note: curve 120vac inductive cos=0.4 is same for 250vac resistive load. note: the maximum coil voltage refers to the maximum value in a varying range of operating power voltage, not a continuous voltage. max. switching capacity G5LB-1 life expectancy G5LB-1 ambient temp. vs max. voltage
G5LB G5LB omron electronic components europe bv w egalaan 57 2132 jd hoofddorp the netherlands t el: +31 23 568 1200 fax: +31 23 568 1212 cat. no. G5LB in the interest of product improvement, specifications are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527. dimensions note: 1. all units are milimeters unless otherwise indiated 2. orientation marks are indicated as follow: spdt types G5LB-1 G5LB-14 te rminal arrangemment/ internal connections (bottom view) mounting holes (bottom view) t olerance: 0.1mm spst types G5LB-1a G5LB-1a4 te rminal arrangemment/ internal connections (bottom view) mounting holes (bottom view) t olerance: 0.1mm


▲Up To Search▲   

 
Price & Availability of G5LB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X