Part Number Hot Search : 
DM9102D X1286 7C1325 T521012 LTC2182 TEG4822 EPC13 74HC132
Product Description
Full Text Search
 

To Download FRV040-240F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  no. pq24-101e product specification and approval sheet version 3 page 1/4 radial leaded ptc resettable fuse: frv se ries prelimin ary 1. summary (a) rohs compliant (lead free) product (b) applic ations: line voltage power supply, transformer and applia nces (c) product featu res: low hold current, solid state, radial leaded product ideal for up to 265v ac/dc (d) oper ation curr ent: 50ma ~550 ma (e) maximum operating voltage : 240v ac/dc (f) maximum interrupt volt age: 265v ac/dc (g) temperature ra nge : -40 to 85 2. agency recognition ul: fi le no. pe nding c- ul: file no. pend ing t v: file no. pendi ng . 3. electrical characteristics (23 ) resistance t olera nce hold current t rip current max.time to t rip maximum current rated voltage typical power r min r1 max pa rt number i h , a i t , a at 5x i h i max, a v max, v ac pd, w oh ms ohms fr v005-240f 0.05 0.12 15.0 1.0 240 0.70 18.50 65.00 fr v008-240f 0.08 0.19 15.0 1.2 240 0.80 7.40 26.00 frv012-240f 0.12 0.30 15.0 1.2 240 1.00 3.00 12.00 fr v016-240f 0.16 0.37 15.0 2.0 240 1.40 2.50 7.80 fr v025-240f 0.25 0.56 18.5 3.5 240 1.50 1.30 3.80 fr v033-240f 0.33 0.74 18.5 4.5 240 1.70 0.83 2.60 fr v040-240f 0.40 0.90 24.0 5.5 240 2.00 0.60 1.90 fr v055-240f 0.55 1.25 26.0 7.0 240 3.40 0.45 1.45 i h =hold curre nt-maximum current at which the device will not trip at 23 still ai r. i t =trip curre nt- minimum current at which the device will always trip at 23 still ai r. v max =maximum voltage device can withstand without damage at its rated curre nt. i max = maximum fau lt current device can withstand without damage at rated voltage (v max ). pd=typical power dissipated from device when in tripped state in 23 still air environmen t. r min =minimum device resistance at 23 . r1 max =maximum device resistance at 23 , 1 hour after tri ppi ng. physical specification s: lead material: fr v005-240f~frv0 16- 240f tin plated copper , 24 aw g. frv0 25- 240f ~FRV040-240F tin plated copper , 22 aw g. frv0 55- 240f tin plated copper , 20 aw g. soldering characteristics: m il-s td- 202, method 208 e. insulating coat ing:flame retardant epoxy, m eets ul-94v-0 requirement.
no. pq24-101e product specification and approval sheet version 3 page 2/4 4. production dimensions (millimete r) fr v 005-240f~fr v016- 240f frv0 25- 240f~frv0 40- 240f frv0 55- 240f lead size: 24 awg lead size: 22 awg le ad size: 20 a wg # 0. 51 mm di ameter # 0. 65 mm di ameter # 0.81 mm di a meter a b c d e pa rt number maximum maximum typi cal minimum maximum frv0 05-240f 8.3 1 0 .7 5.1 7.6 3 .8 frv0 08-240f 8.3 1 0 .7 5.1 7.6 3 .8 frv 0 12-240f 8.3 1 0 .7 5.1 7.6 3 .8 frv0 16-240f 9.9 1 2 .5 5.1 7.6 3 .8 frv0 25-240f 9.6 1 7 .4 5.1 7.6 3 .8 frv0 33-240f 11 .4 16 .5 5.1 7.6 3 .8 frv0 40-240f 11 .5 19 .5 5.1 7.6 3 .8 frv0 55-240f 14 .0 21 .7 5.1 7.6 4 .1 5. thermal derating curve thermal derating curve - frv series 0% 50% 100% 150% 200% -20 0 20 40 60 80 ambient temperature (c) precent of rated hold and trip current
no. pq24-101e product specification and approval sheet version 3 page 3/4 6. typical t ime- to - trip at 23 7. material spec ification lead material ! frv 005-240f~frv0 16- 240f tin plated copper, 24 aw g. fr v025-240f~frv 040-240f tin plated copper, 22 aw g. fr v055-240f tin plated copper, 20 aw g. soldering characteristics: m il-std- 202, method 208e. insulating coat ing:flame retardant epoxy, meet s ul-94v-0 requireme nt. 8. part numbering and marking system part numbering system part marking sys tem f r v " " " - " " " f 0.01 0.1 1 10 100 1000 0.1 1 10 fault current (a) time-to-trip (s) current ra ting f logo rv " " f product family " " " " date code/lot number f rv12f 41ab examp le a b c d e f g h a= frv 005-240f b= frv008-240f c= frv012-240f d= frv016-240f e= fr v025-240f f= fr v033-24 0f g= frv 040-240f h= frv055-240f part identification rohs compliant / lead free rohs compliant / lead free voltage rating
no. pq24-101e product specification and approval sheet version 3 page 4/4 warning: - each product sho uld be carefully evalu ated and tested for their suitability of applic ation. - operation beyond the specified maximum rating or improper use may result in damage and possible electrical arcing and/or flam e. - pptc device are intended for occasional overcurrent protection. application for repeated overcurrent condit ion and/or prolonged trip are not anticipated. - avoid contact of pptc device with chemical solvent, including some inert material such as silicone based oi l, lubricant and etc. prolonged contact w ill damage the device p erformance. - additional protection mechanism are strongly recommended to be used in conjunction with the pptc device for protection against abnormal or failure condition s. - avoid use of pptc device in a constrained space such as potting material, housing and containers where hav e limi ted space to accommodate device thermal expansion and/or contraction.


▲Up To Search▲   

 
Price & Availability of FRV040-240F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X