Part Number Hot Search : 
FTP08N50 TA7414P 120FC KA7805 39761 2SC2271 NTH1209M 2SC2271
Product Description
Full Text Search
 

To Download ECS-31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 ecs, inc. international 1105 s. ridgeview, olathe, ks 66062 ? 913-782-7787 ? 800-237-1041 ? fax 913-782-6991 ? www.ecsxtal.com crystals crystals the ECS-31 series features the same characteristics as only tuning fork crystals offer. because of their miniature size they are ideal for portable and communication equipment applications. features ? miniature size ? cost effective ? long term stability ? excellent shock and vibration characteristics ECS-31 series low frequency quartz crystals operating conditions/electrical characteristics parameters 3x8 2x6 1x5 conditions frequency range f o 20khz ~ 40khz 30khz ~ 150khz 200khz khz frequency tolerance ? f/f o 30 ppm 30 ppm 10,000 ppm @ +25?c frequency vs. temp. charac. ? f/f o see drawing -10?c ~ +60?c turnover temperature tm +25?c typ. temperature coefficient ? -0.034 ppm/?c 2 typ. varies depending on frequency operating temp. range t opr -10 ~ +60 ?c storage temp. range t stg -40 ~ +85 ?c equivalent series resistance r 1 30 ~ 50 (max.) 10 (max.) k load capacitance c l 12.5pf typ. (customer specified) pf motional capacitance c 1 1 ~ 4ff typ. ff shunt capacitance c 0 0.8 ~ 1.7pf typ. pf capacitance ratio t 425 ~ 800 typ. drive level dl 1w max. w insulation resistance ir 500 m min. dc 100v15 aging (first year) ? f/f o 5 ppm max. +25?c 3?c 5 ppm max. conditions will vary shock resistance drop test of 3 times on a hard board from 75 cm height or shock test of 3000g x 0.3ms x 1/2 sin wave x 3 directions depending on frequency part numbering guide example manufacturer frequency load capacitance package type* ecs C .400 C 12.5 C 8 ecs C .400 C 12.5 C 13 ecs C 2.0 C 12.5 C 14 3.1 max. ?0.35 1.1 8.2 max. 10 package dimensions (mm) figure 1) ECS-31-8 ?2.1 max ?0.26 0.7 6.2 max. 10 figure 2) ECS-31-13 ?1.5 max ?0.2 0.45 5.1 max. 4.3 figure 3) ECS-31-14 * package type examples (8=3x8, 13=2x6, 14=1x5) parabolic temperature curve -20 -10 -20 -30 -40 -50 -60 -10 0 10 20 30 40 50 60 70 f/f (ppm) t (?c) to determine frequency stability, use parabolic curvature. for example: what is the stability at 45?c? 1) change in t (?c) = 45 -25 = 20?c 2) change in frequency = -0.04 ppm x ( ? t) 2 = -0.04 ppm x (20) 2 = -16.0 ppm


▲Up To Search▲   

 
Price & Availability of ECS-31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X