Part Number Hot Search : 
PM4380 WDW3T CPC1908J S822T08 10431 AM27X040 CXA700 NTE6164
Product Description
Full Text Search
 

To Download D1616 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  utc 2sD1616/a npn epitaxial silicon transistor utc unisonic technologies co., ltd. 1 qw-r201-008,a npn epitaxial silicon transistor description *audio frequency power amplifier *medium speed switching to-92 1 1: emitter 2: collector 3: base absolute maximum ratings parameter symbol value unit storage temperature tstg -55 ~+150 c junction temperature tj 150 c total power dissipation (ta=25 c) pc 750 mw collector to base voltage: D1616 D1616a vcbo 60 120 v collector to emitter voltage: D1616 D1616a vceo 50 60 v emitter to base voltage vebo 6 v collector current (dc) ic 1 a collector current (*pulse) ic 2 a note: (*) pulse width 10ms, duty cycle<50% characteristics (ta=25 c) characteristic symbol test conditions min. typ. max. unit collector cut-off current icbo vcb=60v 100 na emitter cut-off current iebo veb= 6v 100 na collector-emitter saturation voltage vce(sat) ic=1a, ib=50ma 0.15 0.3 v base-emitter saturation voltage vbe(sat) ic=1a, ib=50ma 0.9 1.2 v base emitter on voltage vbe(on) vce=2v, ic=50ma 600 640 700 mv dc current gain: D1616 D1616a hfe1 vce=2v, ic=100ma 135 135 600 400 hfe2 vce=2v, ic=1a 81 current gain bandwidth product ft vce=2v, ic=100ma 100 160 mhz output capacitance cob vcb=10v, f=1mhz 19 pf turn on time ton vce=10v, ic=100ma 0.07 us
utc 2sD1616/a npn epitaxial silicon transistor utc unisonic technologies co., ltd. 2 qw-r201-008,a characteristic symbol test conditions min. typ. max. unit storage time ts ib1=-ib2=10ma 0.95 us fall time tf vbe(off)=-2 -3v 0.07 us classification of h fe1 rank y g l hfe1 135-270 200-400 300-600
utc 2sD1616/a npn epitaxial silicon transistor utc unisonic technologies co., ltd. 3 qw-r201-008,a


▲Up To Search▲   

 
Price & Availability of D1616

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X