limiters cernex, inc. 766 san aleso avenue, sunnyvale, ca 94085 tel. (408) 541-9226, fax (408) 541-9229 04/10 features: ? coverage from 0.1 to 65.0 ghz (octave/multioctave) ? up to 2 watt cw and 150w peak (1 sec) power handling capability ? fast response and short recovery time (10 to 20 sec typical) ? compact/rugged thin-film construction ? economically priced applications: ? test set up ? receiver protection ? power levelling ? clm series description: cernex?s clm series limiters are designed for use in a wide range of general purpose applications such as laboratory test equipment, instrumentation and other applications. reliable operation is achieved using rugged stripline circuit construction. specifications: model number frequency range (ghz) insertion loss (db) max vswr max typ lim threshold (dbm) max leakage @ 1w cw input (dbm) connectors case type clmu1u504 0.1-0.5 0.4 1.3:1 +6 +14 sma-m/sma-f hn1 clmu10105 0.1-1.0 0.5 1.4:1 +6 +14 sma-m/sma-f hn1 clmu10206 0.1-2.0 0.6 1.4:1 +6 +14 sma-m/sma-f hn1 clmu10408 0.1-4.0 0.8 1.5:1 +6 +14 sma-m/sma-f hn1 clmu11217 0.1-12.0 1.7 1.6:1 +6 +14 sma-m/sma-f hn1 clmu11822 0.1-18.0 2.2 2.0:1 +6 +14 sma-m/sma-f hn1 clmu50104 0.5-1.0 0.4 1.3:1 +9 +20 sma-m/sma-f hn1 clmu50105 0.5-1.0 0.5 1.4:1 +6 +14 sma-m/sma-f hn1 clmu50205 0.5-2.0 0.5 1.3:1 +9 +20 sma-m/sma-f hn1 clmu50206 0.5-2.0 0.6 1.4:1 +6 +14 sma-m/sma-f hn1 clmu50407 0.5-4.0 0.7 1.4:1 +6 +14 sma-m/sma-f hn1 clmu50612 0.5-6.0 1.2 1.5:1 +6 +14 sma-m/sma-f hn1 clmu51216 0.5-12.0 1.6 1.6:1 +6 +14 sma-m/sma-f hn1 clmu51818 0.5-18.0 1.8 2.0:1 +9 +20 sma-m/sma-f hn1 clmu51820 0.5-18.0 2.0 2.0:1 +6 +14 sma-m/sma-f hn1 clm010204 1.0-2.0 0.4 1.3:1 +9 +19 sma-m/sma-f hn1 clm010206 1.0-2.0 0.6 1.4:1 +6 +14 sma-m/sma-f hn1 clm010612 1.0-6.0 1.2 1.5:1 +6 +14 sma-m/sma-f hn1 clm011216 1.0-12.0 1.6 1.6:1 +6 +14 sma-m/sma-f hn1
limiters cernex, inc. 766 san aleso avenue, sunnyvale, ca 94085 tel. (408) 541-9226, fax (408) 541-9229 04/10 model number frequency range (ghz) insertion loss (db) max vswr max typ lim threshold (dbm) max leakage @ 1w cw input (dbm) connectors case type clm011818 1.0-18.0 1.8 2.0:1 +9 +20 sma-m/sma-f hn1 clm011820 1.0-18.0 2.0 2.0:1 +6 +14 sma-m/sma-f hn1 clm020407 2.0-4.0 0.7 1.4:1 +6 +14 sma-m/sma-f hn1 clm020405 2.0-4.0 0.5 1.4:1 +9 +19 sma-m/sma-f hn1 clm020612 2.0-6.0 1.2 1.5:1 +6 +14 sma-m/sma-f hn1 clm020812 2.0-8.0 1.2 1.5:1 +9 +19 sma-m/sma-f hn1 clm020813 2.0-8.0 1.3 1.6:1 +6 +14 sma-m/sma-f hn1 clm021818 2.0-18.0 1.8 2.0:1 +9 +20 sma-m/sma-f hn1 clm021820 2.0-18.0 2.0 2.0:1 +6 +14 sma-m/sma-f hn1 clm040812 4.0-8.0 1.2 1.5:1 +9 +19 sma-m/sma-f hn1 clm040813 4.0-8.0 1.3 1.5:1 +6 +13 sma-m/sma-f hn1 clm061820 6.0-18.0 2.0 2.0:1 +6 +13 sma-m/sma-f hn1 clm071215 7.0-12.0 1.5 1.6:1 +9 +19 sma-m/sma-f hn1 clm071216 7.0-12.0 1.6 1.6:1 +6 +13 sma-m/sma-f hn1 clm070712 7.1-7.4 1.2 1.5:1 +9 +9 sma-m/sma-f hn1a clm081616 8.0-16.0 1.6 1.8:1 +9 +19 sma-m/sma-f hn1 clm081618 8.0-16.0 1.8 1.8:1 +6 +13 sma-m/sma-f hn1 clm081818 8.0-18.0 1.8 2.0:1 +9 +19 sma-m/sma-f hn1 clm081820 8.0-18.0 2.0 2.0:1 +6 +13 sma-m/sma-f hn1 clm111818 11.0-18.0 1.8 2.0:1 +9 +19 sma-m/sma-f hn1 clm111820 11.0-18.0 2.0 2.0:1 +6 +13 sma-m/sma-f hn1 clm184045 18-40 4.5 3:1 +6 13@25 deg c 2.92mm- m/2.9mm-f hn1b CLM264030 26-40 3.0 typ 2:1 +6 13@25 deg c 2.92mm- m/2.9mm-f hn1b clm343630 34-36 3.0 typ - +6 13@25 deg c 2.92mm- m/2.9mm-f hn1b clm353835 35-38 3.5 max 2:1 +6 13@25 deg c 2.92mm- m/2.9mm-f hn1b cernex reserve the right to change the specifications without notice. other frequency band and power levels are also available upon request
|