Part Number Hot Search : 
0803D SDA253FF 1E9CS MAX40 15N06V 2N2714 AN2528 M8S75TDJ
Product Description
Full Text Search
 

To Download CL8101XXXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 iso-9001 registered when ordering r 2 r 1 specify the value of r 1 (the 3 circuits will be marked with a letter 's' preceding the resistance value) sample part no. cl 10 3 01 223 g irc type no. of pins (4 through 11) circuit type (1 & 3) characteristic resistance range for circuits 1 or 3, 2 digit range and digit multiplier tolerance f=1%, g=2%, j=5% front marking dot indicates direction of pin no.1 for 1% tol. use 4 digit mil thick film conformal coated low profile sip network cl series 4 through 11 pin packages project 0.20 in. from circuit board circuits -1 and -3 are standard specifications: physical environmental per mil-r-83401 electrical 0.5% 0.5% 0.5% 2% 2% 0.5% short time overload: terminal strength: resistance to solder heat: moisture resistance: load life: temperature cycling: resistance range (ohms): resistance tolerance; temperature coefficient: max. continuous working voltage: operating temperature: 22 to 1.0m 1%, 2%, 5% 100 ppm/c (1% tol.), 200 ppm/c 100v -40c to 125c fused thick-film composition 96% alumina conformal coated solder plated steel 2.2 pounds mil-std-202, method 210, cond. a mil-std-202, method 210, cond. a mil-std-202, method 215 element: substrate: body: terminals: lead pull: lead solderability: resistance to soldering heat: marking resistance to solvents: standard resistance (ohms): 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1k 1.2k 1.5k 1.8k 2.2k 2.7k 3.3k 3.9k 4.7k 5.6k 6.8k 8.2k 10k 12k 15k 18k 22k 27k 33k 39k 47k 56k 68k 82k 100k 120k 150k 180k 220k 270k 330k 390k 470k 560k 680k 820k 1m power rating at 70c one elem. 0.125 0.250 4 pin 0.375 0.500 5 pin 0.5 - 6 pin 0.625 0.750 7 pin 0.75 - 8 pin 0.875 1 9 pin 1 - 10 pin 1.05 1.05 11 pin 1.15 - maximum power in one network (watts) 14 pin 1.45 1.45 dimensions (inches and (mm)) : power derating: 100 80 60 40 20 0 % of rated power 40 60 80 100 120 140 160 ambient temperature (c) 1000 w j l max. pin no.1 .100008 (2.540.2) .048.008 (1.20.2) .0197.004 (0.50.1) .197 max. (5.0 max.) .100 max. (2.5 max.) .0197 .004 (0.5 0.1) front marking dot indicated direction of pin no.1 0.20 (5.1) standard circuits: how to order: l max. inches (mm) 0.4 (10.16) 0.5 (12.7) 0.6 (15.24) 0.7 (17.78) 0.8 (20.32) 0.9 (22.86) 1.0 (25.40) 1.1 (27.94) 1.23 (31.00) 1.33 (33.68) 1.40 (35.56) no. of pins 4 5 6 7 8 9 10 11 12 13 14 r2 r1 rn 1 2 3 n+1 r1+r2 ...=rn (n=3 to 13) circuit 1 bussed r1 12 r1 34 r1 2n r1=r2...=rn (n=2 to 7) circuit 3 isolated cir. type -1 -3 wirewound and film technologies division 736 greenway road boone, north carolina 28607-1860 tel: 828-264-8861 fax: 828-264-8866 www.irctt.com code 01 20 classification commercial grade commercial grade tcr 100 ppm/c 200 ppm/c


▲Up To Search▲   

 
Price & Availability of CL8101XXXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X