Part Number Hot Search : 
PD438 FR2SMAG 2ATTD M400T K3AB1EAA T5074 74ACT899 D50NH02
Product Description
Full Text Search
 

To Download ADC-228A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  $ figure 1. functional block diagram 13 no connection 20 no connection 14 bit 1 (msb) 15 bit 2 16 bit 3 17 bit 4 21 bit 5 22 bit 6 23 bit 7 24 bit 8 (lsb) 3 +5v ref. out tri-state buffer 8-bit 20mhz flash converter linearization & temperature compensation network input buffer cs1 11 cs2 12 no connection 8 no connection 9 clock 18 analog input 5 +15v supply 19 ground 4 ground 7 ground 6 ?15v supply 10 +5v supply 1 voltage reference network ground 2 features 8-bit ? ash a/d converter 20mhz sampling rate complete support circuitry low power, 900mw sample-hold not required three-state outputs mil-std-883 versions product overview the ADC-228A combines analog front-end circuitry and a ? ash a/d converter to digitize high-speed analog signals at a rate of 20 million samples per second. the ADC-228A contains an 8-bit, 20mhz, ? ash a/d, a wideband analog input buffer, a precision voltage reference, temperature compensation circuitry, reference trims, and a three-state output buffer in a 24-pin package. the ADC-228A offers signi? cant savings by combining all of the circuitry in a single package. valuable board real estate is saved, and design time and manufacturing costs are reduced. the ADC-228A is housed in a 24-pin ceramic ddip package and is available in the commercial, 0 to +70c, or military, C55 to +125c, tem- perature ranges. a mil-std-883 version is also available. operation is from 15v and +5v power supplies. input/output connections pin function pin function 1 +5v supply 24 bit 8 (lsb) 2 ground 23 bit 7 3 +5v reference out 22 bit 6 4 ground 21 bit 5 5 analog input 20 no connection 6 ground 19 +15v supply 7 ground 18 clock input 8 no connection 17 bit 4 9 no connection 16 bit 3 10 ?15v supply 15 bit 2 11 cs1 14 bit 1 (msb) 12 cs2 13 no connection ADC-228A 8-bit, 20mhz, complete flash a/d converter mda_ADC-228A.b01 page 1 of 4 for full details go to www.murata-ps.com/rohs www.murata-ps.com www.murata-ps.com technical enquiries email: data.acquisition@murata-ps.com, tel: +1 508 339 3000
absolute maximum ratings parameter limits power supply voltage, pin 1 ?0.3 to +7v pin 19 ?0.3 to +18v pin 10 +0.3 to ?18v digital inputs, pins 8,9,11,12,18 ?0.5 to +5.5v analog input, pin 5 ?3.8 to +6.6v digital outputs ?0.5 to +5.5v (short circuit protected to ground) lead temp. (10 seconds) +300c functional specifications (apply over the operating temperature range with 20mhz clock and 15v and +5v power supply voltages, unless otherwise speci? ed.) analog inputs min. typ. max. units single-ended, non-isolated input range, dc-20mhz 0 ? +5.0 volts input resistance 1.95 2 ? k input capacitance ? 5 10 pf digital inputs logic levels logic 1 +2.0 ? ? volts logic 0 ? ? +0.8 volts logic loading logic 1 ? ? +160 a logic 0 ? ? ?0.5 ma clock pulse widths "high" 20 ? ? ns "low" 20 ? ? ns digital outputs coding resolution logic levels logic 1 +2.4 ? ? volts logic 0 ? ? +0.4 volts logic loading logic 1 ? ? ?1 ma logic 0 ? ? +1 ma output data valid delay from rising edge ? ? 40 ns output hold time 6 ? ? ns performance sampling rate ? 20 ? ? mhz differential linearity code transitions, +25c ? 0.5 0.75 lsb 0 to +70c ? 0.5 0.75 lsb ?55 to +125c ? 0.5 0.85 lsb integral linearity, +25c end-point ? 0.5 1 lsb best-? t line ? 0.35 0.75 lsb over temperature end-point ? ? 1.75 lsb best-? t line ? ? 1 lsb zero-scale offset code "0" to "1" transition +25c ? 0.5 1 lsb ?55 to +125c ? 0.5 1.5 lsb performance min. typ. max. units gain error ? 0.5 1.5 lsb full scale absolute accuracy ? 0.5 1.5 lsb differential gain ? ? 2 ? % differential phase ? ? 1 ? deg. aperture delay ? 8 ? ns aperture jitter ? 50 ? ps no missing codes power supply rejection dynamic performance total harm. distortion, ?0.5db dc to 2.5 mhz ? ?55 ?53 db 2.5 mhz to 5 mhz ? ?49 ?44 db 5 mhz to 10 mhz ? ?39 ?36 db signal-to-noise ratio and distortion, ?0.5db dc to 2.5 mhz 44 49 ? db 2.5 mhz to 5 mhz 41 46 ? db 5 mhz to 10 mhz 35 38 ? db signal-to-noise ratio w/o distortion, ?0.5 db dc to 2.5 mhz 45 48 ? db 2.5 mhz to 5 mhz 44 49 ? db 5 mhz to 10 mhz 42 45 ? db effective bits, ?0.5db dc to 2.5 mhz 7.1 7.75 ? bits 2.5 mhz to 5 mhz 6.8 7.4 ? bits 5 mhz to 10 mhz 5.6 6.1 ? bits input bandwidth large signal (?3db) 15 ? ? mhz small signal (?20db) 40 ? ? mhz power supply power supply range +15v supply +11 +15 +15.75 volts ?15v supply ?11 ?15 ?15.75 volts +5v supply +4.75 +5 +5.25 volts power supply current +15v supply ? +12 +20 ma ?15v supply ? ?13 ?20 ma +5v supply ? +70 +80 ma power dissipation 15v, +5v nominal ? 0.7 0.9 watts physical/environmental operating temp. range, case ADC-228Amc 0 to +70c ADC-228Amm, ADC-228A/883 ?55 to +125c storage temp. range ?65 to +150c package type 24-pin, ceramic ddip weight 0.3 ounces (8.5 grams) footnotes: ? at full power input and chip selects enabled. ? for 10-step, 40 ire ntsc ramp test. over the operating temperature range 0.02% fsr/%v s maximum straight binary 8 bits ADC-228A 8-bit, 20mhz, complete flash a/d converter mda_ADC-228A.b01 page 2 of 4 technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000 www.murata-ps.com
technical notes 1. rated performance requires using good high-frequency techniques. the analog and digital ground pins are connected to each other internally. avoid ground related problems by connecting the grounds to one point, the ground plane beneath the converter. due to the inductance and resistance of the power supply return paths, return the analog and digital ground separately to the power supplies. 2. bypass all the analog and digital supplies and the +5v reference (pin 3) to ground with a 4.7f, 25v tantalum electrolytic capacitor in parallel with a 0.1f ceramic capacitor. analog input code straight bin. +4.96v +fs ? 1 lsb 1111 1110 +3.75v + 3/4 fs 1100 0000 +2.50v + 1/2 fs 1000 0000 +1.25v + 1/4 fs 0100 0000 +0.02v + 1 lsb 0000 0001 0.00v zero 0000 0000 table 1. ADC-228A unipolar output coding table 2. chip select truth table cs2 pin 12 cs1 pin 11 bits 1-8 0 0 three state mode 0 1 three state mode 1 0 data outputted 1 1 three state mode figure 2. ADC-228A timing diagram sample n + 2 sample n + 1 sample n output hold time data n data n + 1 data n + 2 clock digital output output delay figure 3. ADC-228A typical connections 24 23 b8 (lsb) b7 9k 51 19 v in 5 +15v *optional + 2, 4, 6, 7 +5v reference out no connection 3 8, 9, 13, 20 22 b6 21 b5 17 b4 16 b3 cs1 12 clock 18 analog input 15 b2 14 + + b1 (msb) 4.7 f 0.1 f 10 1 ?15v +5v cs1 11 * use optional resistor only if amp is not used to drive input. ADC-228A + 0.1 f 0.1 f 0.1 f 4.7 f 4.7 f 4.7 f ee r = v /1.667ma ADC-228A 8-bit, 20mhz, complete flash a/d converter mda_ADC-228A.b01 page 3 of 4 technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000 www.murata-ps.com
0.200 max. (5.080) 0.235 max. (5.969) 0.600 0.010 (15.240) 0.80 max. (20.32) 0.100 typ. (2.540) 0.100 (2.540) 0.018 0.002 (0.457) 0.100 (2.540) 0.040 (1.016) 1.31 max. (33.27) 112 13 24 1.100 (27.940) 0.190 max. (4.826) 0.010 (0.254) +0.002 ?0.001 seating plane 0.025 ( 0.635 ) 
   (unless otherwise indicated): 2 place decimal (.xx) 0.010 (0.254) 3 place decimal (.xxx) 0.005 (0.127)       kovar alloy    50 microinches (minimum) gold plating over 100 microinches (nominal) nickel plating ordering information model temperature range sampling rate ADC-228Amc 0 to +70c 20msps ADC-228Amm ?55 to +125c 20msps ADC-228A/883 * ?55 to +105c 15msps receptacle for pc board mounting can be ordered through amp inc., part # 3-331272-8 (component lead socket), 24 required. contact datel for 883 product speci? cations datel's initial quali? cation was done at 15msps and as a mil-std-883 class g product per customer request. mil-std-883 class g allows for a reduced temperature range (?55c to +105c) that applies to this device. contact datel if a 20msps rate or a mil-std-883 class h (?55c to +125c) temperature range is desired. * ADC-228A 8-bit, 20mhz, complete flash a/d converter mda_ADC-228A.b01 page 4 of 4 murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained her ein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. speci? cations are subject to cha nge without notice. ? 2009 murata power solutions, inc. usa: mans? eld (ma), tel: (508) 339-3000, email: sales@murata-ps.com canada: toronto, tel: (866) 740-1232, email: toronto@murata-ps.com uk: milton keynes, tel: +44 (0)1908 615232, email: mk@murata-ps.com france: montigny le bretonneux, tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com germany: mnchen, tel: +49 (0)89-544334-0, email: munich@murata-ps.com japan: tokyo, tel: 3-3779-1031, email: sales_tokyo@murata-ps.com osaka, tel: 6-6354-2025, email: sales_osaka@murata-ps.com china: shanghai, tel: +86 215 027 3678, email: shanghai@murata-ps.com guangzhou, tel: +86 208 221 8066, email: guangzhou@murata-ps.com singapore: parkway centre, tel: +65 6348 9096, email: singapore@murata-ps.com murata power solutions, inc. 11 cabot boulevard, mans? eld, ma 02048-1151 u.s.a. tel: (508) 339-3000 (800) 233-2765 fax: (508) 339-6356 www.murata-ps.com email: sales@murata-ps.com iso 9001 and 14001 registered technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000 www.murata-ps.com 03/20/09


▲Up To Search▲   

 
Price & Availability of ADC-228A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X