Part Number Hot Search : 
RFY220 BCX51 ST25E16 TB0592A SA100 1FWJ43L TA7657P DE4SRD
Product Description
Full Text Search
 

To Download 73782-6100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0737826100 status: active overview: hdm description: 2.00mm (.079") pitch hdm? board-to-board stacking header, high rise vertical, smc, closed end option, 72 circuits documents: 3d model product specification ps-73780-999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 73782 application backplane, mezzanine component type pcb header overview hdm product name hdm? style n/a physical circuits (loaded) 72 circuits (maximum) 72 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns 12 number of pairs open pin field number of rows 6 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb retention none pcb thickness recommended (in) 0.055 in pcb thickness recommended (mm) 1.40 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to pcb no stackable yes surface mount compatible (smc) yes temperature range - operating -55c to +105c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 73782 series mates with 73632 hdm plus? board-to-board daughtercard receptacle. 73780 hdm? board-to-board daughtercard receptacle
termination interface: style through hole electrical current - maximum per contact 1a data rate 1.0 gbps real signals (per 25mm) 72 voltage - maximum 100v ac solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-70873-0870 product specification ps-73780-999 sales drawing sd-73782-001 hdm and high density metric are trademarks of amphenol corporation this document was generated on 05/14/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 73782-6100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X