Part Number Hot Search : 
2SD25 CYHME301 UF2001 TMG1C80A 14051 EH390 EM78M612 H2920
Product Description
Full Text Search
 

To Download 2572-H-ABC0-D-EGF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connectors (inlets/outlets) 2572 www.schurter.com/pg0 7 connectors iec appliance inlet c8, insert mounting, solder, pcb or quick-connect terminal c8 70 c description drop-in type appliance inlet, - pin temperature 70 c, protection class ii approvals - vde license number: 40002274 - ul license number: e96454 - csa license number: 27324 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , distributor-stock- chec k , accessorie s technical data ratings iec 2.5 a / 250 vac; 50 hz ratings ul/csa 2.5 a / 250 vac; 60 hz dielectric strength > 4 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 terminal straight material: housing ul 94v-0 appliance inlet c8 acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 2.5 a, protection class 2 dimensions 22.7 mm 20.4 11.8 14.2 20.2 22.7 17 5.5 7.6 r 4 +0.2 - 0 +0.2 - 0 11.6 lenght of the terminal please find at the order code configuration table
2 connectors (inlets/outlets) 2572 www.schurter.com/pg0 7 connectors config. code product configurato r 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | the characters are placeholders for the correspondingly keys of selections from the key tables. 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = type type configuration key protection class 2 b 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal l configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (standard) 4 pcb-terminal (short) 5 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal n configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (standard) 4 pcb-terminal (short) 5 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 symbols similar as in table a 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal ground configuration key without terminal 0 symbols similar as in table a 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = color color configuration key jet black; ral9005 a silver grey; ral7001 b pure white; ral9010 d standard color: black 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = style style configuration key insert type 5 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = dimension x dimension "x" configuration key 00 the dimension "x" is dispalyed in ( 1 / 10 mm). this information is also valid for the order code 2572 | - | h | - | a | b | c | 0- | d | - | e | g | f | = orientation of terminals orientation of terminals configuration key horizontal a vertical b variants config. code description order number 2572--2200-a-500a 2572, iec appliance inlet c8, 70c, version: 2, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), ground: without terminal, color: jet black; ral9005, design: insert type 6160.0008 2572--5500-a-500a 2572, iec appliance inlet c8, 70c, version: 2, l: pcb-terminal (short), n: pcb-terminal (short), ground: without terminal, color: jet black; ral9005, design: insert type 6160.0009 2572--6600-a-500a 2572, iec appliance inlet c8, 70c, version: 2, l: pcb-terminal (long), n: pcb-terminal (long), ground: without terminal, color: jet black; ral9005, design: insert type 6160.0010 2572--7700-a-500b 2572, iec appliance inlet c8, 70c, version: 2, l: blade terminal (2,8x0,8mm), n: blade terminal (2,8x0,8mm), ground: without terminal, color: jet black; ral9005, design: insert type 6160.0011 2572--8800-a-500b 2572, iec appliance inlet c8, 70c, version: 2, l: blade terminal (4,8x0,8mm), n: blade terminal (4,8x0,8mm), ground: without terminal, color: jet black; ral9005, design: insert type 6160.0026 the listet variants should be available from stock other versions on request www.schurter.com/contac t packaging unit 100 pcs
 connectors (inlets/outlets) 2572 www.schurter.com/pg0 7 connectors accessorie s description assorted cover s rear cover mating outlets/connector s category / description power cord overview complet e power cord with iec connector c7, straight 70c 251 0 power cord with iec connector c7, angled 251 1 power cord with iec plug c7, angled 251 4 power cord with iec connector c7, straight 70c 481 0 power cord further types to 257 2 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2572-H-ABC0-D-EGF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X