Part Number Hot Search : 
M66011FP MAA02024 DW303 001SMB 120N6TR EASSM23 0E686 F1000
Product Description
Full Text Search
 

To Download 22-03-1062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/15/2010 please check www.molex.com for latest part information part number: 0022031062 status: active description: 2.50mm (.098") pitch header, single row, 11.10mm (..437") mating pin length, 6 circuits documents: 3d model product specification ps-3022-004 (pdf) drawing (pdf) product specification ps-99020-0088 (pdf) product specification ps-3022-003 (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 3022 application wire-to-board product name n/a physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin natural (white) flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.134 in pc tail length (mm) 3.40 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to mating part no polarized to pcb no shrouded no stackable no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 3022 series mates with 5124
solder process data lead-free process capability wave capable (th only) material info old part number 3022-06b reference - drawing numbers product specification ps-3022-003, ps-3022-004, ps-99020-0088 sales drawing sdae-3022-nb this document was generated on 04/15/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 22-03-1062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X