Part Number Hot Search : 
M74HC574 A6008 RXXP09D 00390 05410 05410 05SH3 RXXP09D
Product Description
Full Text Search
 

To Download 0102-H-ABC0-D-EJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord connectors (rewireable) 0  02 www.schurter.com/pg07 b connectors iec connector c15a, rewireable, straight c15 a 155 c description - connector: screwing cable terminal, pin temperature 155 c, protection class i, cable - note: please order pvc strain relief seperately, mating strain reliefs please find under accessories. approvals - vde license number: 40009113 - csa license number: 27324 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 4 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 155 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal screw clamp material: housing black or grey connector c15a acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for hot con - ditions) pin-temperature 155 c, 10 a, protection class 1 dimensions 30 mm 22 56 20 30 27
2 cord connectors (rewireable) 0  02 www.schurter.com/pg07 b connectors config. code product configurato r 0102 | - | h | - | a | b | c | 0- | d | - | e | j | the characters are placeholders for the correspondingly keys of selections from the key tables. 0102 | - | h | - | a | b | c | 0- | d | - | e | j | = type type configuration key protection class 1 x 0102 | - | h | - | a | b | c | 0- | d | - | e | j | = terminals terminal l configuration key screw terminal a 0102 | - | h | - | a | b | c | 0- | d | - | e | j | = terminals terminal n configuration key screw terminal a symbols similar as in table a 0102 | - | h | - | a | b | c | 0- | d | - | e | j | = terminals terminal ground configuration key screw terminal a symbols similar as in table a 0102 | - | h | - | a | b | c | 0- | d | - | e | j | = color color configuration key jet black; ral9005 a light grey; ral7035 c standard color: black 0102 | - | h | - | a | b | c | 0- | d | - | e | j | = style style configuration key for cord assembly 8 0102 | - | h | - | a | b | c | 0- | d | - | e | j | = condition condition configuration key assembled 1 disassembled 2 packaging unit 50 pcs accessorie s description hn 14.10 9 pvc strain relief hn 14.4 1 pvc strain relief hn 14.4 3 pvc strain relief
 cord connectors (rewireable) 0  02 www.schurter.com/pg07 b connectors mating inlets/plug s category / description appliance inlet overview complet e iec appliance inlet c16, screw-on mounting, front side, quick-connect or screw-on terminal 016 1 iec appliance inlet c16, screw-on mounting, front side, quick-connect or screw-on terminal 0161- y iec appliance inlet c16, screw-on mounting, front or rear side, quick-connect or screw-on terminal 016 3 iec appliance inlet c16, screw-on mounting, front side, screw-on terminal 016 4 iec appliance inlet c16, snap-in mounting, front side, quick-connect terminal 016 5 appliance inlet further types to 010 2 ... distribution unit overview complet e distribution unit for snap-in mounting with 1 iec appliance inlet c14 and 1 appliance outlet f 071 2 distribution unit with 1 iec appliance inlet c14 or power cord, 4 iec appliance outlets f and extra components 474 0 distribution unit with 1 iec appliance inlet c14 and 2 appliance outlets f, shuttered 474 1 distribution unit with 1 iec appliance inlet c14 and 4 appliance outlets f 474 7 distribution unit further types to 010 2 interconnection cord overview complet e interconnection cord with iec plug e, angled 060 7 interconnection cord with iec plug e, angled 060 8 interconnection cord with iec plug e, straight 060 9 interconnection cord with iec plug g, angled 607 b interconnection cord with iec plug g, angled 608 b interconnection cord further types to 010 2 ... plug overview complet e iec plug e, cord connector (rewireable), straight, max. cable diameter 8.5 mm 473 2 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 3 iec plug e, cord connector (rewireable), straight, max. cable diameter 10 mm 473 5 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 6 iec plug e, cord connector (rewireable), straight 900 9 plug further types to 010 2 ... power entry module overview complet e iec appliance inlet c14 or c18 with fuseholder 1-pole 106 2 iec appliance inlet c14 or c18 with fuseholder 1- or 2-pole 106 4 iec appliance inlet c18 with fuseholder 1-pole 106 5 iec appliance inlet c18 with fuseholder 1- or 2-pole 106 6 iec appliance inlet c14 with fuseholder 1- or 2-pole 109 2 power entry module further types to 010 2 ... power entry module with line filter overview complet e iec appliance inlet c14 with filter 511 0 iec appliance inlet c14 with filter, circuit breaker ta45 514 5 iec appliance inlet c14 with filter, fuseholder 1-pole 520 0 iec appliance inlet c14 with filter, fuseholder 1- or 2-pole 522 0 iec appliance inlet c14 with filter, fuseholder 2-pole 8843- 8 power entry module with line filter further types to 010 2 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 0102-H-ABC0-D-EJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X