Part Number Hot Search : 
ATMEGA SF08S60F MPC17C ZMM5235 3KP70A MT70003 D100L AX102412
Product Description
Full Text Search
 

To Download X20C16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  X20C16 1 ?xicor, inc. 1991, 1995, 1996 patents pending characteristics subject to change without notice 3826-2.6 6/20/96 t0/c0/d1 ns autostore? novram is a trademark of xicor, inc. high speed autostore? novram description the xicor X20C16 is a 2k x 8 novram featuring a high- speed static ram overlaid bit-for-bit with a nonvolatile electrically erasable prom (e 2 prom) and the autostore feature which automatically saves the ram contents to e 2 prom at power-down. the X20C16 is fabricated with advanced cmos floating gate technol- ogy to achieve high speed with low power and wide power-supply margin. the X20C16 features a compat- ible jedec approved pinout for byte-wide memories, for industry standard rams, roms, eproms, and e 2 proms. the novram design allows data to be easily trans- ferred from ram to e 2 prom (store) and e 2 prom to ram (recall). the store operation is completed in 5ms or less and the recall operation is completed in 10 m s or less. an automatic array recall operation reloads the contents of the e 2 prom into ram upon power-up. xicor novrams are designed for unlimited write operations to ram, either from the host or recalls from e 2 prom, and a minimum 1,000,000 store operations to the e 2 prom. data retention is specified to be greater than 100 years. features ? fast access time: 35ns, 45ns, 55ns ? high reliability endurance: 1,000,000 nonvolatile store operations retention: 100 years minimum ? autostore? novram automatically stores ram data into the e 2 prom array when v cc low threshold is detected user enabled option open drain autostore status output pin ? power-on recall e 2 prom data automatically recalled into ram upon power-up ? software data protection locks out inadvertent store operations ? low power cmos standby: 250 m a ? infinite e 2 prom array recall, and ram read and write cycles 16k X20C16 2k x 8 bit pin configuration ne nc a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 i/o 1 i/o 2 v ss 1 v cc we as a 8 a 9 nc oe a 10 ce i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 X20C16 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 nc i/o 0 a 8 a 9 nc nc oe a 10 ce i/o 7 i/o 6 nc ne nc v cc we as i/o 1 i/o 2 v ss nc i/o 3 i/o 4 i/o 5 4 3 2 1 32 31 30 14 15 16 17 18 19 20 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 X20C16 (top view) plastic cerdip lcc plcc 3826 fhd f02 3826 fhd f15.1 3826 fhd f03 soic tsop 3826 ill f17.2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 nc oe a 9 a 8 as we v cc ne nc a 7 a 6 a 5 a 4 a 3 a 10 ce i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 v ss i/o 2 i/o 1 i/o 0 a 0 a 1 a 2 X20C16 X20C16 a 2 a 1 a 0 n/c i/o 0 i/o 1 i/o 2 v ss v ss i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 ce a 10 a 3 a 4 a 5 a 6 a 7 nc ne v cc v cc we as nc a 8 a 9 nc oe 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 a pplication n ote available an56
X20C16 2 v cc sense row select control logic column select & i/os eeprom array high speed 2k x 8 sram array ce oe we ne a 3 Ca 8 i/o 0 Ci/o 7 as a 0 Ca 2 a 9 Ca 10 recall store pin descriptions addresses (a 0 Ca 10 ) the address inputs select an 8-bit memory location during a read or write operation. chip enable ( ce ce ce ce ce ) the chip enable input must be low to enable all read/ write operations. when ce is high, power consumption is reduced. output enable ( oe oe oe oe oe ) the output enable input controls the data output buffers and is used to initiate read and recall operations. output enable low disables a store operation regardless of the state of ce , we, or ne . data in/data out (i/o 0 Ci/o 7 ) data is written to or read from the X20C16 through the i/o pins. the i/o pins are placed in the high impedance state when either ce or oe is high or when ne is low. write enable ( we we we we we ) the write enable input controls the writing of data to the static ram. nonvolatile enable ( ne ne ne ne ne ) the nonvolatile enable input controls the recall function to the e 2 prom array. autostore output ( as as as as as ) as is an open drain output which, when asserted indi- cates v cc has fallen below the autostore threshold (v asth ). as may be wire-ored with multiple open drain outputs and used as an interrupt input to a microcontroller. pin names symbol description a 0 Ca 10 address inputs i/o 0 Ci/o 7 data input/output we write enable ce chip enable oe output enable ne nonvolatile enable as autostore output v cc +5v v ss ground nc no connect 3826 pgm t01 functional diagram 3826 fhd f01
X20C16 3 device operation the ce , oe , we, and ne inputs control the X20C16 operation. the X20C16 byte-wide novram uses a 2-line control architecture to eliminate bus contention in a system environment. the i/o bus will be in a high impedance state when either oe or ce is high, or when ne is low. ram operations ram read and write operations are performed as they would be with any static ram. a read operation requires ce and oe to be low with we and ne high. a write operation requires ce and we to be low with ne high. there is no limit to the number of read or write operations performed to the ram portion of the X20C16. memory transfer operations there are two memory transfer operations: a recall operation whereby the data stored in the e 2 prom array is transferred to the ram array; and a store operation which causes the entire contents of the ram array to be stored in the e 2 prom array. recall operations are performed automatically upon power-up and under host system control when ne , oe and ce are low and we is high. the recall operation takes a maximum of 5 m s. sdp (software data protection) there are two methods of initiating a store operation. the first is the software store command. this command takes the place of the hardware store employed on the x20c04. this command is issued by entering into the special command mode: ne , ce, and we strobe low while at the same time a specific address and data combination is sent to the device. this is a three step operation: the first address/data combination is 555[h]/ aa[h]; the second combination is 2aa[h]/55[h]; and the final command combination is 555[h]/33[h]. this se- quence of pseudo write operations will immediately initiate a store operation. refer to the software com- mand timing diagrams for details on set and hold times for the various signals. the second method of storing data is with the autostore command. when enabled, data is auto- matically stored from the ram into the e 2 prom array whenever v cc falls below the preset autostore thresh- old. this feature is enabled by performing the first two steps for the software store with the command combina- tion being 555[h]/cc[h]. the autostore feature is disabled by issuing the three step command sequence with the command com- bination being 555[h]/cd[h]. the autostore feature will also be reset if v cc falls below the power-up reset threshold (approximately 3.5v) and is then raised back into the operation range. write protection the X20C16 supports two methods of protecting the nonvolatile data. if after power-up the autostore feature is not enabled, no autostore can occur. v cc sense C all functions are inhibited when v cc is 3.0v typical. symbol table the following symbol table provides a key to under- standing the conventions used in the device timing diagrams. the diagrams should be used in conjunction with the device timing specifications to determine actual device operation and performance, as well as device suitability for users application. waveform inputs outputs must be steady will be steady may change from low to high will change from low to high may change from high to low will change from high to low don? care: changes allowed changing: state not known n/a center line is high impedance
X20C16 4 notes: (1) v il min. and v ih max. are for reference only and are not tested. (2) this parameter is periodically sampled and not 100% tested. d.c. operating characteristics (over recommended operating conditions unless otherwise specified.) limits symbol parameter min. max. units test conditions l cc1 v cc current (active) 100 ma ne = we = v ih , ce = oe = v il address inputs = 0.4v/2.4v levels @ f = 20mhz all i/os = open i cc2 v cc current during store 5 ma all inputs = v ih i cc3 (2) v cc current during 2.5 ma all i/os = open autostore i sb1 v cc standby current 10 ma ce = v ih, all other inputs = v ih (ttl input) all i/os = open i sb2 v cc standby current 250 m a all inputs = v cc C 0.3v (cmos input) all i/os = open i li input leakage current 10 m av in = v ss to v cc i lo output leakage current 10 m av out = v ss to v cc , ce = v ih v il (1) input low voltage C1 0.8 v v ih (1) input high voltage 2 v cc + 0.5 v v ol output low voltage 0.4 v i ol = 4ma v olas autostore output 0.4 v i olas = 1ma v oh output high voltage 2.4 v i oh = C4ma 3826 pgm t04.3 absolute maximum ratings* temperature under bias .................. C65 c to +135 c storage temperature ....................... C65 c to +150 c voltage on any pin with respect to v ss ....................................... C1v to +7v d.c. output current ........................................... 10ma lead temperature (soldering, 10 seconds) ...... 300 c *comment stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and the functional operation of the device at these or any conditions other than those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating condi- tions for extended periods may affect device reliability. capacitance t a = +25 c, f = 1mhz, v cc = 5v. symbol test max. units conditions c i/o (2) input/output capacitance 10 pf v i/o = 0v c in (2) input capacitance 6 pf v in = 0v 3826 pgm t06.1 recommended operating conditions temperature min. max. commercial 0 c +70 c industrial C40 c +85 c military C55 c +125 c 3826 pgm t02.1 supply voltage limits X20C16 5v 10% 3826 pgm t03.1 power-up timing symbol parameter max. units t pur (2) power-up to ram operation 100 m s t puw (2) power-up to nonvolatile operation 5 ms 3826 pgm t05
X20C16 5 endurance and data retention parameter min. units endurance 100,000 data changes per bit store cycles 1,000,000 store cycles data retention 100 years 3826 pgm t07.1 equivalent a.c. load circuit a.c. conditions of test input pulse levels 0v to 3v input rise and fall times 5ns input and output timing levels 1.5v 3826 pgm t08.1 5v 735 w 318 w output 30pf 3826 fhd f04 mode selection ce ce ce ce ce we we we we we ne ne ne ne ne oe oe oe oe oe mode i/o power h x x x not selected output high z standby l h h l read ram output data active l l h x write 1 ram input data high active l l h x write 0 ram input data low active l h l l array recall output high z active l l l h software command input data active l h h h output disabled output high z active l l l l not allowed output high z active l h l h no operation output high z active 3826 pgm t09
X20C16 6 t ce t rc address ce oe we data valid data valid t oe t lz t olz t oh t aa t hz t ohz data i/o t oe a.c. characteristics (over the recommended operating conditions unless otherwise specified) read cycle limits X20C16-35 X20C16-45 X20C16-55 symbol parameter min. max. min. max. min. max. units t rc read cycle time 35 45 55 ns t ce chip enable access time 35 45 55 ns t aa address access time 35 45 55 ns t oe output enable access time 20 25 30 ns t lz (3) chip enable to output in low z 0 0 0 ns t olz (3) output enable to output in low z 0 0 0 ns t hz (3) chip disable to output in high z 0 15 0 20 0 25 ns t ohz (3) output disable to output in high z 0 15 0 20 0 25 ns t oh output hold from address change 0 0 0 ns 3826 pgm t10 read cycle 3826 fhd f05 note: (3) t lz min., t hz , t olz min., and t ohz are periodically sampled and not 100% tested. t hz max. and t ohz max. are measured, with c l = 5pf, from the point when ce or oe return high (whichever occurs first) to the time when the outptus are no longer driven.
X20C16 7 we we we we we controlled write cycle write cycle limits X20C16-35 X20C16-45 X20C16-55 symbol parameter min. max. min. max. min. max. units t wc write cycle time 35 45 55 ns t cw chip enable to end of write input 30 35 40 ns t as address setup time 0 0 0 ns t wp write pulse width 30 35 40 ns t wr write recovery time 0 0 0 ns t dw data setup to end of write 15 20 25 ns t dh data hold time 3 3 3 ns t wz (4) write enable to output in high z 15 20 25 ns t ow (4) output active from end of write 5 5 5 ns t oz (4) output enable to output in high z 15 20 25 ns 3826 pgm t11 t wc t cw t as t oz t wp t dw t dh t ow t wr data valid address oe ce we data out data in 3826 fhd f06 note: (4) t wz , t ow , t oz are periodically sampled and not 100% tested.
X20C16 8 ce ce ce ce ce controlled write cycle 3826 fhd f07.2 t wc t cw t as t wp t dw t dh t wr data valid address oe ce we data out data in t wz t ow v ih
X20C16 9 array recall cycle limits X20C16-35 X20C16-45 X20C16-55 symbol parameter min. max. min. max. min. max. units t rcc array recall cycle time 10 10 10 m s t rcp (5) recall pulse width to 30 40 50 ns initiaterecall t rwe we setup time to ne 000ns 3826 pgm t13 note: (5) the recall pulse width (t rcp ) is a minimum time that ne , oe and ce must be low simultaneously. array recall cycle address ne oe we ce data i/o t rcc t rcp t rwe 3826 fhd f10
X20C16 10 ce ce ce ce ce controlled software command sequence note: (6) the store pulse width (t sp ) is a minimum time that ne , we and ce must be low simultaneously. (7) t soe , t oest and t nhz are periodically sampled and not 100% tested. 3826 fhd f08.2 cmd address 555 2aa 555 55 aa oe ce we ne data out data in t wc t as t sp t sph t ah t nhz t soe t dh t ds t sto t oest t neh t nes software command timing limits X20C16-35 X20C16-45 X20C16-55 symbol parameter min. max. min. max. min. max. units t sto store cycle time 5 5 5 ms t sp (6) store pulse width 30 40 50 ns t sph store pulse hold time 35 45 55 ns t wc write cycle time 35 45 55 ns t as address setup time 0 0 0 ns t ah address hold time 0 0 0 ns t ds data setup time 15 20 25 ns t dh data hold time 3 3 3 ns t soe (7) oe disable to store function 20 20 20 ns t oest (7) output enable from end of store 10 10 10 ns t nhz (7) nonvolatile enable to output in 15 20 25 ns high z t nes ne setup time 5 5 5 ns t neh ne hold time 5 5 5 ns 3826 pgm t12.2
X20C16 11 we we we we we controlled software command sequence 3826 fhd f09.2 cmd address 555 2aa 555 55 aa oe ce we ne data out data in t wc t sp t sph t ah t nhz t soe t dh t ds t sto t oest t as t nes t neh
X20C16 12 autostore feature the autostore feature automatically saves the con- tents of the X20C16s static ram to the on-board bit-for- bit shadow e 2 prom at power-down. this circuitry in- sures that no data is lost during accidental power-downs or general system crashes, and is ideal for microproces- sor caching systems, embedded software systems, and general system back-up memory. the autostore instruction (eas) to the sdp register sets the autostore enable latch, allowing the X20C16 to automatically perform a store operation whenever v cc falls below the autostore threshold (v asth ). v cc must remain above the autostore cycle end voltage (v asend ) for the duration of the store cycle (t asto ). the detailed timing for this feature is illustrated in the autostore timing diagram, below. once the autostore cycle is initiated, all other device func- tions are inhibited. autostore cycle timing diagrams 3826 fhd f14 autostore cycle limits X20C16 symbol parameter min. max. units t asto autostore cycle time 2.5 ms v asth autostore threshold voltage 4.0 4.3 v v asend autostore cycle end voltage 3.5 v 3826 pgm t15 as t pur t asto t pur 0v v asth v cc 1 2 3 4 5 v cc volts (v) time (ms) v asth v asend autostore cycle in progress t asto store time
X20C16 13 software data protection commands command data eas enable autostore cc[h] ras reset autostore cd[h] ss software store 33[h] 3826 pgm t14.1 sdp (software data protection) store state diagram 3826 fhd f12.1 power up s0 s1 s2 store on ss or enable/reset autostore no store no store no store addr 555, data aa addr 555, data aa addr 555, data aa addr 2aa, data 55 write: addr 555, data=command ram write or recall power up software store enabled software store & autostore enabled power down eas ss ras power down (autostore) eas ss power on recall 3826 fhd f13.1
X20C16 14 notes
X20C16 15 packaging information 0.620 (15.75) 0.590 (14.99) typ. 0.614 (15.60) 0.110 (2.79) 0.090 (2.29) typ. 0.100 (2.54) 1.30 (33.02) ref. 0.026 (0.66) 0.014 (0.36) typ. 0.018 (0.46) 0.225 (5.72) 0.140 (3.56) 0.060 (1.52) 0.015 (0.38) 3926 fhd f08 pin 1 seating plane 0.200 (5.08) 0.125 (3.18) 0.070 (1.78) 0.030 (0.76) typ. 0.055 (1.40) 0.610 (15.49) 0.500 (12.70) 0.100 (2.54) 0.035 (0.89) typ. 0.010 (0.25) 0 15 28-lead hermetic dual in-line package type d note: all dimensions in inches (in parentheses in millimeters) 1.490 (37.85) 1.435 (36.45)
X20C16 16 0.020 (0.51) 0.016 (0.41) 0.150 (3.81) 0.125 (3.17) 0.610 (15.49) 0.590 (14.99) 0.110 (2.79) 0.090 (2.29) 1.460 (37.08) 1.400 (35.56) 1.300 (33.02) ref. pin 1 index 0.160 (4.06) 0.125 (3.17) 0.030 (0.76) 0.015 (0.38) 3926 fhd f04 pin 1 seating plane 0.062 (1.57) 0.050 (1.27) 0.550 (13.97) 0.510 (12.95) 0.085 (2.16) 0.040 (1.02) 0 15 28-lead plastic dual in-line package type p note: all dimensions in inches (in parentheses in millimeters) typ. 0.010 (0.25) packaging information
X20C16 17 0.150 (3.81) bsc 0.300 (7.62) bsc 0.458 (11.63) CC 0.458 (11.63) 0.442 (11.22) pin 1 0.400 (10.16) bsc 0.560 (14.22) 0.540 (13.71) 3926 fhd f14 0.020 (0.51) x 45 ref. 0.095 (2.41) 0.075 (1.91) 0.022 (0.56) 0.006 (0.15) 0.055 (1.39) 0.045 (1.14) typ. (4) plcs. 0.040 (1.02) x 45 ref. typ. (3) plcs. 0.050 (1.27) bsc 0.028 (0.71) 0.022 (0.56) (32) plcs. 0.200 (5.08) bsc 0.015 (0.38) 0.003 (0.08) 0.558 (14.17) CC 0.088 (2.24) 0.050 (1.27) 0.120 (3.05) 0.060 (1.52) pin 1 index corder 1 32 32-pad ceramic leadless chip carrier package type e note: 1. all dimensions in inches (in parentheses in millimeters) 2. tolerance: 1% ntl 0.005 (0.127) packaging information
X20C16 18 0.021 (0.53) 0.013 (0.33) 0.420 (10.67) 0.050 (1.27) typ. typ. 0.017 (0.43) 0.045 (1.14) x 45 0.300 (7.62) ref. 0.453 (11.51) 0.447 (11.35) typ. 0.450 (11.43) 0.495 (12.57) 0.485 (12.32) typ. 0.490 (12.45) pin 1 0.400 (10.16) ref. 0.553 (14.05) 0.547 (13.89) typ. 0.550 (13.97) 0.595 (15.11) 0.585 (14.86) typ. 0.590 (14.99) 3 typ. 0.048 (1.22) 0.042 (1.07) 0.140 (3.56) 0.100 (2.45) typ. 0.136 (3.45) 0.095 (2.41) 0.060 (1.52) 0.015 (0.38) seating plane 0.004 lead co C planarity 3926 fhd f13 32-lead plastic leaded chip carrier package type j notes: 1. all dimensions in inches (in parentheses in millimeters) 2. dimensions with no tolerance for reference only packaging information
X20C16 19 0.2980 (7.5692) 0.2920 (7.4168) 0.4160 (10.5664) 0.3980 (10.1092) 0.0192 (0.4877) 0.0138 (0.3505) 0.0160 (0.4064) 0.0100 (0.2540) 0.050 (1.270) bsc 0.7080 (17.9832) 0.7020 (17.8308) 0.0110 (0.2794) 0.0040 (0.1016) 0.1040 (2.6416) 0.0940 (2.3876) 0.0350 (0.8890) 0.0160 (0.4064) 0.0125 (0.3175) 0.0090 (0.2311) 0 C 8 x 45 3926 fhd f17 28-lead plastic small outline gull wing package type s notes: 1. all dimensions in inches (in parentheses in millimeters) 2. formed lead shall be planar with respect to one another within 0.004 inches 3. back ejector pin marked korea 4. controlling dimension: inches (mm) seating plane base plane packaging information
X20C16 20 packaging information 3926 ill f38.1 8.02 (0.315) 7.98 (0.314) 1.18 (0.046) 1.02 (0.040) 0.17 (0.007) 0.03 (0.001) 0.26 (0.010) 0.14 (0.006) 0.50 (0.0197) bsc 0.58 (0.023) 0.42 (0.017) 14.15 (0.557) 13.83 (0.544) 12.50 (0.492) 12.30 (0.484) pin #1 ident. o 0.76 (0.03) seating plane see note 2 see note 2 0.50 ?0.04 (0.0197 ?0.0016) 0.30 ?0.05 (0.012 ?0.002) 14.80 ?0.05 (0.583 ?0.002) 1.30 ?0.05 (0.051 ?0.002) 0.17 (0.007) 0.03 (0.001) typical 32 places 15 eq. spc. 0.50 ?0.04 0.0197 ?0.016 = 7.50 ?0.06 (0.295 ?0.0024) overall tol. non-cumulative solder pads footprint note: 1. all dimensions are shown in millimeters (inches in parentheses). 32-lead thin small outline package (tsop) type t
X20C16 21 limited warranty devices sold by xicor, inc. are covered by the warranty and patent indemnification provisions appearing in its terms of sale only. xicor, inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. xicor, inc. makes no warranty of merchantability or fitness tor any purpose. xicor, inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. xicor, inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a xicor, inc. product. no other circuits, patents, licenses are implied. us. patents xicor products are covered by one or more of the following u.s. patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976. foreign patents and additional patents pending. life related policy in situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence. xicors products are not authorized for use as critical components in life support devices or systems. 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its satety or effectiveness. ordering information access time C35 = 35ns C45 = 45ns C55 = 55ns temperature range blank = commercial = 0 c to +70 c i = industrial = C40 c to +85 c m = military = C55 c to +125 c mb = mil. std 883 package d = 28-lead cerdip p = 28 lead plastic dip e = 32-pad ceramic lcc j = 32-lead plcc s = 28-lead soic t = 32-lead tsop device X20C16 x x -x
X20C16 22 notes
X20C16 23 notes
X20C16 24 u.s. sales offices corporate office xicor inc. 1511 buckeye drive milpitas, ca 95035 phone: 408/432-8888 fax: 408/432-0640 e-mail: info@smtpgate.xicor.com northeast region xicor inc. 1344 main street waltham, ma 02154 phone: 617/899-5510 fax: 617/899-6808 e-mail: xicor-ne @smtpgate.xicor.com southeast region xicor inc. 100 e. sybelia ave. suite 355 maitland, fl 32751 phone: 407/740-8282 fax: 407/740-8602 e-mail: xicor-se @smtpgate.xicor.com southwest region xicor inc. 4100 newport place drive suite 710 newport beach, ca 92660 phone: 714/752-8700 fax: 714/752-8634 e-mail: xicor-sw @smtpgate.xicor.com northwest region xicor inc. 2700 augustine drive suite 219 santa clara, ca 95054 phone: 408/292-2011 fax: 408/980-9478 e-mail: xicor-nw @smtpgate.xicor.com mid-atlantic region xicor inc. 50 north street danbury, ct 06810 phone: 203/743-1701 fax: 203/794-9501 e-mail: xicor-ma @smtpgate.xicor.com north central region xicor inc. 810 south bartlett road suite 103 streamwood, il 60107 phone: 708/372-3200 fax: 708/372-3210 e-mail: xicor-nc @smtpgate.xicor.com south central region xicor inc. 11884 greenville ave. suite 102 dallas, tx 75243 phone: 214/669-2022 fax: 214/644-5835 e-mail: xicor-sc @smtpgate.xicor.com international sales offices singapore/malaysia/india xicor inc. 2700 augustine drive suite 219 santa clara, ca 95054 phone: 408/292-2011 fax: 408/980-9478 e-mail: xicor-nw @smtpgate.xicor.com korea xicor korea 27th fl., korea world trade ctr. 159, samsung-dong kangnam ku seoul 135-729 korea phone: (82) 2551.2750 fax: (82) 2551.2710 e-mail: xicor-ka @smtpgate.xicor.com ( ) = country code europe northern europe xicor ltd. grant thornton house witan way witney oxford ox8 6fe uk phone: (44) 1933.700544 fax: (44) 1933.700533 e-mail: xicor-uk @smtpgate.xicor.com central europe xicor gmbh technopark neukeferloh bretonischer ring 15 85630 grasbrunn bei muenchen germany phone: (49) 8946.10080 fax: (49) 8946.05472 e-mail: xicor-gm @smtpgate.xicor.com asia/pacific japan xicor japan k.k. suzuki building, 4th floor 1-6-8 shinjuku, shinjuku-ku tokyo 160, japan phone: (81) 3322.52004 fax: (81) 3322.52319 e-mail: xicor-jp @smtpgate.xicor.com mainland china taiwan/hong kong xicor inc. 4100 newport place drive suite 710 newport beach, ca 92660 phone: 714/752-8700 fax: 714/752-8634 e-mail: xicor-sw @smtpgate.xicor.com xicor, inc., marketing dept. 1511 buckeye drive, milpitas, california 95035-7493 tel 408/432-8888 fax 408/432-0640 rev. 4 3/96 stock# 99-a-0033 xicor product information is available at: http://www.xicor.com


▲Up To Search▲   

 
Price & Availability of X20C16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X