Part Number Hot Search : 
PSD12 R20100 LTC3402 MBD4148 ESD05 DTC144T 76645P 1N522
Product Description
Full Text Search
 

To Download TR11608FF-15A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  form no. 1608ff page 1 of 2 bif doc #3002 bussmann smt chip fuse 1608ff subminiature surface mount fuses r product rated current symbol package code tr = 3,000 pieces on tape on a 178mm reel. tr1 = 15,000 pieces on tape on a 330mm reel. sp = 50 pieces on tape in a plastic box. contact bussmann if other package quantities are required. 1608ff (see table) packaging and ordering information: tape and reel: standard 8mm tape, in compliance with eia-rs481 (equivalent to iec 286, part 3). catalog symbol: 1608ff voltage rating: 24 vdc interrupting rating: 35 amperes physical size: eia socm-1608-ac (equivalent to 0603) 1.6 ? 0.8 ? 0.8mm 0.063 ? 0.032 ? 0.032 in. time-current characteristics: carry 100% rated current, 4 hours minimum. open within 5 seconds at 250% rated current. agency approvals: ul recognized, std. 248-14, file e19180, guide jdyx2 csa component acceptance file 53787, class 1422-30 general information: bussmann smt chip fuses utilize thick and thin metal film technologies for superior fusing action and enhanced reliability. the fuse element is bonded to a ceramic substrate and encapsulated with glass, providing excellent short-circuit performance and environmental integrity. predicted reliability of the 1608ff chip fuse is 30 times greater than that of the typical chip capacitor (consult bussmann for details). substrate and coating thermal expansion coefficients are closely matched to that of fr-4 epoxy-glass circuit board for superior solder joint reliability. the end terminations are over-plated with nickel and tin-lead. dimensional data dimensions - mm (inches) 0.36 0.15 (0.014 0.006) 0.80 0.15 (0.032 0.006) 0.80 0.15 (0.032 0.006) 1.60 0.15 (0.063 0.006) general notes: 1. ac interrupting rating, melting integral and total clearing integral measured at 32v, unity power factor. 2. dc interrupting rating, melting integral and total clearing integral measured at 63v (250ma-3a) and 32v (4-5a), with a battery source. 3. it is recommended that fuses be mounted with ceramic (white) side facing up. 4. contact bussmann if higher ampere ratings are needed. 5. device designed to carry rated current for four hours minimum. an operating current of 80% or less of rated current is recommen ded, with further derating required at elevated ambient temperatures. electrical characteristics current color typ. resistance typ. voltage typ. melting typ. total part number rating code @ 2 10% rated drop @ rated integral @ 35a clearing integral (xx=package code) (amperes) (cover/stripe) current (ohms) current (volts) (a 2 sec.) @ 35a (a 2 sec.) xx/1608ff-250ma 0.25 green 3.0 0.90 .000067 .000082 xx/1608ff-375ma 0.375 green/white 2.0 0.80 .00015 .00017 xx/1608ff-500ma 0.5 blue 0.9 0.54 .00055 .00058 xx/1608ff-750ma 0.75 blue/white 0.51 0.45 .00132 .00137 xx/1608ff-1a 1 brown 0.15 0.18 .0022 .0026 xx/1608ff-1.5a 1.5 brown/white 0.068 0.12 .014 .015 xx/1608ff-2a 2 black 0.042 0.11 .037 .038 xx/1608ff-2.5a 2.5 black/white 0.029 0.09 .070 .078 xx/1608ff-3a 3 violet 0.022 0.087 .095 .107 xx/1608ff-3.5a 3.5 violet/white 0.018 0.08 .185 .190 xx/1608ff-4a 4 yellow 0.014 0.08 .270 .272 ce logo denotes compliance with european union low voltage directive (50-1000 vac, 75-1500 vdc). refer to bif document #8002 or contact bussmann application engineering at 314-527-1270 for more information. construction not to scale. 12 34 67 5 8 substrate 1. ceramic substrate 2. silver termination pad 3. metal film fusible element 4. fused glass cover (color coded) 5. white stripe (only on certain ratings) 6. silver end termination 7. nickel barrier (5.1-10.2 ?) 8. 90/10 tin-lead plating (7.6-12.7 ?) rev. a sb98107 12-16-98
form no. 1608ff page 2 of 2 bif doc #3002 bussmann smt chip fuse 1608ff subminiature surface mount fuses e p 2 p 0 p 1 a 0 d 0 f b 0 w 1.25 (0.05) 0.90 (0.035) 0.50 (0.02) environmental specifications operating temperature range: -65 to +125?, with proper derating. t hermal shock: mil-std-202, method 107, test condition b (-65 to 125?), 1000 cycles, fuses soldered to fr-4 glass -epoxy circuit board. vibration: mil-std-202, method 204, test condition c (55 to 2000 h z , 10g). s olderability: withstands 60 seconds above 200?, 260? maximum. moisture resistance: mil-std-202, method 106, 10 day cycle. solder leach resistance & terminal adhesion: eia-576 (30 seconds submersion in 260? tin-lead solder). carrier dimensions - mm w 8.0 + 0.3 / -0.1 f 3.5 0.05 e 1.75 0.1 p 2 2.0 0.05 p 0 4.0 0.1 p 1 4.0 0.1 a 0 1.71 0.1 b 0 1.88 0.1 d 0 1.5 + 0.1 / -0.0 recommended land pattern - mm (inches) r the only controlled copy of this bif document is the electronic read-on version located on the bussmann network drive. all othe r copies of this bif document are by definition uncontrolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with de sign applications. bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. bussmann also reserves the rig ht to change or update, without notice, any technical information contained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. 10 1 .1 .01 .001 current in amperes ampere rating time in seconds 1,000 100 10 1 .1 250ma 375ma 500ma 750ma 1a 1.5a 2a 2.5a 3a 3.5a 4a rev. a sb98107 12-16-98


▲Up To Search▲   

 
Price & Availability of TR11608FF-15A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X