Part Number Hot Search : 
A105K SZ5234B A105K BP506 2N5911 SE336 LM7924 SZ5234B
Product Description
Full Text Search
 

To Download TIP32-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tip32/32a/32b/32c silicon pnp power transistors features ? the complementary npn types are the tip31 respectively to-220  
 omp onents 2 0736 marilla street chatsworth       
     mcc www. mccsemi .com tm micro commercial components case material: molded plastic. ulflammability classification rating 94v-0 and msl rating 1 marking : part number revision:6 2010/11/09 1 of 2 ? ? absolute maximum ratings @ t a = 25 (unless otherwise noted) symbol parameter value unit v cbo tip32 tip32a tip32b tip32c collector-base voltage (open emitter) -40 -60 -80 -100 v v ceo tip32 tip32a tip32b tip32c collector-emitter voltage (open base) -40 -60 -80 -100 v v ebo emitter-base voltage (open collector) -5 v i c collector current -3 a i cm collector current pulse -5 a i b base current -1 a total device dissipation(ta=2 5) 2 w p c total device dissipation(tc=2 5) 40 w t j junction temperature 150 t stg storage temperature range -65 to +150 electrical charac teristics @ 25 o c unless otherwise specified symbol parameter min max units v ceo(sus) tip32 tip32a tip32b tip32c collector-emitter sustaining voltage ( i c =-30ma; i b =0) -40 -60 -80 -100 v v ce(sat) collector-emitter saturation voltage ( i c =-3a i b =-0.375a ) -1.2 v v be base-emitter voltage ( i c =-3a ; v ce =-4v ) -1.8 v i ces tip32 tip32a tip32b tip32c collector cut-off current (v ce =-40v; v eb =0) (v ce =-60v; v eb =0) (v ce =-80v; v eb =0) (v ce =-100v; v eb =0) -0.2 ma i ceo tip32/32a tip32b/c collector cut-off current (-v ce =30v; v eb =0) (-v ce =60v; v eb =0) -0.3 ma i ebo emitter cut-off current (-v eb =5v; i c =0) -1.0 ma hfe dc current gain (i c =-1a ; v ce =-4v) (i c =-3a ; v ce =-4v) 25 10 50 f t transition frequency ( i c =-0.5a ; v ce =-10v) 3 mhz g r b q h u l d c j k a f s t 1 3 2 n v min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max pin 1. base pin 2. collector pin 3. emitter ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7.
mcc revision:6 2010/11/09 tm micro commercial components www. mccsemi .com 2 of 2 products are represented on our website, harmless against all damages. ***important notice*** micro commercial components corp . reserve the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box ***life support*** without the expresse written approval of micro commercial components corporation. mcc's products are not authorized for use as critical components in life support devices or systems


▲Up To Search▲   

 
Price & Availability of TIP32-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X