Part Number Hot Search : 
473U7 IPA80R 2SC34 100RJ 8X7R2J10 L293DD KS7308 BU931ZPF
Product Description
Full Text Search
 

To Download TIP31-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tip31/a/b/c silicon npn power transistors features ? to-220 package ? the complementary pnp types are the tip32 respectively  inches mm      
a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 e .335 .368 8.50 9.35 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .090 .110 2.29 2.79 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92 
  a b c k j i h g f e d n m l h to-220ab pin 1. base pin 2. collector 12 3 pin 3. emitter  
 omp onents 2 0736 marilla street chatsworth       
     mcc www.mccsemi .com revision: 4 2007/01/24 tm micro commercial components x case material: molded plastic. u l flammability classification rating 94v -0 x marking : p a rt n umber 1 of 2 absolute maximum ratings @ t a = 2 5 (unless otherwise noted) symbol parameter value unit v cbo tip31 tip31a tip31b tip31c collector-base voltage (open emitter) 40 60 80 100 v v ce0 tip31 tip31a tip31b tip31c collector-emitter voltage (open base) 40 60 80 100 v v ebo emitter-base voltage (open collector) 5 v i c collector current 3 a i cm collector current pulse 5 a i b base current 1 a total device dissipation(ta=2 5) 2 w p c total device dissipation(tc=2 5) 40 w t j junction temperature 150 t stg storage temperature range -65 to +150 electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units v ceo(sus) tip31 tip31a tip31b tip31c collector-emitter sustaining voltage ( i c =30ma; i b =0) 40 60 80 100 v v ce(sat) collector-emitter saturation voltage ( i c =3a i b =0.375a ) 1.2 v v be base-emitter voltage ( i c =3a ; v ce =4v ) 1.8 v i ces tip31 tip31a tip31b tip31c collector cut-off current (v ce =40v; v eb =0) (v ce =60v; v eb =0) (v ce =80v; v eb =0) (v ce =100v; v eb =0) 0.2 ma i ceo tip31/31a tip31b/31c collector cut-off current (v ce =30v; v eb =0) (v ce =60v; v eb =0) 0.3 ma i ebo emitter cut-off current (v eb =5v; i c =0) 1.0 ma h fe dc current gain (i c =1a ; v ce =4v) (i c =3a ; v ce =4v) 25 10 50 f t transition frequency ( i c =0.5a ; v ce =10v) 3 mhz
mcc revision: 4 2007/01/24 tm micro commercial components www. mccsemi .com 2 of 2 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of TIP31-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X