Part Number Hot Search : 
ADG619 3SK180 00BB7 B951A HFBR1536 2SK2286 CC2450 TN3001
Product Description
Full Text Search
 

To Download PS9117-F3-AX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description t he ps9117 is an optically coupled high-s peed, active low ty pe isolator contai ning a gaalas led on the input side and a photodiode and a signal processing ci rcuit on the output side on one chip. t he ps9117 is designed specifically for high common m ode transient immunity (cmr) and low pulse w i dth distortion. t he ps9117 is suitabl e for high density application. features ? pulse w i dth distortion ( ? t ph l ? t plh ? = 35 ns max.) ? high common mode transient immunity (cm h , cm l = 15 kv/ s min.) 53 12 4 1. anode 2. cathode 3. gnd 4. v o 5. v cc pin connection (top view) ? small package (so-5) ? high-speed (10 mbps) ? high isolation voltage (bv = 3 750 vr.m.s.) ? open collector output ? ordering number of taping produc t: ps9117-f 3 , f 4 : 2 500 pcs/reel ? pb-f ree product ? safety standards ? ul approved: f ile no. e72422 ? din en60747-5-2 (vde0884 part 2) approved no. 40008902 (option) applications ? measurement equipment ? pdp ? fa netw ork 2004, 2007 the mark show s major revised points. the revised points can be easily searched by copy ing an "" in the pdf file and spec ify i ng it in the "find w hat:" field. truth table l e d o u t p u t o n l o f f h photocoupler ps9117 high cmr, 10 mbps open collector output type 5-pin sop (so-5) photocoupler ? nepoc series ? document no. pn10494ej04v0ds (4th edition) date published april 2007 ns cp(n)
package dimensions (unit: m m ) 1.27 0.4 +0.10 ?0.05 0.25 m 0.10.1 2.60.2 4.4 7.00.3 0.50.3 0.15 +0.10 ?0.05 3.4 +0.3 ?0.1 53 12 4 marking example no. 1 pin mark initial of nec (engraved mark) rank code year assembled (last 1 digit) week assembled n 7 31 assembly lot 9117 n731 n *1 *1 bar : pb-free data sheet pn10494ej04v0ds 2 ps9117
ordering information part number order number solder plating specification packing sty l e safety standards approval application part number *1 ps9117 ps9117-a pb-free 20 pcs (tape 20 pcs cut) ul approved ps9117 ps9117-f3 ps9117-f3-a embossed tape 2 500 pcs/reel p s 9 1 1 7 - f 4 p s 9 1 1 7 - f 4 - a ps9117-v ps9117-v-a 20 pcs (tape 20 pcs cut) din en60747-5-2 ps9117-v-f3 ps9117-v-f3-a embossed tape 2 500 pcs/reel (vde0884 part2) p s 9 1 1 7 - v - f 4 p s 9 1 1 7 - v - f 4 - a approved ( o p t i o n ) *1 f o r the application of the safety st andard, follow i ng part number should be used. absolute maximum ratings (t a = 25 c, unless otherw ise specified) p a r a m e t e r s y m b o l r a t i n g s u n i t d i o d e f o r w ard current *1 i f 3 0 m a r e v e r s e v o l t a g e v r 5 v de te c t o r supply voltage v cc 7 v o u t p u t v o l t a g e v o 7 v o u t p u t c u r r e n t i o 2 5 m a p o w e r dissipation *2 p c 4 0 m w isolation voltage *3 b v 3 7 5 0 v r . m . s . operating ambient temperature t a ? 40 to +85 c storage temperature t st g ? 55 to +125 c *1 reduced to 0.3 ma/ c at t a = 2 5 c or more. *2 applies to output pin v o (collector pin). reduced to 1.5 mw / c at t a = 6 5 c or more. *3 ac voltage for 1 minute at t a = 2 5 c, rh = 60% betw een input and output. pins 1-2 shorted together , 3-5 shorted together. data sheet pn10494ej04v0ds 3 ps9117
recommended operating conditions parameter symbol min. typ. max. unit low level input voltage v fl 0 0.8 v high level input current i fh 6.3 10 12.5 ma supply voltage v cc 4.5 5.0 5.5 v ttl (r l = 1 k ? , loads) n 5 pull-up resistor r l 330 4 k ? electrical characteristics (t a = ? 40 to +85 c, unless otherwise specified) parameter symbol conditions min. typ. *1 max. unit diode forward voltage v f i f = 10 ma, t a = 25 c 1.4 1.65 1.8 v reverse current i r v r = 3 v, t a = 25 c 10 a terminal capacitance c t v = 0 v, f = 1 mhz, t a = 25 c 30 pf detector high level output current i oh v cc = v o = 5.5 v, v f = 0.8 v 1 100 a low level output voltage *2 v ol v cc = 5.5 v, i f = 5 ma, i ol = 13 ma 0.2 0.6 v high level supply current i cch v cc = 5.5 v, i f = 0 ma 5 8 ma low level supply current i ccl v cc = 5.5 v, i f = 10 ma 9 11 coupled threshold input current i fhl v cc = 5 v, v o = 0.8 v, r l = 350 ? 2 5 (h l) isolation resistance r i-o v i-o = 1 kv dc , rh = 40 to 60%, t a = 25 c 10 11 ? isolation capacitance c i-o v = 0 v, f = 1 mhz, t a = 25 c 0.6 pf propagation delay time t phl t a = 25 c 35 75 ns (h l) *3 v cc = 5 v, r l = 350 ? , i f = 7.5 ma 100 propagation delay time t plh t a = 25 c 40 75 (l h) *3 v cc = 5 v, r l = 350 ? , i f = 7.5 ma 100 rise time t r v cc = 5 v, r l = 350 ? , i f = 7.5 ma 20 fall time t f 5 pulse width distortion (pwd) *3 ? t phl- t plh ? 5 35 propagation delay skew t psk 40 common mode transient immunity at high level output *4 cm h v cc = 5 v, r l = 350 ? , t a = 25 c, i f = 0 ma, v o > 2 v, v cm = 1 kv 15 20 kv/ s common mode transient immunity at low level output *4 cm l v cc = 5 v, r l = 350 ? , t a = 25 c, i f = 7.5 ma, v o < 0.8 v, v cm = 1 kv 15 20 kv/ s data sheet pn10494ej04v0ds 4 ps9117
*1 t y pical values at t a = 2 5 c *2 because v ol of 2 v or more may be output w hen led current input and w hen output supply of v cc = 2.6 v or less, it is important to confirm t he characteristics (operation w i th the pow er supply on and off) during design, before using this device. *3 t e st circuit for propagation delay time input output 1.5 v v ol t phl t plh (i f = 7.5 ma) 50% 47 ? pulse input (i f ) v o (monitor) v cc = 5 v input (monitor) 0.1 f c l = 15 pf r l = 350 ? (pw = 1 s, duty cycle = 1/10) remark c l includes probe and stray w i ring capacitance. *4 t e st circuit for common mode transient immunity 90% 10% 1 kv 0 v v oh 2 v 0.8 v v ol v cm v o (i f = 0 ma) v o (i f = 7.5 ma) t r t f v o (monitor) v cc = 5 v 0.1 f c l = 15 pf sw v cm i f r l = 350 ? remark c l includes probe and stray w i ring capacitance. usage cautions 1. t h is product is w eak for static el ectricity by designed w i th high-speed integr ated circuit so protect against static electricity w hen handling. 2. by -pass capacitor of 0.1 f is used betw een v cc and gnd near device. also, ens ure that the distance betw een the leads of the photocoupler and c apacitor is no more than 10 mm. 3. avoid storage at a high te mperature and high humidity . data sheet pn10494ej04v0ds 5 ps9117
typical characteristics (t a = 25 c, unless otherw ise specified) 20 40 60 80 100 0 85 10 20 30 40 20 40 60 80 85 100 0 20 10 30 50 40 1.0 0.01 0.1 1 10 100 1.2 1.4 1.6 1.8 2.0 2.2 2.4 t a = +85?c +50?c +25?c 0?c ?25?c ?50 ?25 0 2 5 5 0 7 5 100 0 12 10 8 6 4 2 i ccl (i f = 10 ma) i cch (i f = 0 ma) 123456 ? 5 0 ? 2 5 0 2 5 5 0 7 5 1 i f = 5.0 ma, v cc = 5.5 v 6 5 4 3 2 1 0 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0 r l = 350 ? v cc = 5.0 v , t a = 25?c 1.0 k ? 4.0 k ? , 4.7 k ? i ol = 16.0 ma 13.0 ma 10.0 ma 6.0 ma ambient t emper ature t a (?c) maxim um f orw ard current i f (ma) maximum forward current vs. ambient temperature ambient t emper ature t a (?c) detector p o w er dissipation p c (mw) detector power dissipation vs. ambient temperature f orw ard v oltage v f (v) f orw ard current i f (ma) forward current vs. forward voltage ambient t emper ature t a (?c) high le v el supply current i cch (ma) lo w le v el supply current i ccl (ma) suppl y current vs. ambient temperature input current i f (ma) output v oltage v o (v) output v o l t a ge vs . input current ambient t emper ature t a (?c) lo w le v el output v oltage v ol (v) lo w level output v o l t a ge vs . ambient tempera ture remark t he graphs indicate nominal characteristics. data sheet pn10494ej04v0ds 6 ps9117
v cc = 5.0 v , v o = 0.6 v 5 4 3 2 1 0 100 80 60 40 20 0 ?50 ?25 0 2 5 5 0 7 5 100 ?50 ?25 0 2 5 5 0 7 5 100 1.0 k ? r l = 350 ? i f = 7.5 ma, v cc = 5.0 v t phl : r l = 350 ? , 1.0 k ? , 4.0 k ? 4.0 k ? t plh : r l = 4.7 k ? t plh : r l = 1.0 k ? t plh : r l = 350 ? ?50 ?25 0 2 5 5 0 7 5 100 i f = 7.5 ma, v cc = 5.0 v 300 250 200 150 100 50 0 t r : r l = 4.7 k ? t r : r l = 350 ? t f : r l = 350 ? , 1.0 k ? , 4.0 k ? t r : r l = 1.0 k ? ambient t emper ature t a (?c) threshold input current i fhl (ma) threshold input current vs . ambient tempera ture ambient t emper ature t a (?c) propagation dela y time t phl , t plh (ns) pr op a g a tion dela y time vs . ambient tempera ture ambient t emper ature t a (?c) pulse width distor tion t phl ?t plh (ns) pulse width dist or tion vs . ambient tempera ture ambient t emper ature t a (?c) switching time t r , t f (ns) switching time vs . ambient tempera ture input current i f (ma) propagation dela y time t phl , t plh (ns) pr op a g a tion dela y time vs . input current 60 50 40 30 20 10 0 ?50 ?25 0 2 5 5 0 7 5 100 i f = 7.5 ma, v cc = 5.0 v r l = 4.7 k ? r l = 350 ? 1.0 k ? 15 13 11 9 7 5 120 100 80 60 40 20 0 t plh : r l = 4.7 k ? t plh : r l = 1.0 k ? t phl : r l = 350 ? , 1.0 k ? , 4.7 k ? t plh : r l = 350 ? 3 remark t he graphs indicate nominal characteristics. data sheet pn10494ej04v0ds 7 ps9117
taping specifications (unit: mm) outline and dimensions (tape) tape direction ps9117-f3 ps9117-f4 outline and dimensions (reel) packing: 2 500 pcs/reel 1001.0 13.00.2 3302.0 2.00.5 11.9 to 15.4 outer edge of flange 17.51.0 13.51.0 2.00.5 13.00.2 r 1.0 21.00.8 1.550.1 2.00.05 4.00.1 1.750.1 3.90.1 3.45 max. 7.40.1 0.3 0.05 8.00.1 1.5 +0.1 ?0 5.50.1 12.00.2 3.00.1 data sheet pn10494ej04v0ds 8 ps9117
notes on handling 1. recommended soldering conditions (1) infrared reflow soldering ? peak reflow temperature 260 c or below (package surface temperature) ? t i me of peak reflow temperature 10 seconds or less ? t i me of temperature higher than 220 c 60 seconds or less ? t i me to preheat temperature from 120 to 180 c 120 30 s ? number of reflow s t h ree ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) 12030 s (preheating) 220?c 180?c package surface temperature t (?c) time (s) recommended temperature profile of infrared reflow (heating) to 10 s to 60 s 260?c max. 120?c (2) wav e soldering ? t e mperature 260 c or below (molten solder temperature) ? t i me 10 seconds or less ? preheating conditions 120 c or below (package surface temperature) ? number of times one (allow ed to be dipped in solder including plastic mold portion.) ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) (3 ) solde r ing by solde r ing iron ? peak t e mperature (l ead part temperature) 350 c or below ? t i me (each pins) 3 seconds or less ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) (a) soldering of leads should be made at the poi nt 1.5 to 2.0 mm from the root of the lead (b) please be sure that the temperatur e of the package w oul d not be heated over 100 c data sheet pn10494ej04v0ds 9 ps9117
(4) cautions ? fluxes avoid removing the residual flux with freon-based and chlorine-based cleaning solvent. 2. cautions regarding noise be aware that when voltage is applied suddenly bet ween the photocoupler?s i nput and output or between collector-emitters at startup, the output transistor may enter the on state, even if the voltage is wi thin the absolute maximum ratings. usage cautions 1. protect against static electricity when handling. 2. avoid storage at a high te mperature and high humidity. data sheet pn10494ej04v0ds 10 ps9117
the information in this document is current as of april, 2007. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec electronics data sheets or data books, etc., for the most up-to-date specifications of nec electronics products. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec electronics. nec electronics assumes no responsibility for any errors that may appear in this document. nec electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec electronics products listed in this document or any other liability arising from the use o f such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec electronics or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility o f the customer. nec electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec electronics endeavors to enhance the quality, reliability and safety of nec electronics products, customers agree and acknowledge that t h e possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. nec electronics products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to nec electronics products developed based on a customer- designated "quality assurance program" for a specific application. the recommended applications of an nec electronics product depend on its quality grade, as indicated below. customers must check the quality grade of each nec electronics product before using it in a particular application. the quality grade of nec electronics products is "standard" unless otherwise expressly specified in nec electronics data sheets or data books, etc. i f customers wish to use nec electronics products in applications not intended by nec electronics, they must contact an nec electronics sales representative in advance to determine nec electronics' willingness to support a given application. (note) ? ? ? ? ? ? m8e 02. 11-1 (1) (2) "nec electronics" a s used in this statement means nec electronics corporation and also includes its majority-owned subsidiaries. "nec electronics products" means any product developed or manufactured by or for nec electronics (as defined above). computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. " standard" : " special" : " specific" : data sheet pn10494ej04v0ds 11 ps9117
caution gaas products this product uses gallium arsenide (g aas). gaas vapor and pow der are hazardous to human health if inhaled or ingested, so please observe the follow i ng points. ? follow related law s and ordinances w hen disposi ng of the product. if there are no applicable law s and/or ordinances, dispose of the product as recommended below . 1. commission a disposal company able to (w it h a license to) collect, transport and dispose of materials that contain arsenic and other such industrial w a ste materials. 2. exclude the product from general industria l w a ste and household garbage, and ensure that the product is controlled (as industrial w a ste subjec t to special control) up until final disposal. ? do not burn, destroy , cut, crush, or chemically dissolve the product. ? do not lick the product or in any w a y allow it to enter the mouth. ps9117
4590 p a t r ick hen r y drive san t a c l ara, ca 9505 4- 181 7 teleph o n e : ( 408) 919- 25 00 facsim ile: ( 408 ) 988- 027 9 subject: compliance with eu dire ctives cel certifies, to its kno w ledge, that semicondu ctor and laser products detailed below are compliant with the requirements of european union (eu) directive 2002/95/ec restriction on use of hazardous substances in electrical and electron ic equipment (rohs) an d the requir e ments of eu directive 2003/11/ec restriction o n penta and octa bde. cel pb-free products ha ve the same base part n u mber with a suffix added. the suffix ?a indicates that the device is pb-fre e. the ?az suffix is use d to designa te devices containing pb which are exempted from the requirement of ro hs directive (*). in all cases the de vices have pb-free terminals. all devices with these suffixes meet the require ments of the rohs directive. this statu s is based on cel?s understanding of t he eu directives and kn owledge of the materials that go into its pr oducts as of the date of disclo s ure o f this inform ation. re st rict e d s u bst a n c e per rohs con c e n tratio n limit per rohs (value s are n o t yet fixed) con c e n tratio n contai ned in cel devices - a - a z lead (p b) < 100 0 ppm not dete cted (*) mercury < 100 0 ppm not dete cted cadmi u m < 100 ppm not dete cted hexavale nt chromi um < 100 0 ppm not dete cted pbb < 1000 ppm not detec t ed pbde < 1000 ppm not detec t ed if you should have any additional q uestions reg a rding our d e vices and compliance t o environme n tal standards, p l ease do not hesitate to contact your local representative. important inf o rm ation and disclaimer: infor m ation provided b y cel on its w ebsite or in other communi cations concertin g the subs tance content of its pro ducts represents know ledge and b e lief as of t he date that it is provided. cel bases its know ledge a n d belief on informa t ion provided b y t h ird parties and make s no representa t ion or w a rran t y a s to the accurac y of such information. efforts are u nder w a y to b e tte r integrate informa t ion from third pa rties. cel has ta ken and cont inue s to take reasona ble steps to provide repr esentative and ac cur a te information but ma y not h a ve conducted destructive testing or chemical analy s is on incoming ma terials and chemicals. cel and ce l suppliers consid er certain inform ation to be pro p ri etar y , and thus c as numbers and other limited information ma y not be availab le for release. in no event shall cel?s liability ari s ing out of such information e x cee d the total purch ase price of the cel part ( s) at issue s old by cel to customer on an annual basis. see cel te rms and conditions f o r additional cl arification of w a rran t ies and liability .


▲Up To Search▲   

 
Price & Availability of PS9117-F3-AX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X