Part Number Hot Search : 
BUZ80 01901 IRF747 DG182BA 2SB798 F030M10 FXP7000 6EBF4
Product Description
Full Text Search
 

To Download PE42612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 4 document no. 70-0217-01 www.psemi.com ?2006 peregrine semiconductor corp. all rights reserved. contact sales@psemi.com for full version of datasheet the PE42612 sp4t rf ultracmos? flip chip switch is designed specifically to address the needs of the antenna switch module market for gsm handsets. on-chip cmos decode logic is used to facilitate two-pin, low voltage cmos control inputs. high esd tolerance of 1500 v at all ports, no blocking capacitor requirements and on-chip saw filter over-voltage protection devices make this the ultimate in integration and ease of use. the PE42612 is manufactured on peregrine?s ultracmos? process, a patented variation of silicon-on-insulator (soi) technology on a sapphire substrate, offering the performance of gaas with the economy and integration of conventional cmos. product brief sp4t ultracmos? 2.6 v switch 100 ? 3000 mhz product description figure 1. functional diagram PE42612 flip chip features ? two pin cmos logic control inputs ? supports 1.8 v control logic ? low tx insertion loss: 0.55 db at 900 mhz, 0.70 db at 1900 mhz ? isolation of 39 db at 900 mhz, 31 db at 1900 mhz ? low harmonics 2f o = -82 dbc and 3f o = -74 dbc at 35 dbm input power ? 1500 v hbm esd tolerance ? built in cmos decoder/driver ? rx saw over voltage protection circuit ? no blocking capacitors required figure 2. die top view rx1 rx2 tx1 tx2 cmos control/driver and esd v1 v2 1 rx1 2 gnd 3 rx2 v1 4 v2 5 vdd 6 gnd 7 9 gnd 8 tx2 11 n/c 12 ant 10 tx1
product brief PE42612 page 2 of 4 ?2006 peregrine semiconductor corp. all rights reserved. document no. 70-0217-01 ultracmos? rfic solutions contact sales@psemi.com for full version of datasheet table 2. operating ranges table 3. absolute maximum ratings table 1. PE42612 electrical specifications: temp = 25c, v dd = 2.6 v parameter condition min typ max unit operational frequency 100 3000 mhz insertion loss ant - tx - 850 / 900 mhz ant - tx - 1800 / 1900 mhz ant - rx - 850 / 900 mhz ant - rx - 1800 / 1900 mhz 0.55 0.7 0.85 1.05 0.65 0.8 1.0 1.2 db db db db isolation tx - rx - 850 / 900 mhz (tx on) tx - rx - 1800 / 1900 mhz (tx on) tx1 - tx2 - 850 / 900 mhz (tx1 on) tx1 - tx2 - 1800 / 1900 mhz (tx1 on) 37 29 33 26 39 31 35 28 db db db db return loss 850 / 900 mhz 1800 / 1900 mhz 18 14 20 16 db db 2nd harmonic 1,2 35 dbm tx input power - 850 / 900 mhz 33 dbm tx input power - 1800 / 1900 mhz -82 -89 -78 -82 dbc dbc 3rd harmonic 1,2 35 dbm tx input power - 850 / 900 mhz 33 dbm tx input power - 1800 / 1900 mhz -74 -68 -69 -65 dbc dbc switching time (10-90%) (90-10%) rf 2 3 s notes: 1. measured in pulsed wave mode. 2. assumes rf input duty cycle of 50% and 4620 s, measured per 3gpp ts 45.005 parameter symbol min typ max units temperature range t op -40 +85 c v dd supply voltage v dd 2.4 2.6 2.95 v i dd power supply current (v dd = 2.6 v) i dd 11 25 a tx input power (vswr 3:1) 824-915 mhz +35 dbm +33 rx input power (vswr 1:1) p in +20 dbm control voltage high v ih 1.40 v control voltage low v il 0.40 v p in tx input power (vswr 3:1) 1710-1910 mhz control line current 1 a symbol parameter/conditions min max units v dd power supply voltage -0.3 4.0 v v i voltage on any dc input -0.3 v dd + 0.3 v t st storage temperature range -65 +150 c t op operating temperature range -40 +85 c p in tx input power (50 ? ) 3,4 824-915 mhz +38 dbm tx input power (50 ? ) 3,4 1710-1910 mhz +36 rx input power (50 ? ) +23 p in ( :1) tx input power (vswr = ( :1 ) 3,4 824-915 mhz +35 dbm tx input power (vswr = ( :1 ) 3,4 1710-1910 mhz +33 v esd esd voltage (hbm, mil_std 883 method 3015.7) 1500 v esd voltage (mm, jedec, jesd22-a114-b) 100 v note: 3. assumes rf input duty cycle of 50% and 4620 s. 4. v dd within operating range specified in table 4. absolute maximum ratings are those values listed in the above table. exceeding these values may cause permanent device damage. functional operation should be restricted to the limits in the dc electrical specifications table. exposure to absolute maximum ratings for extended periods may affect device reliability.
product brief PE42612 page 3 of 4 document no. 70-0217-01 www.psemi.com ?2006 peregrine semiconductor corp. all rights reserved. contact sales@psemi.com for full version of datasheet electrostatic discharge (esd) precautions when handling this ultracmos? device, observe the same precautions that you would use with other esd-sensitive devices. although this device contains circuitry to protect it from damage due to esd, precautions should be taken to avoid exceeding the specified rating. latch-up avoidance unlike conventional cmos devices, ultracmos? devices are immune to latch-up. table 5. truth table table 6. ordering information table 4. pin descriptions figure 3. pin configuration (ball-side up) order code die id description package shipping method PE42612-90 (unitive) c9817_1 PE42612-die-d film frame wafer (gross die / wafer quantity) PE42612-91 (fci) c9817_1 PE42612-die-d film frame wafer (gross die / wafer quantity) PE42612-00 c9817_1 PE42612-die-1h evaluation kit 1 / box PE42612 die 7 6 4 5 10 11 1 12 9 2 8 3 gnd tx2 gnd gnd rx1 rx2 v1 vdd v2 n/c ant tx1 pin no. pin name description 1 5 rx1 rf i/o ? rx1 2 gnd ground 3 5 rx2 rf i/o ? rx2 4 v1 switch control input, cmos logic level 5 v2 switch control input, cmos logic level 6 vdd supply 7 gnd ground 8 5 tx2 rf i/o - tx2 9 gnd ground 10 5 tx1 rf i/o - tx1 11 n/c no connect ? pin to be connected to an electrically isolated low capacitance pad 12 5 ant rf common ? antenna input note: 5. blocking capacitors needed only when non-zero dc voltage present. path v2 v1 ant - rx1 0 0 ant - rx2 0 1 ant - tx1 1 0 ant - tx2 1 1
product brief PE42612 page 4 of 4 ?2006 peregrine semiconductor corp. all rights reserved. document no. 70-0217-01 ultracmos? rfic solutions contact sales@psemi.com for full version of datasheet sales offices the americas peregrine semiconductor corporation 9450 carroll park drive san diego, ca 92121 tel: 858-731-9400 fax: 858-731-9499 europe peregrine semiconductor europe batiment maine 13-15 rue des quatre vents f-92380 garches, france tel: +33-1-4741-9173 fax : +33-1-4741-9173 for a list of representatives in your area, please refer to our web site at: www.psemi.com data sheet identification advance information the product is in a formative or design stage. the data sheet contains design target specifications for product development. specifications and features may change in any manner without notice. preliminary specification the data sheet contains preliminary data. additional data may be added at a later date. peregrine reserves the right to change specifications at any time without notice in order to supply the best possible product. product specification the data sheet contains final data. in the event peregrine decides to change the specifications, peregrine will notify customers of the intende d changes by issuing a dcn (document change notice). the information in this data sheet is believed to be reliable. however, peregrine assumes no liability for the use of this information. use shall be entirely at the user?s own risk. no patent rights or licenses to any circuits described in this data sheet are implied or granted to any third party. peregrine?s products are not designed or intended for use in devices or systems intended for surgical implant, or in other applications intended to support or sustain life, or in any application in which the failure of the peregrine product could create a situation in which personal injury or death might occur. peregrine assumes no liabilit y for damages, including consequential or incidental damages, arising out of the use of its products in such applications. the peregrine name, logo, and utsi are registered trademarks and ultracmos and harp are trademarks of peregrine semiconductor corp. space and defense products americas: tel: 858-731-9453 europe, asia pacific: 180 rue jean de guiramand 13852 aix-en-provence cedex 3, france tel: +33-4-4239-3361 fax: +33-4-4239-7227 peregrine semiconductor, asia pacific (apac) shanghai, 200040, p.r. china tel: +86-21-5836-8276 fax: +86-21-5836-7652 peregrine semiconductor, korea #b-2607, kolon tripolis, 210 geumgok-dong, bundang-gu, seongnam-si gyeonggi-do, 463-943 south korea tel: +82-31-728-3939 fax: +82-31-728-3940 peregrine semiconductor k.k., japan teikoku hotel tower 10b-6 1-1-1 uchisaiwai-cho, chiyoda-ku tokyo 100-0011 japan tel: +81-3-3502-5211 fax: +81-3-3502-5213


▲Up To Search▲   

 
Price & Availability of PE42612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X