Part Number Hot Search : 
ON0810 OA172S 683M25 YNF16 SS25A RLPBF MTH800 BC807
Product Description
Full Text Search
 

To Download P232-SFA25BR10K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model p232/p233 bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com may 1, 2009 page 1 of 3 bi technologies 24mm rotary potentiometer sealed/ dust proof long life element 2 million cycle life metal shaft/ bushing rohs compliant model style side adjust, solder lugs, single-gang p232 side adjust, solder lugs, dual-gang p233 electrical 1 resistance range, ohms 1k-1m (for ?b? taper) 5k-1m (for other tapers) standard resistance tolerance 10% residual resistance 3 ohms max. input voltage, maximum 200 vdc max. power rating, watts 0.5w- b taper, 0.3w- others dielectric strength 500vac, i minute insulation resistance, minimum 100m ohms at 1,000vdc/ 1 minute peak noise (contact resistance variation) @ 6 rpm 3% max. linearity 3% max. actual electrical travel, nominal 280 gang error 3db (-40db to 0db) mechanical total mechanical travel 300 5 static stop strength, minimum 120 oz-in rotational torque, maximum, single gang (p232) 1.5 oz-in rotational torque, maximum, dual gang (p233) 3.0 oz-in environmental operating temperature range -10 c to +85 c rotational life 2,000,000 cycles 1 specifications subjec t to change without notice.
model p232/p233 bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com may 1, 2009 page 2 of 3 bi technologies ordering information 2 shaft types shaft position (f-type shaft) dashed lines on type ?c? and type ?a? shows pos ition of adjustment slot for e-type shaft standard resistance values, ohms 500 1k 2k 5k 10k 20k 50k 100k 200k 500k 1 m 2 contact our customer service for custom designs and features. p232 ? s e c 20 b r100k model series total resistance shaft type full ccw shaft position: see below shaft length ?l? see below tapers: a = audio b = linear c = reverse audio seal type: s = sealed d = dust proof
model p232/p233 bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com may 1, 2009 page 3 of 3 bi technologies model p232 model p233 circuit diagram p232 (single gang) p233 (dual gang) outline drawing


▲Up To Search▲   

 
Price & Availability of P232-SFA25BR10K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X