Part Number Hot Search : 
NTRRP HD74LS BR1300 P2309 LT1014 MAX3815A 2SA935 4412H
Product Description
Full Text Search
 

To Download P1900MEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sidactor ? protection thyristors 188 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. high surge current protection 5ka series - to-218 electrical characteristics 12 description features and bene?ts t low voltage overshoot t low on-state voltage t does not degrade with use t fails short circuit when surged in excess of rating t rugged to-218 package t 5000a 8x20 s surge rating agency approvals agency agency file number e133083 schematic symbol pinout designation part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @i t =2.2 a capacitance @1mhz, 2v bias v min v max ma min ma max a max v max pf min pf max p1500mel p1500me 140 180 50 800 2.2/25 4 400 650 P1900MEL p1900me 140 220 50 800 2.2/25 4 400 650 p2300mel p2300me 180 260 50 800 2.2/25 4 350 600 1 2 3 2 (no connection) the 5ka series are sidactor ? devices designed to pro- tect equipment located in high exposure environments from severe overvoltage transients. packaged in a robust to-218 package, the 5ka series is ideal for use in catv ampli?ers, telecom base station equipment and cell towers. applicable global standards t tia-968-a t tia-968-b t itu k.20/21 enhanced level t itu k.20/21 basic level t gr 1089 inter-building t gr 1089 intra-building t iec 61000-4-5 t yd/t 1082 t yd/t 993 t yd/t 950 notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are bi-directional (unless otherwise noted). - i t is a free air rating and heat sink is at 25a
sidactor ? protection thyristors 189 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. high surge current protection surge ratings series i pp i tsm 50 / 60 hz di/dt 8x20 1 1.2x50 2 a min a min a/s max e 5000 400 630 package symbol parameter value unit to-218 t j? operating junction temperature range up  c t s storage temperature range up  c t c maximum case temperature 100 c r 0 jc * thermal resistance: junction to case 1.7 c/w r 0 ja thermal resistance: junction to ambient 56 c/w thermal conditions 1 2 3 2 (no connection) *r 0 jc rating assumes the use of a heat sink and on state mode for extended time at 25 a, with average power dissipation of 29.125 w. i h i t i s i drm v drm v t +v -v +i -i v s 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d v-i characteristics t r x t d pulse waveform notes: 1 current wavef orm in s 2 voltage wavef orm in s - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp sbujohtbqqmjdbcmfpwfsufnqfsbuvsfsbohfpg?$up ?$ - the device must initially be in thermal equilibrium with -40c < t j <  ?$ 25c case temperature (t c ) - oc 2.0 1.8 1.6 1.4 1. 2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c
sidactor ? protection thyristors 190 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. high surge current protection soldering parameters time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60-150 secs. peak temp (t p )  
?$ time within 5c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 25c to peak temp (t p ) 8 min. max. do not exceed ?$ physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 xxxxx xxxxxxx part number code (refer to electrical characteristics t able) date code part marking part numbering p xxx 0 m el package type rohs compliant type type p: sidactor median voltage construction variable i pp rating high temp voltage blocking 80% rated v drm (v ac peak
 ?$ps ?$  504 or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling ?$up ?$ njoexfmm vqup cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc  ?$
3) vqupist&*" jedec, jesd22-a-101 high temp storage ?$ist.*-45% .fuipe
 jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock ?$up ?$ njoexfmm tfdusbotgfs  10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) ?$ 3) bun vqupist&*" jedec, jesd22-a-102 resistance to solder heat ?$ tfdt.*-45% .fuipe
moisture sensitivity level 3)  ?$ ist sfnpxdzdmft ?$1fbl
+&%&$+45%  -fwfm
sidactor ? protection thyristors 191 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. high surge current protection dimensions to-218 package type description packing options quantity added suf?x industry standard m to-218 (me) tube pack 250(25 per tube/10 tubes per box) n/a n/a packing options c d h g f b a e t c measurement point u dia. p pin 3 j pin 2 pin 1 m n 3 times k l r q w tab is connected to pin 2 dimensions inches millimeters min max min max a 0.810 0.835 20.57 21.21 b 0.610 0.630 15.49 16.00 c 0.178 0.188 4.52 4.78 d 0.055 0.070 1.40 1.78 e 0.487 0.497 12.37 12.62 f 0.635 0.655 16.13 16.64 g 0.022 0.029 0.56 0.74 h 0.075 0.095 1.91 2.41 j 0.575 0.625 14.61 15.88 k 0.211 0.219 5.36 5.56 l 0.422 0.437 10.72 11.10 m 0.058 0.068 1,47 6.73 n 0.045 0.055 1.14 1.40 p 0.095 0.115 2.41 2.92 r 0.008 0.016 0.20 0.41 u 0.161 0.165 4.1 4.2 w 0.085 0.095 2.17 2.42 notes: t mold ?ash shall not exceed 0.13 mm per side. t maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm). t pin 3 has no connection. t tab is non-isolated (connects to middle pin). tube pack speci?cation to-218


▲Up To Search▲   

 
Price & Availability of P1900MEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X