Part Number Hot Search : 
V11T1CG TS2902 AD7533JN 0610120 10005 0C102 CSFL101 FSB505
Product Description
Full Text Search
 

To Download MK4008GAH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mk2008gal/mk3008gal/MK4008GAH/mk6008gah p/n 480067-b0 p/n 480067-b0 mk2008gal/mk3008gal/MK4008GAH/mk6008gah hard disk drive installation notes 12/05 12/05 hard disk drive installation notes toshiba storage device division mk2008gal, mk3008gal, MK4008GAH & mk6008gah hdd installation notes ? 2005 toshiba america information systems, inc. contents subject to change without prior notice. general description toshiba?s mk2008gal (hdd1662), mk3008gal (hdd1642), MK4008GAH (hdd1744) and mk6008gah (hdd1724) hard disk drives are a series of ultra-slim fast light weight 1.8 inch winchester disk drive. the drives are ata-6 compliant. specifications mk2008gal mk3008gal MK4008GAH mk6008gah hdd1662 hdd1642 hdd1744 hdd1724 formatted capacity 20.0gb 30.0gb 40.0gb 60.0gb height 5mm 5mm 8mm 8mm weight 1.69oz (48g) 1.69oz (48 g) 2.08oz (59g) 2.08oz (59g) no. of disks (platters) 1 1 2 2 no. of data heads 2 2 4 4 function al specifica tion logical drive mk3008gal mk6008gah mk2008gal MK4008GAH parameters hdd1642 hdd1724 hdd 1662 hdd1744 no. of cylinders (user) 55,728 55,728 43,200 43,200 bytes per sector 512 512 buffer size 2mb 2mb rotation speed (0.1%) 4,200rpm 4,200rpm transfer rate internal 131.1 - 283.3 mbits/sec. 132.6 - 230.9 mbits/sec. no. of cylinders (logical) 16,383 no. of heads (logical) 1 6 no. of sectors/track 6 3 host transfer rate pio/ultra dma (ata mode) 16.6/100mb/s seek time average 15ms track-to-track 3ms maximum 26ms temperature operating 41f - 140f (5c - 60c) non-operating -4f - 149f (-20c - 65c) humidity operating/non-operating 8 - 90% r.h. (no condensation) shipping 5 - 90% r.h. (no condensation) wet bulb 29c(operating)/40c(non-operating) connect or cabling informa tion the following table describes all of the pins on the task file interface: pin signals pin signals 1 reserved 2 reserved 3 - reset 4 ground 5 dd7 6 dd8 7 dd6 8 dd9 9 dd5 10 dd10 11 dd4 12 dd11 13 dd3 14 dd12 15 dd2 16 dd13 17 dd1 18 dd14 19 dd0 20 dd15 21 ground 22 dmarq 23 ground 24 - di0w stop 25 -dior 26 ground -hdmardy hstrobe 2 7 iordy 2 8 ground -dmardy dstrobe 29 dmack 30 intrq 3 1 da1 3 2 - pdiag/-cblid 33 da0 34 da2 35 -cs0 36 -cs1 3 7 - dasp 3 8 +3.3v 3 9 +3.3v 4 0 reserved note: ?-? in front of signal name indicates negative logic.
mk2008gal/mk3008gal/MK4008GAH/mk6008gah p/n 480067-b0 p/n 480067-b0 mk2008gal/mk3008gal/MK4008GAH/mk6008gah hard disk drive installation notes 12/05 12/05 hard disk drive installation notes unp a cking pr ocedure visually inspect the shipping container prior to unpacking for any signs of damage to the container or its contents (the carrier is responsible for any damage incurred during shipment). prior to opening the anti-static bag, it is recommended that the user ground himself with a ground strap or by touching the pc chassis or other metal object. re- move the drive from the anti-static bag and check it for damage. save the shipping container and packing material for possible use later. handling and mounting considera tions ? installation and mounting of these drives is specific to the application environment. ? handle drive only by the edges. when handling or mounting, take care not to apply any pressure to the top cover. ? avoid subjecting the drive to excessive shock. do not drop the drive, even a small distance onto a tabletop or other hard surface can damage drive. when mounting the drive, do so in such a fashion that the drive will be isolated from excessive shock. ? do not mount in an environment where the temperature of the drive?s top cover will exceed 65c. (during operation, the temperature of the top cover can rise 15c above ambient). ? do not disassemble, modify or repair drive. ? a rattle heard when the drive is moved is normal and not a sign of failure. interf a ce connect or drive side connector ddk ltd, ff19a-40b-r11b recommended host side fpc 1. width: 20.50 0.07mm 2. thickness:0.20 0.03mm 3. length: 90mm (max) 4. impedance: typical 50ohm 5. plating: gold over nickel plating (note 1) 6. adhesive: heat-hardened adhesive connector durability (note 2) 20 times fpc holding fource (note 3) typ: 17[n] min: 5[n] * do not pull out fpc with the connector locked. * do not lock without fpc notes: 1. to avoid sn whisker 2. in horizontal direction with fpc of 0.20mm in thickness and with the same connector and fpc 3. in horizontal direction with fpc of 0.20mm in thickness and with the same connector and fpc after pulling out repeatedly figure 1 ? interface connector developer support toshiba storage device division (sdd) the industry pioneer in small form factor storage supports developers who are looking for small form factor hdd?s that deliver the unbeatable combination of high-performance and high-capacity storage. toshiba hdd?s can be found ?under the hood? of some of today?s hottest portable products. if you are interested in discussing your product application with us please contact us. e-mail: sdd.developer@tais.toshiba.com phone: (949) 462-7502 fax: (949) 588-7845 web: http://developer.toshiba.com
mk2008gal/mk3008gal/MK4008GAH/mk6008gah p/n 480067-b0 p/n 480067-b0 mk2008gal/mk3008gal/MK4008GAH/mk6008gah hard disk drive installation notes 12/05 12/05 hard disk drive installation notes unp a cking pr ocedure visually inspect the shipping container prior to unpacking for any signs of damage to the container or its contents (the carrier is responsible for any damage incurred during shipment). prior to opening the anti-static bag, it is recommended that the user ground himself with a ground strap or by touching the pc chassis or other metal object. re- move the drive from the anti-static bag and check it for damage. save the shipping container and packing material for possible use later. handling and mounting considera tions ? installation and mounting of these drives is specific to the application environment. ? handle drive only by the edges. when handling or mounting, take care not to apply any pressure to the top cover. ? avoid subjecting the drive to excessive shock. do not drop the drive, even a small distance onto a tabletop or other hard surface can damage drive. when mounting the drive, do so in such a fashion that the drive will be isolated from excessive shock. ? do not mount in an environment where the temperature of the drive?s top cover will exceed 65c. (during operation, the temperature of the top cover can rise 15c above ambient). ? do not disassemble, modify or repair drive. ? a rattle heard when the drive is moved is normal and not a sign of failure. interf a ce connect or drive side connector ddk ltd, ff19a-40b-r11b recommended host side fpc 1. width: 20.50 0.07mm 2. thickness:0.20 0.03mm 3. length: 90mm (max) 4. impedance: typical 50ohm 5. plating: gold over nickel plating (note 1) 6. adhesive: heat-hardened adhesive connector durability (note 2) 20 times fpc holding fource (note 3) typ: 17[n] min: 5[n] * do not pull out fpc with the connector locked. * do not lock without fpc notes: 1. to avoid sn whisker 2. in horizontal direction with fpc of 0.20mm in thickness and with the same connector and fpc 3. in horizontal direction with fpc of 0.20mm in thickness and with the same connector and fpc after pulling out repeatedly figure 1 ? interface connector developer support toshiba storage device division (sdd) the industry pioneer in small form factor storage supports developers who are looking for small form factor hdd?s that deliver the unbeatable combination of high-performance and high-capacity storage. toshiba hdd?s can be found ?under the hood? of some of today?s hottest portable products. if you are interested in discussing your product application with us please contact us. e-mail: sdd.developer@tais.toshiba.com phone: (949) 462-7502 fax: (949) 588-7845 web: http://developer.toshiba.com
mk2008gal/mk3008gal/MK4008GAH/mk6008gah p/n 480067-b0 p/n 480067-b0 mk2008gal/mk3008gal/MK4008GAH/mk6008gah hard disk drive installation notes 12/05 12/05 hard disk drive installation notes toshiba storage device division mk2008gal, mk3008gal, MK4008GAH & mk6008gah hdd installation notes ? 2005 toshiba america information systems, inc. contents subject to change without prior notice. general description toshiba?s mk2008gal (hdd1662), mk3008gal (hdd1642), MK4008GAH (hdd1744) and mk6008gah (hdd1724) hard disk drives are a series of ultra-slim fast light weight 1.8 inch winchester disk drive. the drives are ata-6 compliant. specifications mk2008gal mk3008gal MK4008GAH mk6008gah hdd1662 hdd1642 hdd1744 hdd1724 formatted capacity 20.0gb 30.0gb 40.0gb 60.0gb height 5mm 5mm 8mm 8mm weight 1.69oz (48g) 1.69oz (48 g) 2.08oz (59g) 2.08oz (59g) no. of disks (platters) 1 1 2 2 no. of data heads 2 2 4 4 function al specifica tion logical drive mk3008gal mk6008gah mk2008gal MK4008GAH parameters hdd1642 hdd1724 hdd 1662 hdd1744 no. of cylinders (user) 55,728 55,728 43,200 43,200 bytes per sector 512 512 buffer size 2mb 2mb rotation speed (0.1%) 4,200rpm 4,200rpm transfer rate internal 131.1 - 283.3 mbits/sec. 132.6 - 230.9 mbits/sec. no. of cylinders (logical) 16,383 no. of heads (logical) 1 6 no. of sectors/track 6 3 host transfer rate pio/ultra dma (ata mode) 16.6/100mb/s seek time average 15ms track-to-track 3ms maximum 26ms temperature operating 41f - 140f (5c - 60c) non-operating -4f - 149f (-20c - 65c) humidity operating/non-operating 8 - 90% r.h. (no condensation) shipping 5 - 90% r.h. (no condensation) wet bulb 29c(operating)/40c(non-operating) connect or cabling informa tion the following table describes all of the pins on the task file interface: pin signals pin signals 1 reserved 2 reserved 3 - reset 4 ground 5 dd7 6 dd8 7 dd6 8 dd9 9 dd5 10 dd10 11 dd4 12 dd11 13 dd3 14 dd12 15 dd2 16 dd13 17 dd1 18 dd14 19 dd0 20 dd15 21 ground 22 dmarq 23 ground 24 - di0w stop 25 -dior 26 ground -hdmardy hstrobe 2 7 iordy 2 8 ground -dmardy dstrobe 29 dmack 30 intrq 3 1 da1 3 2 - pdiag/-cblid 33 da0 34 da2 35 -cs0 36 -cs1 3 7 - dasp 3 8 +3.3v 3 9 +3.3v 4 0 reserved note: ?-? in front of signal name indicates negative logic.


▲Up To Search▲   

 
Price & Availability of MK4008GAH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X