Part Number Hot Search : 
106X00 SBU10G LVC14A EVKIT SMAJ36A 1N6062E3 AD7872KR CGP20
Product Description
Full Text Search
 

To Download LU4S041C-44LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan - mate ? series 1x4 rj45 connector module with integrated 10/100 base- tx magnetics and 2leds p/n: lu4s041c- 4 4 lf page : 1 / 2 feature l rj -45 connector integrated with x?fmr /impedance resistor/high voltage capacitor. l size same as rj -45 connector to save pcb b oard space. l reduced emi radiation to improve emi performance. l design for 100 base transmission over utp -5 cable. l comply with rohs requirements- whole part no cd, no hg, no cr6+, no pbb and pbde and no pb on external pins. l operating temperature range: 0 j to +70j . l storage temperature range: -25j to +85j. l recommended panel part number standard led forward*v(max) (typ) 4 green 2.6v 2.2v *with a forward current 20ma electrical specifications @ 25c turns ratio (5%) insertion loss (db max) part number tx rx ocl (uh min) @ 100 khz/0. 1v with 8ma dc bias c w/w (pf max) l.l (uh max) 0.3 -100mhz hi -pot (vrms) lu4s041c- 44 lf 1ct:1ct 1ct:1ct 350 28 0.4 -1.15 1500 continue ret urn loss (db min) cross talk (db min) cmr (db min) part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3 -30mhz 30-60mhz 60-100mhz 1-30mhz 30-60mhz 60-125mhz lu4s041c- 44 lf -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic bothhandusa.com
?lan - mate ? series 1x4 rj45 connector module with integrated 10/100 base- tx magnetics and 2leds p/n: lu4s041c- 4 4 lf page : 2 / 2 mechanical 1. plastic material : thermoplastic (ul 94v -0), black housing 2. metal shield : brass, 20u? inches thick nickel 3. spring wire : phosphor bronze with selective gold plating 4. solder pin : 0.4x0.4mm, phosphor bronze with solder plated. 5. durability : 750 mating cycles min. pcb layout mounting hole(top view) bothhandusa.com


▲Up To Search▲   

 
Price & Availability of LU4S041C-44LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X