Part Number Hot Search : 
PHP6N60E 2990PRO RP1000B OP400 MNTXG 532R25DS T1613 PHP6N60E
Product Description
Full Text Search
 

To Download LM385B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 

  semiconductor technical data micropower voltage reference diodes ordering information order this document by lm285/d z suffix plastic package case 29 d suffix plastic package case 751 (so8) (bottom view) 1 32 8  6 5 cathode n.c. n.c. n.c. 4 3 2 anode n.c. n.c. 1 n.c. n.c. cathode anode + lm3851.2 1.235 v 3.3 k 1.5 v battery standard application device operating temperature range tolerance lm285d1.2 lm285z1.2 t a = 40 to +85 c 1.0% lm285d2.5 lm285z2.5 LM385Bd1.2 LM385Bz1.2 lm385d1.2 lm385z1.2 LM385Bd2.5 LM385Bz2.5 lm385d2.5 lm385z2.5 reverse break down voltage 1.235 v 1.5% 2.500 v t a = 0 to +70 c 1.0% 1.235 v 2.0% 1.235 v 1.5% 2.500 v 3.0% 2.500 v 1 motorola analog ic device data
     the lm285/lm385 series are micropower twoterminal bandgap voltage regulator diodes. designed to operate over a wide current range of 10 m a to 20 ma, these devices feature exceptionally low dynamic impedance, low noise and stable operation over time and temperature. tight voltage tolerances are achieved by onchip trimming. the large dynamic operating range enables these devices to be used in applications with widely varying supplies with excellent regulation. extremely low operating current make these devices ideal for micropower circuitry like portable instrumentation, regulators and other analog circuitry where extended battery life is required. the lm285/lm385 series are packaged in a low cost to226aa plastic case and are available in two voltage versions of 1.235 and 2.500 v as denoted by the device suffix (see ordering information table). the lm285 is specified over a 40 c to +85 c temperature range while the lm385 is rated from 0 c to +70 c. the lm385 is also available in a surface mount plastic package in voltages of 1.235 and 2.500 v. ? operating current from 10 m a to 20 ma ? 1.0%, 1.5%, 2.0% and 3.0% initial tolerance grades ? low temperature coefficient ? 1.0 w dynamic impedance ? surface mount package available representative schematic diagram open for 1.235 v 10 k cathode anode 100 k 500 w 600 k 600 k 425 k 74.3 k 8.45 k 600 k 360 k open for 2.5 v ? motorola, inc. 1996 rev 2
lm285 lm385, b 2 motorola analog ic device data maximum ratings (t a = 25 c, unless otherwise noted) rating symbol value unit reverse current i r 30 ma forward current i f 10 ma operating ambient temperature range t a c lm285 lm385 40 to + 85 0 to +70 operating junction temperature t j + 150 c storage temperature range t stg 65 to + 150 c electrical characteristics (t a = 25 c, unless otherwise noted) lm2851.2 lm3851.2 / LM385B1.2 characteristic symbol min typ max min typ max unit reverse breakdown voltage (i rmin  i r  20 ma) v (br)r v lm2851.2/LM385B1.2 1.223 1.235 1.247 1.223 1.235 1.247 t a = t low to t high (note 1) 1.200 1.270 1.210 1.260 lm3851.2 1.205 1.235 1.260 t a = t low to t high (note 1) 1.192 1.273 minimum operating current i rmin m a t a = 25 c 8.0 10 8.0 15 t a = t low to t high (note 1) 20 20 reverse breakdown voltage change with current d v (br)r mv i rmin  i r  1.0 ma, t a = +25 c 1.0 1.0 t a = t low to t high (note 1) 1.5 1.5 1.0 ma  i r  20 ma, t a = +25 c 10 20 t a = t low to t high (note 1) 20 25 reverse dynamic impedance z 0.6 0.6 w i r = 100 m a, t a = +25 c average temperature coefficient d v (br) / d t 80 80 ppm/ c 10 m a  i r  20 ma, t a = t low to t high (note 1) wideband noise (rms) n 60 60 m v i r = 100 m a, 10 hz  f  10 khz long term stability s 20 20 ppm/ i r = 100 m a, t a = +25 c 0.1 c khr
lm285 lm385, b 3 motorola analog ic device data electrical characteristics (t a = 25 c, unless otherwise noted) lm2852.5 lm3852.5 / LM385B2.5 characteristic symbol min typ max min typ max unit reverse breakdown voltage (i rmin  i r  20 ma) v (br)r v lm2852.5/LM385B2.5 2.462 2.5 2.538 2.462 2.5 2.538 t a = t low to t high (note 1) 2.415 2.585 2.436 2.564 lm3852.5 2.425 2.5 2.575 t a = t low to t high (note 1) 2.400 2.600 minimum operating current i rmin m a t a = 25 c 13 20 13 20 t a = t low to t high (note 1) 30 30 reverse breakdown voltage change with current d v (br)r mv i rmin  i r  1.0 ma, t a = +25 c 1.0 2.0 t a = t low to t high (note 1) 1.5 2.5 1.0 ma  i r  20 ma, t a = +25 c 10 20 t a = t low to t high (note 1) 20 25 reverse dynamic impedance z 0.6 0.6 w i r = 100 m a, t a = +25 c average temperature coefficient d v (br) / d t 80 80 ppm/ c 20 m a  i r  20 ma, t a = t low to t high (note 1) wideband noise (rms) n 120 120 m v i r = 100 m a, 10 hz  f  10 khz long term stability s 20 20 ppm/ i r = 100 m a, t a = +25 c 0.1 c khr notes: 1. t low = 40 c for lm2851.2, lm2852.5 t high = +85 c for lm2851.2, lm2852.5 = 0 c for lm3851.2, LM385B1.2, lm3852.5, LM385B2.5 t high =+70 c for lm3851.2, LM385B1.2, lm3852.5, LM385B2.5
lm285 lm385, b 4 motorola analog ic device data 1.1 t, time (ms) 0 1.0 0.9 0.8 0.7 0.6 0.3 0.2 0.1 1.25 1.50 0.75 0.50 0 5.0 0.25 10 0 1.00 output (v) input (v) input dut output 100 k 100 875 1.0 k 100 k 10 k 10 0 125 250 375 750 625 500 f, frequency (hz) e n , noise (nv/ hz) 125 t a , ambient temperature ( c) 1.210 1.220 1.230 1.240 1.250 100 75 50 025 25 50 v (br)r , reverse voltage (v) 10 0.01 100 1.0 0.1 1.2 1.0 0.8 0.6 0.4 0.2 0 i f , forward current (ma) v f , forward voltage (v) typical performance curves for lm2851.2 / 3851.2 / 385b1.2 0.2 0.4 0.6 0.8 1.0 1.2 10 1.4 100 1.0 0.1 0 v( br) , reverse voltage (v) figure 1. reverse characteristics , reverse current ( a) m i r figure 2. reverse characteristics 0.1 1.0 10 100 0.01 8.0 6.0 4.0 2.0 0 2.0 10 i r , reverse current (ma) v (br)r , reverse voltage change (mv) d t a = + 85 c +25 c 40 c t a = + 85 c +25 c 40 c figure 3. forward characteristics t a = 40 c +25 c +85 c figure 4. temperature drift i r = 100 m a figure 5. noise voltage figure 6. response time
lm285 lm385, b 5 motorola analog ic device data v( br) , reverse voltage (v) 1.1 t, time (ms) 0 1.0 0.9 0.8 0.7 0.6 0.3 0.2 0.1 2.50 3.00 1.50 1.00 0 5.0 0.50 10 0 2.00 output (v) input (v) input dut output 100 k 100 1.0 k 100 k 10 k 10 0 250 500 750 1500 1250 1000 f, frequency (hz) e n , noise (nv/ hz) 125 t a , ambient temperature ( c) 2.450 2.470 2.490 2.510 2.520 100 75 50 025 25 50 v (br)r , reverse voltage (v) 10 0.01 100 1.0 0.1 1.2 1.0 0.8 0.6 0.4 0.2 0 i f , forward current (ma) v f , forward voltage (v) typical performance curves for lm2852.5 / 3852.5 / 385b2.5 0.5 1.0 1.5 2.0 2.5 3.0 10 3.5 100 1.0 0.1 0 figure 7. reverse characteristics , reverse current ( a) m i r figure 8. reverse characteristics 0.1 1.0 10 100 0.01 8.0 6.0 4.0 2.0 0 2.0 10 i r , reverse current (ma) v (br)r , reverse voltage change (mv) d t a = + 85 c +25 c 40 c t a = + 85 c +25 c 40 c figure 9. forward characteristics t a = 40 c +25 c +85 c figure 10. temperature drift i r = 100 m a figure 11. noise voltage figure 12. response time 2.460 2.480 2.500
lm285 lm385, b 6 motorola analog ic device data z suffix plastic package case 2904 issue ad outline dimensions d suffix plastic package case 75105 (so8) issue n notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. dimension f applies between p and l. dimension d and j apply between l and k minimum. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l f b k g h section xx c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.022 0.41 0.55 f 0.016 0.019 0.41 0.48 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 12.70 l 0.250 6.35 n 0.080 0.105 2.04 2.66 p 0.100 2.54 r 0.115 2.93 v 0.135 3.43 1 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. seating plane 14 5 8 c k 4x p a 0.25 (0.010) m tb ss 0.25 (0.010) m b m 8x d r m j x 45   f a b t dim min max min max inches millimeters a 4.80 5.00 0.189 0.196 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019    g
lm285 lm385, b 7 motorola analog ic device data motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 lm285/d  ?


▲Up To Search▲   

 
Price & Availability of LM385B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X