Part Number Hot Search : 
AMF59 TPQ6100 240128 CPH6204 LT1776I F0805 MBF200 A12010
Product Description
Full Text Search
 

To Download IXGP20N120A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2009 ixys corporation, all rights reserved symbol test conditions maximum ratings v ces t j = 25 c to 150 c 1200 v v cgr t j = 25 c to 150 c, r ge = 1m 1200 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25 c40 a i c110 t c = 110 c20 a i cm t c = 25 c, 1ms 120 a ssoa v ge = 15v, t j = 125 c, r g = 10 i cm = 40 a (rbsoa) clamped inductive load @v ce 960 v p c t c = 25 c 180 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c m d mounting torque (to-247 & to-220) 1.13/10 nm/lb.in. f c mounting force (to-263) 10..65 / 2.2..14.6 n/lb. t l maximum lead temperature for soldering 300 c t sold 1.6mm (0.062 in.) from case for 10s 260 c weight to-263 2.5 g to-220 3.0 g to-247 6.0 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv ces i c = 250 a, v ge = 0v 1200 v v ge(th) i c = 250 a, v ce = v ge 2.5 5.0 v i ces v ce = v ces , v ge = 0v 25 a t j = 125 c 1 ma i ges v ce = 0v, v ge = 20v 100 na v ce(sat) i c = 20a, v ge = 15v, note 1 2.3 2.5 v t j = 125 c 2.5 v ds100046a(11/09) genx3 tm 1200v igbts v ces = 1200v i c110 = 20a v ce(sat) 2.5v ultra-low vsat pt igbts for up to 3 khz switching ixga20n120a3 IXGP20N120A3 ixgh20n120a3 features z optimized for low conduction losses z international standard packages advantages z high power density z low gate drive requirement applications z power inverters z ups z motor drives z smps z pfc circuits z battery chargers z welding machines z lamp ballasts z inrush current protection circuits g = gate c = collector e = emitter tab = collector to-263 aa (ixga) g e c (tab) g c e to-220ab (ixgp) c (tab) to-247 (ixgh) c (tab) g c e
ixys reserves the right to change limits, test conditions, and dimensions. ixga20n120a3 IXGP20N120A3 ixgh20n120a3 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 20a, v ce = 10v, note 1 7 12 s c ies 1075 pf c oes v ce = 25v, v ge = 0v, f = 1mhz 80 pf c res 27 pf q g 50 nc q ge i c = 20a, v ge = 15v, v ce = 0.5 ? v ces 7.3 nc q gc 23 nc t d(on) 16 ns t ri 44 ns e on 2.85 mj t d(off) 290 ns t fi 715 ns e off 6.47 mj t d(on) 16 ns t ri 50 ns e on 5.53 mj t d(off) 310 ns t fi 1220 ns e off 10.10 mj r thjc 0.69 c/w r thck to-220 0.50 c/w to-247 0.21 c/w inductive load, t j = 125 c i c = 20a, v ge = 15v v ce = 960v, r g = 10 note 2 inductive load, t j = 25 c i c = 20a, v ge = 15v v ce = 960v, r g = 10 note 2 ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 pins: 1 - gate 2 - collector 3 - emitter 4 - collector to-220 (ixgp) outline notes: 1. pulse test, t 300 s, duty cycle, d 2%. 2. switching times & energy losses may increase for higher v ce (clamp), t j or r g . to-263 (ixga) outline 1 = gate 2 = collector 3 = emitter tab = collector to-247 (ixgh) ad outline 1 = gate 2 = collector 3 = emitter tab = collector
? 2009 ixys corporation, all rights reserved ixga20n120a3 IXGP20N120A3 ixgh20n120a3 fig. 1. output characteristics @ t j = 25oc 0 5 10 15 20 25 30 35 40 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 v ce - volts i c - amperes v ge = 15 v 13 v 11 v 7v 5v 9v fig. 2. extended output characteristics @ t j = 25oc 0 20 40 60 80 100 120 140 0 4 8 12 16 20 24 28 32 v ce - volts i c - amperes v ge = 15v 7v 9v 11v 13v fig. 3. output characteristics @ t j = 125oc 0 5 10 15 20 25 30 35 40 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 v ce - volts i c - amperes v ge = 15 v 13 v 11 v 7v 5v 9v fig. 4. dependence of v ce(sat) on junction temperature 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade v ce(sat) - normalized v ge = 15v i c = 40a i c = 20a i c = 10a fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 1.5 2.5 3.5 4.5 5.5 6.5 7.5 56789101112131415 v ge - volts v ce - volts i c = 40 a t j = 25oc 10 a 20 a fig. 6. input admittance 0 5 10 15 20 25 30 35 40 45 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 v ge - volts i c - amperes t j = - 40oc 25oc 125oc
ixys reserves the right to change limits, test conditions, and dimensions. ixga20n120a3 IXGP20N120A3 ixgh20n120a3 fig. 7. transconductance 0 2 4 6 8 10 12 14 16 0 5 10 15 20 25 30 35 40 45 i c - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 10. reverse-bias safe operating area 0 5 10 15 20 25 30 35 40 45 200 300 400 500 600 700 800 900 1000 1100 1200 v ce - volts i c - amperes t j = 125oc r g = 10 ? dv / dt < 10v / ns fig. 11. maximum transient thermal impedance 0.01 0.10 1.00 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w fig. 8. gate charge 0 2 4 6 8 10 12 14 16 0 5 10 15 20 25 30 35 40 45 50 q g - nanocoulombs v ge - volts v ce = 600v i c = 20a i g = 10 ma fig. 9. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ce - volts capacitance - picofarads f = 1mhz c ies c oes c res
? 2009 ixys corporation, all rights reserved ixga20n120a3 IXGP20N120A3 ixgh20n120a3 fig. 12. inductive switching energy loss vs. gate resistance 8 10 12 14 16 18 20 22 24 26 10 15 20 25 30 35 40 45 50 r g - ohms e off - millijoules 2 4 6 8 10 12 14 16 18 20 e on - millijoules e off e on - - - - t j = 125oc , v ge = 15v v ce = 960v i c = 40a i c = 20a fig. 17. inductive turn-off switching times vs. junction temperature 600 700 800 900 1000 1100 1200 1300 1400 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f i - nanoseconds 270 280 290 300 310 320 330 340 350 t d(off) - nanoseconds t f i t d(off) - - - - r g = 10 ? , v ge = 15v v ce = 960v i c = 40a i c = 20a fig. 15. inductive turn-off switching times vs. gate resistance 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 10 15 20 25 30 35 40 45 50 r g - ohms t f - nanoseconds 150 200 250 300 350 400 450 500 550 600 650 700 t d ( off ) - nanoseconds t f i t d(off) - - - - t j = 125oc, v ge = 15v v ce = 960v i c = 40a i c = 20a fig. 13. inductive switching energy loss vs. collector current 4 6 8 10 12 14 16 18 20 22 24 20 22 24 26 28 30 32 34 36 38 40 i c - amperes e off - millijoules 2 3 4 5 6 7 8 9 10 11 12 e on - millijoules e off e on - - - - r g = 10 ? , v ge = 15v v ce = 960v t j = 125oc t j = 25oc fig. 14. inductive switching energy loss vs. junction temperature 2 4 6 8 10 12 14 16 18 20 22 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e off - millijoules 1 2 3 4 5 6 7 8 9 10 11 e on - millijoules e off e on - - - - r g = 10 ? , v ge = 15v v ce = 960v i c = 40a i c = 20a fig. 16. inductive turn-off switching times vs. collector current 600 700 800 900 1000 1100 1200 1300 1400 20 22 24 26 28 30 32 34 36 38 40 i c - amperes t f i - nanoseconds 280 290 300 310 320 330 340 350 360 t d(off) - nanoseconds t f i t d(off) - - - - r g = 10 ? , v ge = 15v v ce = 960v t j = 125oc t j = 25oc
ixys reserves the right to change limits, test conditions, and dimensions. ixga20n120a3 IXGP20N120A3 ixgh20n120a3 ixys ref: g_20n120a3(4l)10-01-08 fig. 19. inductive turn-on switching times vs. collector current 0 20 40 60 80 100 120 140 160 20 22 24 26 28 30 32 34 36 38 40 i c - amperes t r i - nanoseconds 15 16 17 18 19 20 21 22 23 t d ( on ) - nanoseconds t r i t d(on) - - - - r g = 10 ? , v ge = 15v v ce = 960v t j = 125oc t j = 25oc fig. 20. inductive turn-on switching times vs. junction temperature 20 40 60 80 100 120 140 160 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r i - nanoseconds 14 16 18 20 22 24 26 28 t d ( on ) - nanoseconds t r i t d(on) - - - - r g = 10 ? , v ge = 15v v ce = 960v i c = 20a i c = 40a fig. 18. inductive turn-on switching times vs. gate resistance 0 20 40 60 80 100 120 140 160 180 200 10 15 20 25 30 35 40 45 50 r g - ohms t r i - nanoseconds 5 10 15 20 25 30 35 40 45 50 55 t d ( on ) - nanoseconds t r i t d(on) - - - - t j = 125oc, v ge = 15v v ce = 960v i c = 20a i c = 40a


▲Up To Search▲   

 
Price & Availability of IXGP20N120A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X