Part Number Hot Search : 
40HFR40M T3474 MAD24051 25P10 2SD1288 FM1233AC 2E1C2 HUR6060
Product Description
Full Text Search
 

To Download EFM32-G2XX-DK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ...the world's most energy friendly microcontrollers 2009-12-08 rev: t0001_rev0.82 1 www.energymicro.com efm32 gecko development kit EFM32-G2XX-DK/efm32-g8xx-dk preliminary the efm32 gecko development kit is a platform for rapid prototyping of ultra low power microcontroller applications. it consists of a mother board, a replaceable mcu-board and a prototyping-board, along with a comprehensive soft- ware development environment. the development kit contains a unique advanced energy monitoring (aem) system that allows designers to have full control over their application?s energy consumption. com- bined with the possibility to isolate the motherboard?s com- ponents not relevant for the end application, designers can optimize all variables that will make their application as en- ergy efficient as possible. the on-board emulator enables extremely simple set- up, and combined with the versatile peripherals (e.g. ac- celerometer, tft-display, audio input/output, rs232, user leds / buttons), the development kit gives a complete ba- sis for application design and prototyping. ? advanced energy monitor (aem) ? precise measurement of current and voltage ? 0.1 a to 50 ma measurement range ? onboard logging and display features ? always available by pushing a button ? software ? comprehensive set of board support functions ? 32 kb evaluation versions of: ? keil tm mdk-arm microcontroller development kit ? iar embedded workbench ? ? user interface ? 320240 tft display ? 16 user leds ? 8 rocker style miniature dip switches ? 4 pushbutton switches ? miniature joystick ? 1 system reset pushbutton switch ? potmeter ? analog features ? ambient light sensor / photo resistor ? 3 axis accelerometer ? line-in / line-out analog interface ? communication ? 2 rs232 serial ports ? i 2 c interface ? infrared transceiver ? debugging ? onboard segger j-link usb emulator ? arm 20 pin jtag/swd standard debug in/out con- nector ? memory ? 4 mbit fast access sram ? 32 mbit nor flash ? 2 kbit i 2 c bus eeprom ? 16 mbit spi flash ? power ? two separate power domains allowing for accurate current and voltage measurements of the application energy consumption. ? external 5 v supply ? 5 v / 500 ma usb supply ? prototype board ? all efm32 gpio pins available ? 3 power domains; 5 v unregulated, aem measured v ddm and unmeasured v dd ? user leds ? mcu board ? lcd (efm32-g8xx-dk only) ? 32.768 khz crystal ? 32 mhz crystal ? leds indicating power and reset ? setup control ? fpga controlling switches and connections ? i 2 c eeprom for identification of prototype- and mcu- boards
...the world's most energy friendly microcontrollers 2009-12-08 rev: t0001_rev0.82 2 www.energymicro.com 1 ordering information table 1.1. available products ordering code description EFM32-G2XX-DK efm32 gecko development kit with efm32g290f128 mcu plugin board efm32-g8xx-dk efm32 gecko development kit with efm32g890f128 mcu plugin board with 160 segment lcd 1.1 energy micro corporate headquarters postal address visitor address technical support energy micro as p.o. box 4633 nydalen n-0405 oslo norway energy micro as sandakerveien 118 n-0405 oslo norway support@energymicro.com phone: +47 40 10 03 01 www.energymicro.com phone: +47 23 00 98 00 fax: + 47 23 00 98 01 1.2 global contacts visit www.energymicro.com for information on global distributors and representatives or contact sales@energymicro.com for additional information. americas emea apac energy micro as p.o. box 4633 nydalen n-0405 oslo norway phone: +47 23 00 98 00 fax: + 47 23 00 98 01 energy micro as p.o. box 4633 nydalen n-0405 oslo norway phone: +44 (0) 7789861338 fax: + 47 23 00 98 01 energy micro as p.o. box 4633 nydalen n-0405 oslo norway mob (china): +86 13602611177 mob (hong kong): +852 90167782 fax: + 47 23 00 98 01


▲Up To Search▲   

 
Price & Availability of EFM32-G2XX-DK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X