Part Number Hot Search : 
P3931 THI1221 NTE583 RLPBF SN74LVC TEA1713T CD4566 1N4114
Product Description
Full Text Search
 

To Download DS2431-A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the DS2431-A1 is an aec-q100 grade 1 qualified ver- sion of the ds2431. the logical behavior of both ver- sions is identical. the DS2431-A1 is a 1024-bit, 1-wire eeprom chip organized as four memory pages of 256 bits each. data is written to an 8-byte scratchpad, veri- fied, and then copied to the eeprom memory. as a special feature, the four memory pages can individually be write protected or put in eprom-emulation mode, where bits can only be changed from a 1 to a 0 state. the DS2431-A1 communicates over the single-conduc- tor 1-wire bus. the communication follows the standard 1-wire protocol. each device has its own unalterable and unique 64-bit rom registration number that is fac- tory lasered into the chip. the registration number is used to address the device in a multidrop 1-wire net environment. applications automotive sensor identification and calibration data storage automotive cable assembly identification accessory/pcb identification features ? 1024 bits of eeprom memory partitioned into four pages of 256 bits ? individual memory pages can be permanently write protected or put in eprom-emulation mode (?rite to 0? ? switchpoint hysteresis and filtering to optimize performance in the presence of noise ? iec 1000-4-2 level 4 esd protection (8kv contact, 15kv air, typ) ? reads and writes over a 4.5v to 5.25v voltage range from -40? to +125? ? communicates to host with a single digital signal at 15.4kbps or 125kbps using 1-wire protocol ? meets aec-q100 grade 1 qualification requirements ? also available as standard version for industrial temperature range (ds2431) DS2431-A1 1024-bit, 1-wire eeprom for automotive applications ________________________________________________________________ maxim integrated products 1 n.c. i/o gnd n.c. n.c. n.c. tsoc top view + 5 4 6 2 3 1 DS2431-A1 pin configuration ordering information DS2431-A1 i/o r pup v cc c gnd typical operating circuit rev 0; 11/07 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. + denotes a lead-free package. t = tape and reel. part temp range pin-package ds2431p-a1+ -40c to +125c 6 tsoc ds2431p-a1+t -40c to +125c 6 tsoc commands and modes are capitalized for clarity. 1-wire is a registered trademark of dallas semiconductor corp., a wholly owned subsidiary of maxim integrated products, inc.
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (t a = -40? to +125?) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. i/o voltage to gnd .....................................................-0.5v, +6v i/o sink current ..................................................................20ma operating temperature range .........................-40? to +125? junction temperature ......................................................+150? storage temperature range .............................-55? to +125? soldering temperature .....................see ipc/jedec j-std-020 specification. parameter symbol conditions min typ max units i/o pin general data 1-wire pullup voltage v pup (note 2) 4.5 5.25 v 1-wire pullup resistance r pup (notes 2, 3) 0.3 2.2 k  input capacitance c io (notes 4, 5) 1000 pf input load current i l i/o pin at v pup 0.05 10 a high-to-low switching threshold v tl (notes 5, 6, 7) 0.5 v pup - 1.8 v input low voltage v il (notes 2, 8) 0.5 v low-to-high switching threshold v th (notes 5, 6, 9) 1.0 v pup - 1.0 v switching hysteresis v hy (notes 5, 6, 10) 0.21 1.70 v output low voltage v ol at 4ma (note 11) 0.4 v standard speed, r pup = 2.2k  5 overdrive speed, r pup = 2.2k  2 recovery time (notes 2, 12) t rec overdrive speed, directly prior to reset pulse; r pup = 2.2k  5 s standard speed 0.5 5.0 rising-edge hold-off time (notes 5, 13) t reh overdrive speed not applicable (0) s standard speed 65 time slot duration (notes 2, 14) t slot overdrive speed 8 s i/o pin, 1-wire reset, presence-detect cycle standard speed 480 640 reset low time (note 2) t rstl overdrive speed 48 80 s standard speed 15 60 presence-detect high time t pdh overdrive speed 2 6 s standard speed 60 240 presence-detect low time t pdl overdrive speed 8 24 s standard speed 60 75 presence-detect sample time (notes 2, 15) t msp overdrive speed 6 10 s i/o pin, 1-wire write standard speed 60 120 write-0 low time (notes 2, 16, 17) t w0l overdrive speed 5 15.5 s standard speed 1 15 write-1 low time (notes 2, 17) t w1l overdrive speed 1 2 s i/o pin, 1-wire read standard speed 5 15 -  read low time (notes 2, 18) t rl overdrive speed 1 2 -  s
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications _______________________________________________________________________________________ 3 note 1: specifications at t a = -40? are guaranteed by design only and not production tested. note 2: system requirement. note 3: maximum allowable pullup resistance is a function of the number of 1-wire devices in the system and 1-wire recovery times. the specified value here applies to systems with only one device and with the minimum 1-wire recovery times. for more heavily loaded systems, an active pullup such as that found in the ds2482-x00, ds2480b, or ds2490 may be required. note 4: maximum value represents the internal parasite capacitance when v pup is first applied. if a 2.2k resistor is used to pull up the data line, 2.5? after v pup has been applied, the parasite capacitance does not affect normal communications. note 5: guaranteed by design, characterization, and/or simulation only. not production tested. note 6: v tl , v th , and v hy are a function of the internal supply voltage, which is a function of v pup , r pup , 1-wire timing, and capacitive loading on i/o. lower v pup , higher r pup , shorter t rec , and heavier capacitive loading all lead to lower values of v tl , v th , and v hy . note 7: voltage below which, during a falling edge on i/o, a logic 0 is detected. note 8: the voltage on i/o needs to be less than or equal to v ilmax at all times the master is driving i/o to a logic-0 level. note 9: voltage above which, during a rising edge on i/o, a logic 1 is detected. note 10: after v th is crossed during a rising edge on i/o, the voltage on i/o must drop by at least v hy to be detected as logic 0. note 11: the i-v characteristic is linear for voltages less than 1v. note 12: applies to a single device attached to a 1-wire line. note 13: the earliest recognition of a negative edge is possible at t reh after v th has been reached on the preceding rising edge. note 14: defines maximum possible bit rate. equal to t w0lmin + t recmin . note 15: interval after t rstl during which a bus master is guaranteed to sample a logic 0 on i/o if there is a DS2431-A1 present. minimum limit is t pdhmax ; maximum limit is t pdhmin + t pdlmin . note 16: bolded numbers are not in compliance with legacy 1-wire product standards. see comparisons table . note 17: in figure 11 represents the time required for the pullup circuitry to pull the voltage on i/o up from v il to v th . the actual maximum duration for the master to pull the line low is t w1lmax + t f - and t w0lmax + t f - , respectively. note 18: in figure 11 represents the time required for the pullup circuitry to pull the voltage on i/o up from v il to the input-high threshold of the bus master. the actual maximum duration for the master to pull the line low is t rlmax + t f . note 19: current drawn from i/o during the eeprom programming interval. the pullup circuit on i/o during the programming inter- val should be such that the voltage at i/o is greater than or equal to v pupmin . if v pup in the system is close to v pupmin , a low-impedance bypass of r pup , which can be activated during programming, may need to be added. note 20: interval begins t rehmax after the trailing rising edge on i/o for the last time slot of the e/s byte for a valid copy scratchpad sequence. interval ends once the device? self-timed eeprom programming cycle is complete and the cur- rent drawn by the device has returned from i prog to i l . note 21: write-cycle endurance is degraded as t a increases. note 22: not 100% production tested; guaranteed by reliability monitor sampling. note 23: data retention is degraded as t a increases. note 24: guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to the data sheet limit at operating temperature range is established by reliability testing. note 25: eeprom writes can become nonfunctional after the data-retention time is exceeded. long-term storage at elevated tem- peratures is not recommended; the device can lose its write capability after 10 years at +125? or 40 years at +85?. electrical characteristics (continued) (t a = -40? to +125?) (note 1) parameter symbol conditions min typ max units standard speed t rl +  15 read sample time (notes 2, 18) t msr overdrive speed t rl +  2 s eeprom programming current i prog (notes 5, 19) 0.8 ma programming time t prog (note 20) 10 ms at +25c 200k at +85c 50k write/erase cycles (endurance) (notes 21, 22) n cy at +125c 1k  data retention (notes 23, 24, 25) t dr at +125c (worst case) 10 years
DS2431-A1 general description the DS2431-A1 combines 1024 bits of eeprom, an 8-byte register/control page with up to seven user read/write bytes, and a fully featured 1-wire interface in a single chip. each DS2431-A1 has its own 64-bit rom registration number that is factory lasered into the chip to provide a guaranteed unique identity for absolute traceability. data is transferred serially through the 1-wire protocol, which requires only a single data lead and a ground return. the DS2431-A1 has an additional memory area called the scratchpad that acts as a buffer when writing to the main memory or the register page. data is first written to the scratchpad from which it can be read back. after the data has been verified, a copy scratchpad command transfers the data to its final memory location. the DS2431-A1 applications include sensor, cable, accessory, or pcb identification in environments that demand automotive aec-q100 grade 1 reliability. overview the block diagram in figure 1 shows the relationships between the major control and memory sections of the DS2431-A1. the DS2431-A1 has four main data com- ponents: 64-bit lasered rom, 64-bit scratchpad, four 32-byte pages of eeprom, and 64-bit register page. 1024-bit, 1-wire eeprom for automotive applications 4 _______________________________________________________________________________________ comparisons table legacy values DS2431-A1 values standard speed (s) overdrive speed (s) st andard speed (s) overdrive speed (s) parameter min max min max min max min max t slot (including t rec ) 61 (undefined) 7 (undefined) 65 * (undefined) 8 * (undefined) t rstl 480 (undefined) 48 80 480 640 48 80 t pdh 15 60 2 6 15 60 2 6 t pdl 60 240 8 24 60 240 8 24 t w0l 60 120 6 16 60 120 6 15.5 pin description pin name function 1 gnd ground reference 2 i/o 1-wire bus interface. open drain, requires external pullup resistor. 3C6 n.c. no connection *intentional change, longer recovery time requirement due to modified 1-wire front-end. DS2431-A1 memory function control unit data memory 4 pages of 256 bits each crc-16 generator 64-bit scratchpad 1-wire function control 64-bit lasered rom parasite power i/o register page 64 bits figure 1. block diagram
the hierarchical structure of the 1-wire protocol is shown in figure 2. the bus master must first provide one of the seven rom function commands: read rom, match rom, search rom, skip rom, resume, overdrive skip rom, overdrive match rom. upon completion of an overdrive rom command byte exe- cuted at standard speed, the device enters overdrive mode where all subsequent communication occurs at a higher speed. the protocol required for these rom function commands is described in figure 9. after a rom function command is successfully executed, the memory functions become accessible and the master can provide any one of the four memory function com- mands. the protocol for these memory function com- mands is described in figure 7. all data is read and written least significant bit first. 64-bit lasered rom each DS2431-A1 contains a unique rom code that is 64 bits long. the first 8 bits are a 1-wire family code. the next 48 bits are a unique serial number. the last 8 bits are a crc (cyclic redundancy check) of the first 56 bits. see figure 3 for details. the 1-wire crc is generated using a polynomial generator consisting of a shift regis- ter and xor gates as shown in figure 4. the polynomial is x 8 + x 5 + x 4 + 1. additional information about the 1-wire crc is available in application note 27 . the shift register bits are initialized to 0. then, starting with the least significant bit of the family code, one bit at a time is shifted in. after the 8th bit of the family code has been entered, the serial number is entered. after the last bit of the serial number has been entered, the shift register contains the crc value. shifting in the 8 bits of the crc returns the shift register to all 0s. DS2431-A1 1024-bit, 1-wire eeprom for automotive applications _______________________________________________________________________________________ 5 DS2431-A1 command level: available commands: data field affected: read rom match rom search rom skip rom resume overdrive skip overdrive match 64-bit reg. #, rc-flag 64-bit reg. #, rc-flag 64-bit reg. #, rc-flag rc-flag rc-flag rc-flag, od-flag 64-bit reg. #, rc-flag, od-flag 1-wire rom function commands (see figure 9) write scratchpad read scratchpad copy scratchpad read memory 64-bit scratchpad, flags 64-bit scratchpad data memory, register page data memory, register page DS2431-A1-specific memory function commands (see figure 7) figure 2. hierarchical structure for 1-wire protocol msb lsb 8-bit crc code 48-bit serial number 8-bit family code (2dh) msb lsb msb lsb msb lsb figure 3. 64-bit lasered rom
DS2431-A1 memory data memory and registers are located in a linear address space, as shown in figure 5. the data memory and the registers have unrestricted read access. the DS2431-A1 eeprom array consists of 18 rows of 8 bytes each. the first 16 rows are divided equally into four memory pages (32 bytes each). these four pages are the primary data memory. each page can be indi- vidually set to open (unprotected), write protected, or eprom mode by setting the associated protection byte in the register row. the last two rows contain protection registers and reserved bytes. the register row consists of four protection control bytes, a copy protection byte, the factory byte, and two user byte/manufacture id bytes. the manufacturer id can be a customer-sup- plied identification code that assists the application software in identifying the product the DS2431-A1 is associated with. contact the factory to set up and reg- 1024-bit, 1-wire eeprom for automotive applications 6 _______________________________________________________________________________________ 1st stage 2nd stage 3rd stage 4th stage 7th stage 8th stage 6th stage 5th stage x 0 x 1 x 2 x 3 x 4 polynomial = x 8 + x 5 + x 4 + 1 input data x 5 x 6 x 7 x 8 figure 4. 1-wire crc generator address range type description protection codes 0000h to 001fh r/(w) data memory page 0 0020h to 003fh r/(w) data memory page 1 0040h to 005fh r/(w) data memory page 2 0060h to 007fh r/(w) data memory page 3 0080h * r/(w) protection control byte page 0 55h: write protect p0; aah: eprom mode p0; 55h or aah: write protect 80h 0081h * r/(w) protection control byte page 1 55h: write protect p1; aah: eprom mode p1; 55h or aah: write protect 81h 0082h * r/(w) protection control byte page 2 55h: write protect p2; aah: eprom mode p2; 55h or aah: write protect 82h 0083h * r/(w) protection control byte page 3 55h: write protect p3; aah: eprom mode p3; 55h or aah: write protect 83h 0084h * r/(w) copy protection byte 55h or aah: copy protect 0080:008fh, and any write-protected pages 0085h r factory byte. set at factory. aah: write protect 85h, 86h, 87h; 55h: write protect 85h, unprotect 86h, 87h 0086h r/(w) user byte/manufacturer id 0087h r/(w) user byte/manufacturer id 0088h to 008fh n/a reserved figure 5. memory map * once programmed to aah or 55h this address becomes read-only. all other codes can be stored, but neither write protect the address nor activate any function.
ister a custom manufacturer id. the last row is reserved for future use. it is undefined in terms of r/w functionality and should not be used. in addition to the main eeprom array, an 8-byte volatile scratchpad is included. writes to the eeprom array are a two-step process. first, data is written to the scratchpad and then copied into the main array. this allows the user to first verify the data written to the scratchpad prior to copying into the main array. the device only supports full row (8-byte) copy operations. for data in the scratchpad to be valid for a copy opera- tion, the address supplied with a write scratchpad must start on a row boundary, and 8 full bytes must be written into the scratchpad. the protection control registers determine how incom- ing data on a write scratchpad command is loaded into the scratchpad. a protection setting of 55h (write protect) causes the incoming data to be ignored and the target address main memory data to be loaded into the scratchpad. a protection setting of aah (eprom mode) causes the logical and of incoming data and target address main memory data to be loaded into the scratchpad. any other protection control register set- ting leaves the associated memory page open for unre- stricted write access. protection control byte settings of 55h or aah also write protect the protection control byte. the protection control byte setting of 55h does not block the copy. this allows write-protected data to be refreshed (i.e., reprogrammed with the current data) in the device. the copy protection byte is used for a higher level of security, and should only be used after all other protec- tion control bytes, user bytes, and write-protected pages are set to their final value. if the copy protection byte is set to 55h or aah, all copy attempts to the regis- ter row and user byte row are blocked. in addition, all copy attempts to write-protected main memory pages (i.e., refresh) are blocked. address registers and transfer status the DS2431-A1 employs three address registers: ta1, ta2, and e/s (figure 6). these registers are common to many other 1-wire devices but operate slightly different- ly with the DS2431-A1. registers ta1 and ta2 must be loaded with the target address to which the data is writ- ten or from which data is read. register e/s is a read- only transfer-status register used to verify data integrity with write commands. es bits e2:e0 are loaded with the incoming t2:t0 on a write scratchpad command and increment on each subsequent data byte. this is, in effect, a byte-ending offset counter within the 8-byte scratchpad. bit 5 of the e/s register, called pf, is a logic 1 if the data in the scratchpad is not valid due to a loss of power or if the master sends less bytes than needed to reach the end of the scratchpad. for a valid write to the scratchpad, t2:t0 must be 0 and the master must have sent 8 data bytes. bits 3, 4, and 6 have no func- tion; they always read 0. the highest valued bit of the e/s register, called aa or authorization accepted, acts as a flag to indicate that the data stored in the scratch- pad has already been copied to the target memory address. writing data to the scratchpad clears this flag. writing with verification to write data to the DS2431-A1, the scratchpad must be used as intermediate storage. first, the master issues the write scratchpad command to specify the desired target address, followed by the data to be writ- ten to the scratchpad. note that copy scratchpad com- mands must be performed on 8-byte boundaries, i.e., DS2431-A1 1024-bit, 1-wire eeprom for automotive applications _______________________________________________________________________________________ 7 bit # 7 6 5 4 3 2 1 0 target address (ta1) t7 t6 t5 t4 t3 t2 t1 t0 target address (ta2) t15 t14 t13 t12 t11 t10 t9 t8 ending address with data status (e/s) (read only) aa 0 pf 0 0 e2 e1 e0 figure 6. address registers
DS2431-A1 the three lsbs of the target address (t2, t1, t0) must be equal to 000b. if t2:t0 are sent with nonzero values, the copy function is blocked. under certain conditions (see the write scratchpad command section) the mas- ter receives an inverted crc-16 of the command, address (actual address sent), and data at the end of the write scratchpad command sequence. knowing this crc value, the master can compare it to the value it has calculated to decide if the communication was successful and proceed to the copy scratchpad com- mand. if the master could not receive the crc-16, it should send the read scratchpad command to verify data integrity. as a preamble to the scratchpad data, the DS2431-A1 repeats the target address ta1 and ta2 and sends the contents of the e/s register. if the pf flag is set, data did not arrive correctly in the scratchpad or there was a loss of power since data was last written to the scratchpad. the master does not need to continue reading; it can start a new trial to write data to the scratchpad. similarly, a set aa flag together with a cleared pf flag indicates that the device did not recognize the write command. if everything went cor- rectly, both flags are cleared. now the master can con- tinue reading and verifying every data byte. after the master has verified the data, it can send the copy scratchpad command, for example. this command must be followed exactly by the data of the three address registers, ta1, ta2, and e/s. the master should obtain the contents of these registers by read- ing the scratchpad. memory function commands the memory function flow chart (figure 7) describes the protocols necessary for accessing the memory of the DS2431-A1. an example on how to use these func- tions to write to and read from the device is included at the end of this document. the communication between master and the DS2431-A1 takes place either at stan- dard speed (default, od = 0) or at overdrive speed (od = 1). if not explicitly set into the overdrive mode, the DS2431-A1 assumes standard speed. write scratchpad command [0fh] the write scratchpad command applies to the data memory and the writable addresses in the register page. in order for the scratchpad data to be valid for copying to the array, the user must perform a write scratchpad command of 8 bytes starting at a valid row boundary. the write scratchpad command accepts invalid addresses and partial rows, but subsequent copy scratchpad commands are blocked. after issuing the write scratchpad command, the mas- ter must first provide the 2-byte target address, fol- lowed by the data to be written to the scratchpad. the data is written to the scratchpad starting at the byte off- set of t2:t0. the es bits e2:e0 are loaded with the starting byte offset, and increment with each subse- quent byte. effectively, e2:e0 is the byte offset of the last full byte written to the scratchpad. only full data bytes are accepted. when executing the write scratchpad command, the crc generator inside the DS2431-A1 (figure 13) cal- culates a crc of the entire data stream, starting at the command code and ending at the last data byte as sent by the master. this crc is generated using the crc-16 polynomial by first clearing the crc generator and then shifting in the command code (0fh) of the write scratchpad command, the target addresses (ta1 and ta2), and all the data bytes. note that the crc-16 calculation is performed with the actual ta1 and ta2 and data sent by the master. the master can end the write scratchpad command at any time. however, if the end of the scratchpad is reached (e2:e0 = 111b), the master can send 16 read-time slots and receive the crc generated by the DS2431-A1. if a write scratchpad is attempted to a write-protected location, the scratchpad is loaded with the data already in memory, rather than the data transmitted. similarly, if the target address page is in eprom mode, the scratchpad is loaded with the bitwise logical and of the transmitted data and data already in memory. 1024-bit, 1-wire eeprom for automotive applications 8 _______________________________________________________________________________________
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications _______________________________________________________________________________________ 9 bus master tx memory function command bus master tx ta1 (t7:t0), ta2 (t15:t8) bus master rx ta1 (t7:t0), ta2 (t15:t8), and e/s byte bus master rx data byte from scratchpad master tx data byte to scratchpad applies only if the memory area is not protected. if write protected , the DS2431-A1 copies the date byte from the target address into the sp. if in eprom mode , the DS2431-A1 loads the bitwise logical and, the transmitted byte, and the data byte from the targeted address into the sp. bus master rx "1"s DS2431-A1 increments e2:e0 pf = 0 DS2431-A1 sets sets pf = 1 clears aa = 0 sets e2:e0 = t2:t0 0fh write scratchpad? n y n y n y y y n n master tx reset? e2:e0 = 7? t2:t0 = 0? master tx reset? DS2431-A1 sets scratchpad byte counter = t2:t0 aah read scratchpad? n y DS2431-A1 tx crc-16 of command, address, data bytes as they were sent by the bus master bus master rx "1"s y n master tx reset? bus master rx crc-16 of command, address, e/s byte, data bytes as sent by the DS2431-A1 y n master tx reset? y byte counter = e2:e0? from rom functions flow chart (figure 9) to rom functions flow chart (figure 9) DS2431-A1 increments byte counter n to figure 7 2nd part to figure 7 2nd part figure 7. memory function flow chart
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications 10 ______________________________________________________________________________________ bus master tx ta1 (t7:t0), ta2 (t15:t8) applicable to all r/w memory locations. duration: t prog * * 1-wire idle high for power DS2431-A1 copies scratchpad data to address bus master rx "1"s aa = 1 bus master rx "1"s master tx reset? n y n n master tx reset? y master tx reset? bus master tx ta1 (t7:t0), ta2 (t15:t8) and e/s byte 55h copy scratchpad? n y y y n ds2431 tx "0" ds2431 tx "1" f0h read memory? n y y n auth. code match? y n y n n t15:t0 < 0090h? pf = 0? address < 90h? y copy protected? bus master rx "1"s master tx reset? n y DS2431-A1 sets memory address = (t15:t0) bus master rx data byte from memory address y n n master tx reset? address < 8fh? n y master tx reset? DS2431-A1 increments address counter y from figure 7 1st part from figure 7 1st part figure 7. memory function flow chart (continued)
read scratchpad command [aah] the read scratchpad command allows verifying the target address and the integrity of the scratchpad data. after issuing the command code, the master begins reading. the first two bytes are the target address. the next byte is the ending offset/data status byte (e/s) fol- lowed by the scratchpad data, which may be different from what the master originally sent. this is of particular importance if the target address is within the register page or a page in either write protection or eprom modes. see the write scratchpad command section for details. the master should read through the scratch- pad (e2:e0 - t2:t0 + 1 bytes), after which it receives the inverted crc, based on data as it was sent by the DS2431-A1. if the master continues reading after the crc, all data are logic 1s. copy scratchpad [55h] the copy scratchpad command is used to copy data from the scratchpad to writable memory sections. after issuing the copy scratchpad command, the master must provide a 3-byte authorization pattern, which should have been obtained by an immediately preced- ing read scratchpad command. this 3-byte pattern must exactly match the data contained in the three address registers (ta1, ta2, e/s, in that order). if the pattern matches, the target address is valid, the pf flag is not set, and the target memory is not copy protected, then the aa (authorization accepted) flag is set and the copy begins. all eight bytes of scratchpad contents are copied to the target memory location. the duration of the device? internal data transfer is t prog during which the voltage on the 1-wire bus must not fall below 2.8v. a pattern of alternating 0s and 1s are transmitted after the data has been copied until the master issues a reset pulse. if the pf flag is set or the target memory is copy protected, the copy does not begin and the aa flag is not set. read memory [f0h] the read memory command is the general function to read data from the DS2431-A1. after issuing the com- mand, the master must provide the 2-byte target address. after these two bytes, the master reads data beginning from the target address and may continue until address 008fh. if the master continues reading, the result is logic 1s. the device? internal ta1, ta2, e/s, and scratchpad contents are not affected by a read memory command. 1-wire bus system the 1-wire bus is a system that has a single bus mas- ter and one or more slaves. in all instances the DS2431-A1 is a slave device. the bus master is typical- ly a microcontroller. the discussion of this bus system is broken down into three topics: hardware configura- tion, transaction sequence, and 1-wire signaling (signal types and timing). the 1-wire protocol defines bus transactions in terms of the bus state during specific time slots, which are initiated on the falling edge of sync pulses from the bus master. hardware configuration the 1-wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. to facilitate this, each device attached to the 1-wire bus must have open-drain or three-state outputs. the 1-wire port of the DS2431-A1 is open drain with an internal circuit equivalent to that shown in figure 8. a multidrop bus consists of a 1-wire bus with multiple slaves attached. the DS2431-A1 supports both a stan- dard and overdrive communication speed of 15.4kbps (max) and 125kbps (max), respectively. note that lega- cy 1-wire products support a standard communication speed of 16.3kbps and overdrive of 142kbps. the slightly reduced rates for the DS2431-A1 are a result of additional recovery times, which in turn were driven by a 1-wire physical interface enhancement to improve noise immunity. the value of the pullup resistor primari- ly depends on the network size and load conditions. the DS2431-A1 requires a pullup resistor of 2.2k (max) at any speed. the idle state for the 1-wire bus is high. if for any rea- son a transaction needs to be suspended, the bus must be left in the idle state if the transaction is to resume. if this does not occur and the bus is left low for more than 16? (overdrive speed) or more than 120? (standard speed), one or more devices on the bus might be reset. transaction sequence the protocol for accessing the DS2431-A1 through the 1-wire port is as follows: initialization rom function command memory function command transaction/data DS2431-A1 1024-bit, 1-wire eeprom for automotive applications ______________________________________________________________________________________ 11
DS2431-A1 initialization all transactions on the 1-wire bus begin with an initial- ization sequence. the initialization sequence consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). the presence pulse lets the bus master know that the DS2431-A1 is on the bus and is ready to operate. for more details, see the 1-wire signaling section. 1-wire rom function commands once the bus master has detected a presence, it can issue one of the seven rom function commands that the DS2431-A1 supports. all rom function commands are 8 bits long. a list of these commands follows (see the flow chart in figure 9). read rom [33h] the read rom command allows the bus master to read the DS2431-A1? 8-bit family code, unique 48-bit serial number, and 8-bit crc. this command can only be used if there is a single slave on the bus. if more than one slave is present on the bus, a data collision occurs when all slaves try to transmit at the same time (open drain pro- duces a wired-and result). the resultant family code and 48-bit serial number result in a mismatch of the crc. match rom [55h] the match rom command, followed by a 64-bit rom sequence, allows the bus master to address a specific DS2431-A1 on a multidrop bus. only the DS2431-A1 that exactly matches the 64-bit rom sequence responds to the following memory function command. all other slaves wait for a reset pulse. this command can be used with a single or multiple devices on the bus. search rom [f0h] when a system is initially brought up, the bus master might not know the number of devices on the 1-wire bus or their registration numbers. by taking advantage of the wired-and property of the bus, the master can use a process of elimination to identify the registration numbers of all slave devices. for each bit of the regis- tration number, starting with the least significant bit, the bus master issues a triplet of time slots. on the first slot, each slave device participating in the search outputs the true value of its registration number bit. on the sec- ond slot, each slave device participating in the search outputs the complemented value of its registration num- ber bit. on the third slot, the master writes the true value of the bit to be selected. all slave devices that do not match the bit written by the master stop participat- ing in the search. if both of the read bits are zero, the master knows that slave devices exist with both states of the bit. by choosing which state to write, the bus master branches in the romcode tree. after one com- plete pass, the bus master knows the registration num- ber of a single device. additional passes identify the registration numbers of the remaining devices. refer to application note 187: 1-wire search algorithm for a detailed discussion, including an example. skip rom [cch] this command can save time in a single-drop bus sys- tem by allowing the bus master to access the memory functions without providing the 64-bit rom code. if more than one slave is present on the bus and, for example, a read command is issued following the skip rom command, data collision occurs on the bus as multiple slaves transmit simultaneously (open-drain pulldowns produce a wired-and result). 1024-bit, 1-wire eeprom for automotive applications 12 ______________________________________________________________________________________ rx r pup i l v pup bus master open-drain port pin 100 mosfet tx rx tx data DS2431-A1 1-wire port rx = receive tx = transmit figure 8. hardware configuration
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications ______________________________________________________________________________________ 13 DS2431-A1 tx presence pulse bus master tx reset pulse bus master tx rom function command DS2431-A1 tx crc byte DS2431-A1 tx family code (1 byte) DS2431-A1 tx serial number (6 bytes) od = 0 rc = 0 master tx bit 0 rc = 0 rc = 0 rc = 0 y od reset pulse? y y y y y y n 33h read rom command? n 55h match rom command? bit 0 match? bit 0 match? n n n n n n n f0h search rom command? n cch skip rom command? n y rc = 1 master tx bit 1 master tx bit 63 bit 1 match? bit 63 match? y y rc = 1 from memory functions flow chart (figure 7) to memory functions flow chart (figure 7) DS2431-A1 tx bit 0 DS2431-A1 tx bit 0 master tx bit 0 bit 1 match? bit 63 match? DS2431-A1 tx bit 1 DS2431-A1 tx bit 1 master tx bit 1 DS2431-A1 tx bit 63 DS2431-A1 tx bit 63 master tx bit 63 y from figure 9, 2nd part to figure 9 2nd part to figure 9 2nd part from figure 9 2nd part figure 9. rom functions flow chart
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications 14 ______________________________________________________________________________________ master tx bit 0 rc = 0; od = 1 rc = 0; od = 1 od = 0 (see note) note: the od flag remains at 1 if the device was already at overdrive speed before the overdrive match rom command was issued. (see note) (see note) rc = 1? y n y a5h resume command? n y 3ch overdrive skip rom? n y 69h overdrive match rom? n n od = 0 n od = 0 n master tx bit 1 master tx bit 63 y y rc = 1 y bit 0 match? master tx reset? bit 63 match? bit 1 match? n y n y master tx reset? n to figure 9, 1st part from figure 9 1st part from figure 9 1st part to figure 9 1st part figure 9. rom functions flow chart (continued)
DS2431-A1 resume [a5h] to maximize the data throughput in a multidrop envi- ronment, the resume function is available. this function checks the status of the rc bit and, if it is set, directly transfers control to the memory functions, similar to a skip rom command. the only way to set the rc bit is through successfully executing the match rom, search rom, or overdrive match rom command. once the rc bit is set, the device can repeatedly be accessed through the resume command function. accessing another device on the bus clears the rc bit, preventing two or more devices from simultaneously responding to the resume command function. overdrive skip rom [3ch] on a single-drop bus this command can save time by allowing the bus master to access the memory func- tions without providing the 64-bit rom code. unlike the normal skip rom command, the overdrive skip rom sets the DS2431-A1 in the overdrive mode (od = 1). all communication following this command has to occur at overdrive speed until a reset pulse of minimum 480? duration resets all devices on the bus to stan- dard speed (od = 0). when issued on a multidrop bus, this command sets all overdrive-supporting devices into overdrive mode. to subsequently address a specific overdrive-supporting device, a reset pulse at overdrive speed has to be issued followed by a match rom or search rom command sequence. this speeds up the time for the search process. if more than one slave supporting overdrive is present on the bus and the overdrive skip rom com- mand is followed by a read command, data collision occurs on the bus as multiple slaves transmit simultane- ously (open-drain pulldowns produce a wired-and result). overdrive match rom [69h] the overdrive match rom command followed by a 64- bit rom sequence transmitted at overdrive speed allows the bus master to address a specific DS2431-A1 on a multidrop bus and to simultaneously set it in overdrive mode. only the DS2431-A1 that exactly matches the 64-bit rom sequence responds to the sub- sequent memory function command. slaves already in overdrive mode from a previous overdrive skip or suc- cessful overdrive match command remain in overdrive mode. all overdrive-capable slaves return to standard speed at the next reset pulse of minimum 480? dura- tion. the overdrive match rom command can be used with a single or multiple devices on the bus. 1-wire signaling the DS2431-A1 requires strict protocols to ensure data integrity. the protocol consists of four types of signaling on one line: reset sequence with reset pulse and pres- ence pulse, write-zero, write-one, and read-data. except for the presence pulse, the bus master initiates all falling edges. the DS2431-A1 can communicate at two differ- ent speeds: standard speed and overdrive speed. if not explicitly set into the overdrive mode, the DS2431-A1 communicates at standard speed. while in overdrive mode the fast timing applies to all waveforms. to get from idle to active, the voltage on the 1-wire line needs to fall from v pup below the threshold v tl . to get from active to idle, the voltage needs to rise from v ilmax past the threshold v th . the time it takes for the voltage to make this rise is seen in figure 10 as , and its duration depends on the pullup resistor (r pup ) used and the capacitance of the 1-wire network attached. the voltage v ilmax is relevant for the DS2431-A1 when determining a logical level, not triggering any events. figure 10 shows the initialization sequence required to begin any communication with the DS2431-A1. a reset pulse followed by a presence pulse indicates that the DS2431-A1 is ready to receive data, given the correct rom and memory function command. if the bus master uses slew-rate control on the falling edge, it must pull down the line for t rstl + t f to compensate for the edge. a t rstl duration of 480? or longer exits the overdrive mode, returning the device to standard speed. if the ds2431 is in overdrive mode and t rstl is no longer than 80?, the device remains in overdrive mode. if the device is in overdrive mode and t rstl is between 80? and 480?, the device resets, but the communication speed is undetermined. after the bus master has released the line it goes into receive mode. now the 1-wire bus is pulled to v pup through the pullup resistor, or in the case of a ds2482- x00 or ds2480b driver, through the active circuitry. when the threshold v th is crossed, the DS2431-A1 waits for t pdh and then transmits a presence pulse by pulling the line low for t pdl . to detect a presence pulse, the master must test the logical state of the 1-wire line at t msp . the t rsth window must be at least the sum of t pdhmax , t pdlmax , and t recmin . immediately after t rsth is expired, the DS2431-A1 is ready for data com- munication. in a mixed population network, t rsth should be extended to minimum 480? at standard speed and 48? at overdrive speed to accommodate other 1-wire devices. 1024-bit, 1-wire eeprom for automotive applications ______________________________________________________________________________________ 15
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications 16 ______________________________________________________________________________________ read-/write-time slots data communication with the DS2431-A1 takes place in time slots, which carry a single bit each. write-time slots transport data from bus master to slave. read-time slots transfer data from slave to master. figure 11 illustrates the definitions of the write- and read-time slots. all communication begins with the master pulling the data line low. as the voltage on the 1-wire line falls below the threshold v tl , the DS2431-A1 starts its inter- nal timing generator that determines when the data line is sampled during a write-time slot and how long data is valid during a read-time slot. master-to-slave for a write-one time slot, the voltage on the data line must have crossed the v th threshold before the write- one low time t w1lmax is expired. for a write-zero time slot, the voltage on the data line must stay below the v th threshold until the write-zero low time t w0lmin is expired. for the most reliable communication, the volt- age on the data line should not exceed v ilmax during the entire t w0l or t w1l window. after the v th threshold has been crossed, the DS2431-A1 needs a recovery time t rec before it is ready for the next time slot. slave-to-master a read-data time slot begins like a write-one time slot. the voltage on the data line must remain below v tl until the read low time t rl is expired. during the t rl window, when responding with a 0, the DS2431-A1 starts pulling the data line low; its internal timing gener- ator determines when this pulldown ends and the volt- age starts rising again. when responding with a 1, the DS2431-A1 does not hold the data line low at all, and the voltage starts rising as soon as t rl is over. the sum of t rl + (rise time) on one side and the inter- nal timing generator of the DS2431-A1 on the other side define the master sampling window (t msrmin to t msrmax ) in which the master must perform a read from the data line. for the most reliable communication, t rl should be as short as permissible, and the master should read close to but no later than t msrmax . after reading from the data line, the master must wait until t slot is expired. this guarantees sufficient recovery time t rec for the DS2431-A1 to get ready for the next time slot. note that t rec specified herein applies only to a sin- gle DS2431-A1 attached to a 1-wire line. for multidevice configurations, t rec should be extended to accommo- date the additional 1-wire device input capacitance. alternatively, an interface that performs active pullup during the 1-wire recovery time such as the ds2482-x00 or ds2480b 1-wire line drivers can be used. resistor master DS2431-A1 t rstl t pdl t rsth t pdh master tx "reset pulse" master rx "presence pulse" v pup v ihmaster v th v tl v ilmax 0v t f t rec t msp figure 10. initialization procedure: reset and presence pulse
DS2431-A1 resistor master resistor master resistor master DS2431-A1 v pup v ihmaster v th v tl v ilmax 0v t f v pup v ihmaster v th v tl v ilmax 0v t f v pup v ihmaster v th v tl v ilmax 0v t f t slot t w1l t rec t slot t slot t w0l t rec master sampling window t rl t msr write-one time slot write-zero time slot read-data time slot figure 11. read/write timing diagrams 1024-bit, 1-wire eeprom for automotive applications ______________________________________________________________________________________ 17
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications 18 ______________________________________________________________________________________ improved network behavior (switchpoint hysteresis) in a 1-wire environment, line termination is possible only during transients controlled by the bus master (1-wire driver). 1-wire networks, therefore, are suscep- tible to noise of various origins. depending on the physical size and topology of the network, reflections from end points and branch points can add up or can- cel each other to some extent. such reflections are visi- ble as glitches or ringing on the 1-wire communication line. noise coupled onto the 1-wire line from external sources can also result in signal glitching. a glitch dur- ing the rising edge of a time slot can cause a slave device to lose synchronization with the master and, consequently, result in a search rom command com- ing to a dead end or cause a device-specific function command to abort. for better performance in network applications, the DS2431-A1 uses a new 1-wire front- end, which makes it less sensitive to noise. the 1-wire front-end of the DS2431-A1 differs from tra- ditional slave devices in three characteristics. 1) there is additional lowpass filtering in the circuit that detects the falling edge at the beginning of a time slot. this reduces the sensitivity to high-frequency noise. this additional filtering does not apply at overdrive speed. 2) there is a hysteresis at the low-to-high switching threshold v th . if a negative glitch crosses v th but does not go below v th - v hy , it will not be recog- nized (figure 12, case a). the hysteresis is effective at any 1-wire speed. 3) there is a time window specified by the rising edge hold-off time t reh during which glitches are ignored, even if they extend below the v th - v hy threshold (figure 12, case b, t gl < t reh ). deep voltage drops or glitches that appear late after crossing the v th threshold and extend beyond the t reh window can- not be filtered out and are taken as the beginning of a new time slot (figure 12, case c, t gl t reh ). devices that have the parameters v hy and t reh speci- fied in their electrical characteristics use the improved 1-wire front-end. crc generation the DS2431-A1 uses two different types of crcs. one crc is an 8-bit type and is stored in the most signifi- cant byte of the 64-bit rom. the bus master can com- pute a crc value from the first 56 bits of the 64-bit rom and compare it to the value stored within the DS2431-A1 to determine if the rom data has been received error-free. the equivalent polynomial function of this crc is x 8 + x 5 + x 4 + 1. this 8-bit crc is received in the true (noninverted) form. it is computed at the factory and lasered into the rom. the other crc is a 16-bit type, generated according to the standardized crc-16 polynomial function x 16 + x 15 + x 2 + 1. this crc is used for fast verification of a data transfer when writing to or reading from the scratchpad. in contrast to the 8-bit crc, the 16-bit crc is always communicated in the inverted form. a crc generator inside the DS2431-A1 chip (figure 13) calculates a new 16-bit crc, as shown in the command flow chart (figure 7). the bus master compares the crc value read from the device to the one it calculates from the data, and decides whether to continue with an operation or to reread the portion of the data with the crc error. with the write scratchpad command, the crc is gen- erated by first clearing the crc generator and then shifting in the command code, the target addresses ta1 and ta2, and all the data bytes as they were sent by the bus master. the DS2431-A1 transmits this crc only if e2:e0 = 111b. v pup v th v hy 0v t reh t gl t reh t gl case a case c case b figure 12. noise suppression scheme
DS2431-A1 with the read scratchpad command, the crc is gen- erated by first clearing the crc generator and then shifting in the command code, the target addresses ta1 and ta2, the e/s byte, and the scratchpad data as they were sent by the DS2431-A1. the DS2431-A1 transmits this crc only if the reading continues through the end of the scratchpad. for more information on generating crc values, refer to application note 27 . 1st stage 2nd stage 3rd stage 4th stage 7th stage 8th stage 6th stage 5th stage x 0 x 1 x 2 x 3 x 4 polynomial = x 16 + x 15 + x 2 + 1 input data crc output x 5 x 6 11th stage 12th stage 15th stage 14th stage 13th stage x 11 x 12 9th stage 10th stage x 9 x 10 x 13 x 14 x 7 16th stage x 16 x 15 x 8 figure 13. crc-16 hardware description and polynomial command-specific 1-wire communication protocol?egend symbol description rst 1-wire reset pulse generated by master. pd 1-wire presence pulse generated by slave. select command and data to satisfy the rom function protocol. ws command "write scratchpad." rs command "read scratchpad." cps command "copy scratchpad." rm command "read memory." ta target address ta1, ta2. ta-e/s target address ta1, ta2 with e/s byte. <8Ct2:t0 bytes> transfer of as many bytes as needed to reach the end of the scratchpad for a given target address. transfer of as many data bytes as are needed to reach the end of the memory. crc-16 transfer of an inverted crc-16. ff loop indefinite loop where the master reads ff bytes. aa loop indefinite loop where the master reads aa bytes. programming data transfer to eeprom; no activity on the 1-wire bus permitted during this time. 1024-bit, 1-wire eeprom for automotive applications ______________________________________________________________________________________ 19
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications 20 ______________________________________________________________________________________ command-specific 1-wire communication protocol?olor codes 1-wire communication examples master to slave slave to master programming write scratchpad rst pd select ws ta <8Ct2:t0 bytes> crc-16 ff loop read scratchpad rst pd select rs ta-e/s <8Ct2:t0 bytes> crc-16 ff loop copy scratchpad (success) rst pd select cps ta-e/s programming aa loop copy scratchpad (invalid address or pf = 1 or copy protected) rst pd select cps ta-e/s ff loop read memory (success) rst pd select rm ta ff loop read memory (invalid address) rst pd select rm ta ff loop
DS2431-A1 1024-bit, 1-wire eeprom for automotive applications maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 21 2007 maxim integrated products is a registered trademark of maxim integrated products, inc. memory function example write to the first 8 bytes of memory page 1. read the entire memory. with only a single DS2431-A1 connected to the bus master, the communication looks like this: master mode data (lsb first) comments tx (reset) reset pulse rx (presence) presence pulse tx cch issue skip rom command tx 0fh issue write scratchpad command tx 20h ta1, beginning offset = 20h tx 00h ta2, address = 00 20h tx <8 data bytes> write 8 bytes of data to scratchpad rx <2 bytes crc-16 > read crc to check for data integrity tx (reset) reset pulse rx (presence) presence pulse tx cch issue skip rom command tx aah issue read scratchpad command rx 20h read ta1, beginning offset = 20h rx 00h read ta2, address = 00 20h rx 07h read e/s, ending offset = 111b, aa, pf = 0 rx <8 data bytes> read scratchpad data and verify rx <2 bytes crc-16 > read crc to check for data integrity tx (reset) reset pulse rx (presence) presence pulse tx cch issue skip rom command tx 55h issue copy scratchpad command tx 20h ta1 tx 00h ta2 tx 07h e/s (authorization code) <1-wire idle high> wait t progmax for the copy function to complete rx aah read copy status, aah = success tx (reset) reset pulse rx (presence) presence pulse tx cch issue skip rom command tx f0h issue read memory command tx 00h ta1, beginning offset = 00h tx 00h ta2, address = 00 00h rx <144 data bytes> read the entire memory tx (reset) reset pulse rx (presence) presence pulse package information (for the latest package outline information, go to www.maxim-ic.com/dallaspackinfo .) package type document no. 6 tsoc 56-g2016-001


▲Up To Search▲   

 
Price & Availability of DS2431-A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X