Part Number Hot Search : 
1N5392G SDA20000 NM3SOL3R 35MB20A NTE489 5KE130 SC425 EN7379A
Product Description
Full Text Search
 

To Download DIN-48-FS-S33-A1C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 233 din 41612 connectors dnr series i ntroduction: adam tech dnr series din 41612 connectors are a versatile two piece pcbc onnector set with features useful for many applications including connections between plug-in card and back-panelw iring, pcb to pcb attachment and peripheral connections for external interfaces. features include a multitude ofb ody sizes and styles with options that include selective contact loading, make and break contacts, contact lead length choices, and contact plating variations each in .100" [2.54] or .200" [5.08] centerline spacing. features: industry standard compatible multiple body sizes contact plating options make and break contacts .100" or .200" centerlines mating options: adam tech dnr series and all industry standard din 41612 connectors. specifications: material: s tandard insulator: pbt, glass filled, rated ul94v-0 optional hi-temp insulator: nylon 6t, r ated ul94v-0 insulator color: beige contacts: brass or phosphor bronze plating: class i: 30ugold over nickel underplate on contact area class ii: 15ugold over nickel underplate on contact area class iii: gold flash over nickel underplate on contact area tin over copper underplate on tails electrical: operating voltage: 500v ac max. current rating: 2 amps max contact resistance: 30 m max. initial insulation resistance: 1000 m min. dielectric withstanding voltage: 1000v ac for 1 minute mechanical: insertion force: 20 lbs / contact max. w ithdrawal force: 0.033 lbs / contact min mating durability: class i: 500 cycles class ii: 250 cyclesc lass iii: 100 cycles temperature rating: operating temperature: -55c to +125 soldering process temperature: standard insulator: 235c hi-temp insulator: 260c packaging: anti-esd plastic trays or tubes approvals and certifications: ul recognized file no. e224053 csa certified file no. lr1578596 body type s22 = short body, 2 rows a & b loaded s32 = short body, 3 rows a & c loaded s33 = short body, 3 rows a, b & c loaded l22 = long body, 2 rows a & b loaded l32 = long body, 3 rows a & c loaded l33 = long body, 3 rows a, b & c loaded ordering information m gender m = male, pin contacts f = female, socket contacts r mounting angle s = straight, pcb mount r = right angle, pcb mount l33 a pitch a = .100" [2.54 mm] b = .200" [5.08 mm] solder tail length 1 = standard solder tail length .157" 2 = wire wrap .511" solder tail (straight female only) 1 c1 plating c1 = class i c2 = class ii c3 = class iii din series indicator din = din 41612 connector 96 no. of contacts 16, 32, 48, 64, 96 options: add designator(s) to end of part number pf = press fit tails (pg 235) ht = hi-temp insulator for hi-temp soldering processes up to 260 bl = metal board locks in mounting holes a d a m t e c h n o l o g i e s , i n c . ? ? v d e u l ? rohs compliant 2 0 02 / 95 / ec 2002 / 95 / ec pb rohs c omplia nt h i - t e m p insul a to r a v a i l a b l e
909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 234 din 41612 connectors inverse type r dnr series din-96ms-l33-a1c1 inverse din type r male 3 row straight din-96fr-l33-a1c1 female type r right angle press fit option recommended pcb layout - male recommended pcb layout - female a d a m t e c h n o l o g i e s , i n c . pcb l ayout - f ema le pcb l ayout - m ale ?.110 [2 .80] .02x.0 2 [0 .60x 0.50] ?.11 [2. 8] ?.0 4 [1.0] ?.0 4 [1.0] f em a le ty p e r right ang le i nverse din ty pe r male 3 ro w straight 3.50 [88. 9] 3 .100 [78 .74] .200 [5.08] .100 [2.54] . 4 3 3 [ 11. 0 0] . 2 0 0 [5.08] .157 [4.00] .114 [ 2.90] . 189 [4.80] . 252 [6.40] 3 .46 [88. 0 0] 3.74 [9 5.00] . 040 [1.00] .342 [ 8.70] 3.35 4 [8 5.20] 3 .10 [7 8.74] 3.54 [9 0. 0 0] .100 [2.54] 3.5 [90] 3.100 [78 .74] [2.54] .100 3.70 [9 4.0] .100x31=3.1 0 0 [2.54x3 1=78 .74] .25 [ 6.4] 3 .50 [88. 9] 3.35 [8 5.0] .2 5 [6.4] [8.50] .330 .5 2 [13.2] . 11 [2. 9] .1 0 0 [ 2.54] .1 0 [2.5] ? .0 2 x .02 [0.6 x0.5] . 413 [10 .50] . 100 [2 .54] .1 0 0 [2.54] .012 [0 .3] ? .11 [2 .8]
909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 235 din 41612 connectors standard type c dnr series din-96mr-l33-a1c1 standard din type c male 3 row right angle din-96fs-l33-a1c1 standard din type c female 3 row straight press fit option recommended pcb layout - female recommended pcb layout - male a d a m t e c h n o l o g i e s , i n c . s tanda rd d in type c fe male 3 ro w straigh t .02x.0 2 [0.6x0.5] ? .1 0 [2 .5] . 02x.0 2 [0 .6x0 .5] s tanda rd d in t y p e c mal e 3 ro w right an gle .44 [11.1] .5 2 [1 3.2] . 11 [2.9] .1 0 0 [ 2.54] .1 0 0 [ 2.54] . 3 4 [8 .7] 3 .10 [7 8.74] 3 .35 [8 5.2] . 04 [1 .0] . 2 0 0 [5.08] 3.70 [9 4.0] .1 9 [4 .8] . 2 5 [ 6.4] 3 .50 [88.9] 3 .46 [88.0] 3 .3 [8 5] 3.5 [9 0] .4 6 [11 .6] .11 [2.9] .2 0 0 [5.0 8] .0 4 [1 ] .33 [8.5] .4 1 [10.5] .1 [3] ? .11 [2.8] 3.100 [7 8.74] 3 .7 [9 5] 3.100 [7 8.74] 3.5 [9 0] .1 0 0 [2.54] .1 0 0 [2.54] .2 0 0 [5.08] 3.100 [7 8.74] 3.50 [88.9] .0 4 [1 .0] ? .0 4 [1 .0] ? .11 [2.8] ? pcb l ay o u t -f ema l e pcb l ay o u t - male ? .11 [2 .8] . 012 [0 .3] .1 0 0 [2.54] .100 [2 .54] .157 [4.00]
909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 236 din 41612 connectors inverse type q dnr series din-64ms-l22-a1c1 inverse din type q male 2 row straight din-64fr-l22-a3c1 inverse din type q female 2 row right angle recommended pcb layout - male recommended pcb layout - female pcb l ayout ?.11 [2. 8] ?.04 [ 1.0] .02 x .02 [0. 6x0 .5] ? .10 [2. 5] inverse din type q fema le 2 ro w right an gle .100 [2. 54] .11 [2. 9] . 52 [13 .2] .24 [6.0] .25 [6. 4] 3.35 [8 5.0] 3.50 [88. 9] .25 [ 6.4] .100x31=3.1 0 0 [2.54x3 1=78 .74] 3.70 [9 4.0] .100 [2.54] .100x31=3.1 0 0 [2.54x3 1=78.74] 3.50 [88. 9] .100 [2.54] .100 [2.54] [ 2.90] . 114 [ 11.60] . 456 [2. 54] .100 [ 8.60] . 338 3 .54 [9 0. 0 0] 3 .10 [7 8.74] 3 .35 4 [8 5.20] [ 6.20] .244 . 040 [1.00] 3.74 [9 5.00] 3 .46 [88. 0 0] [ 6.40] . 252 .189 [4.80] .02x.0 2 [0 .60x 0.50] .110 [2. 80] ? 3.100 [78 .74] 3.5 [90] .100 [2.54] .04 [1. 0] ? pcb l ayout - male 2 ro w straight inverse din type q fema le ? .11 [2 .8] .012 [0.3] .157 [4. 0 0] a d a m t e c h n o l o g i e s , i n c .
909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 237 din 41612 connectors standard type b dnr series din-64mr-l22-a1c1 standard din type b male 2 row right angle din-64fs-l22-a1c1 standard din type b female 2 row straight recommended pcb layout - male recommended pcb layout - female a d a m t e c h n o l o g i e s , i n c . pcb l ayo u t ? .11 [2.8] ? .11 [2.8] ? .0 4 [1 .0] .0 2 x .0 2 [0 .6x0 .6] ? .11 [2.8] ? .04 [1 .0] . 0 2 x .02 [0 .6x0 .5] ? .1 0 [2 .5] pcb l ayo u t s tanda rd d in t ype b fe male 2 ro w straigh t s tanda rd d in t ype b mal e 2 ro w right an gle .1 0 0 [2.54] 3 .50 [88.9] 3 .47 [88.2] 3 .70 [9 4.0] 3 .35 [8 5.2] .1 0 0x31= 3.100 [2 .54x31=78 .74] .1 9 [4 .8] .2 5 [ 6.4] .3 4 [ 8.6] . 5 2 [13 .2] . 2 8 [7.1] . 1 0 0 [ 2.54] . 11 [2.9] .10 0 [2.54] . 2 4 [6 .2] .10 0 [2.54] .1 0 0 [2.54] 3 .50 [88.9] .1 0 0x31= 3.100 [2 .54x31=78 .74] . 0 4 [1 ] 3.74 [9 5.0] 3 .5 [9 0] . 1 0 0x31= 3.100 [2 .54x31=78 .74] .0 4 [1 ] .26 [6.5] .2 0 [5 .1] 3.35 [8 5.0] .4 6 [11 .6] .1 0 0 [2.54] .11 [2.9] .3 1 [8.0] .2 4 [6.0] 3.5 [9 0] .1 0 0x31= 3.100 [2 .54x31=78 .74] .157 [4.00]
909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 238 din 41612 connectors inverse type 1/2 r dnr series din-48ms-s33-a1c1 inverse din type 1/2 r male 3 row straight din-48fr-s33-a1c1 inverse din type 1/2 r female 3 row straight recommended pcb layout - male recommended pcb layout - female a d a m t e c h n o l o g i e s , i n c . 1b 1a 1 c 1a 1b 1c ? .110 [2 .80] . 02x.0 2 [0 .6x0 .6] .0 4 [1 .0] . 2 0 0 [5.0 8] .4 3 3 [11. 0 0] . 342 [8.70] 1.96 8 [5 0. 0 0] 1 .50 [3 8.1] 1.76 [44.6] 2 .16 5 [55.0] 1 .89 [4 8.0] . 456 [11.60] ? .11 [2.8] ? .0 4 [1 .0] .1 0 0 [2.54] .1 0 0 [2.54] 1.96 8 [5 0. 0 0] 1.50 [3 8.1] 0.425 .4 92 [12 .50] 1.74 8 [44.40] 1.900 [48 .26] .100 [2.54] .1 0 0 [2.54] .1 0 0 [2.5 4] .100 [2.54] 1.900 [48 .26] ? .04 [1.00] ? .110 [ ? 2.8] .114 [2 .90] 0.41 7 [1 0.60] .100 [2.54] ?.098 [2.50] .0024 sq . [.0 6 sq. ] . 012 [0 .30] .157 [4.00] 2.12 5 [5 4.00]
909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 239 din 41612 connectors standard type 1/2 c dnr series din-48mr-s33-a1c1 standard din type 1/2 c male 3 row right angle recommended pcb layout - female recommended pcb layout - male din-48fs-s33-a1c1 standard din type 1/2 c female 3 row straight a d a m t e c h n o l o g i e s , i n c . pcb l ayo u t pcb l ayo u t ? .0 4 [1 .0] ? .11 [2.8] . 0 2 x .0 2 [0 .6x0 .6] ? .11 [2.8] ? .04 [1 .0] ? .11 [2.8] .02x.0 2 [0 .6x0 .5] s tanda rd d in t ype 1/ 2 c male 3 ro w ri ght an gle s tanda rd d in type 1/ 2 c fem ale 3 ro w straigh t 1.50 [3 8.1] 1.76 [44.6] 2.12 5 [5 4.00] 1.900 [4 8.26] 1.84 6 [4 6.90] .20 0 [5.0 8] .3 4 [8 .7] .0 7 [12.9] .4 [11 ] . 1 0 0 [2.54] .1 0 0 [2.54] . 11 [2.9] .2 [ 6] 1.50 [3 8.1] 1.900 [48 .26] .2 0 0 [5.08] . 33 [8.5] .11 [ 2.9] .4 1 [10.5] .2 0 0 [5.08] 1.75 [44.4] .20 [5 .1] . 26 [ 6.5] . 0 4 [1 ] 1.50 [3 8.1] 1 .96 8 [5 0. 0 0] 2.16 5 [55.00] . 4 6 [11 .6] .1 0 0x15= 1.50 [2.54x15=38 .1] 1 .94 3 [4 9.36] .1 0 0 [2.54] .1 0 0 [2.54] . 012 [0 .30] .1 0 0 [2.5 4] . 157 [4.00]


▲Up To Search▲   

 
Price & Availability of DIN-48-FS-S33-A1C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X