Part Number Hot Search : 
683ML BCW61D 1733L NTE4067B JMB321 CD22102E HCP0704 IRF78
Product Description
Full Text Search
 

To Download CS52015-3-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 may, 2002 rev. 6 1 publication order number: cs520153/d cs52015-3 1.5 a, 3.3 v fixed linear regulator the cs520153 linear regulator provides 1.5 a @ 3.3 v reference at 1.0 a with an output voltage accuracy of 1.5 %. the regulator is intended for use as a post regulator and microprocessor supply. the fast loop response and low dropout voltage make this regulator ideal for applications where low voltage operation and good transient response are important. the circuit is designed to operate with dropout voltages less than 1.4 v at 1.5 a output current. the maximum quiescent current is only 10 ma at full load. device protection includes overcurrent and thermal shutdown. the cs520153 is pin compatible with the lt1086 family of linear regulators but has lower dropout voltage. the regulator is available in to220, surface mount d 2 , and sot223 packages. features ? output current to 1.5 a ? output accuracy to 1.5% over temperature ? dropout voltage (typical) 1.05 v @ 1.5 a ? fast transient response ? fault protection current limit thermal shutdown figure 1. applications diagram cs520153 v in v out gnd 10 m f 5.0 v 22 m f 5.0 v 3.3 v @ 1.5 a d 2 pak 3pin dp suffix case 418e sot223 st suffix case 318e to220 three lead t suffix case 221a 1 2 3 1 2 3 tab = v out pin 1. gnd 2. v out 3. v in device package shipping ordering information* 2 cs520153gt3 to2203 50 units/rail cs520153gdp3 d 2 pak3 50 units/rail cs520153gdpr3 d 2 pak3 750 tape & reel cs520153gst3 sot2233 80 units/rail cs520153gstr3 sot2233 2500 tape & reel *additional ordering information can be found on page 6 of this data sheet. 2consult your local sales representative for other fixed output voltage versions. 3to220 are all 3pin, straight leaded. d 2 pak and sot223 are all 3pin. see general marking information in the device marking section on page 6 of this data sheet. device marking information 1 2 3 http://onsemi.com
cs520153 http://onsemi.com 2 maximum ratings* parameter value unit supply voltage, v in 7.0 v operating temperature range 40 to +70 c junction temperature 150 c storage temperature range 60 to +150 c lead temperature soldering: wave solder (through hole styles only) note 1 reflow (smd styles only) note 2 260 peak 230 peak c c esd damage threshold 2.0 kv 1. 10 second maximum. 2. 60 second maximum above 183 c *the maximum package power dissipation must be observed. electrical characteristics (c in = 10 m f, c out = 22 m f tantalum, v out + v dropout < v in < 7.0 v, 0 c t a 70 c, t j +150 c, unless otherwise specified, i full load = 1.5 a) characteristic test conditions min typ max unit fixed output voltage output voltage (notes 3 and 4) v in v out = 1.5 v; 0 i out 1.5 a 3.250 (1.5%) 3.300 3.350 (+1.5%) v line regulation 2.0 v v in v out 3.7 v; i out = 10 ma 0.02 0.20 % load regulation (notes 3 and 4) v in v out = 2.0 v; 10 ma i out 1.5 a 0.04 0.4 % dropout voltage (note 5) i out = 1.5 a 1.05 1.4 v current limit v in v out = 3.0 v 1.6 3.1 a quiescent current i out = 10 ma 5.0 10 ma thermal regulation (note 6) 30 ms pulse, t a = 25 c 0.002 0.020 %/w ripple rejection (note 6) f = 120 hz; i out = 1.5 a; v in v out = 3.0 v; v ripple = 1.0 v pp 80 db thermal shutdown (note 7) 150 180 210 c thermal shutdown hysteresis (note 7) 25 c 3. load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. changes i n output voltage due to temperature changes must be taken into account seperately. 4. specifications apply for an external kelvin sense connection at a point on the output pin 1/4o from the bottom of the package . 5. dropout voltage is a measurement of the minimum input/output differential at full load. 6. guaranteed by design, not 100% tested in production. 7. thermal shutdown is 100% functionally tested in production. package pin description package pin number to220 d 2 pak sot223 pin symbol function 1 1 1 gnd ground connection. 2 2 2 v out regulated output voltage (case). 3 3 3 v in input voltage.
cs520153 http://onsemi.com 3 figure 2. block diagram + thermal shutdown bandgap output current limit error amplifier v in v out gnd typical performance characteristics t j ( c) figure 3. dropout voltage vs. output current figure 4. output voltage vs. temperature figure 5. ripple rejection vs. frequency 0.10 10 output voltage deviation (%) 0.08 0.06 0.04 0.02 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0 20 30 40 50 60 70 80 90 100 110 120 130 frequency (hz) figure 6. short circuit current vs. v in v out 85 10 1 ripple rejection (db) 75 65 55 45 35 25 15 10 2 10 3 10 4 10 5 10 6 t case = 25 c i out = 1.5 a (v in v out ) = 3.0 v v ripple = 1.0 v pp v in v out (v) 3.5 i sc (a) 3.3 3.1 2.9 2.7 2.5 2.3 2.1 1.9 1.7 1.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 0 i out (ma) v dropout (v) 1.05 1.00 0.95 0.90 0.85 0.80 0.75 300 600 900 1200 1500 t case = 0 c t case = 125 c t case = 25 c
cs520153 http://onsemi.com 4 time ( m s) figure 7. transient response figure 8. load regulation vs. output current load step (ma) 300 0 200 100 0 100 200 1500 750 0 12345678910 voltage deviation (mv) output current (a) output voltage deviation (%) 0.100 0 0.075 0.050 0.025 0.000 12 t case = 0 c t case = 125 c t case = 25 c c out = c in = 22 m f tantalum applications information the cs520153 linear regulator provides a 3.3 v output voltage at currents up to 1.5 a. the regulator is protected against overcurrent conditions and includes thermal shutdown. the cs520153 has a composite pnpnpn output transistor and requires an output capacitor for stability. a detailed procedure for selecting this capacitor is included in the stability considerations section. stability considerations the output compensation capacitor helps determine three main characteristics of a linear regulator: startup delay, load transient response, and loop stability. the capacitor value and type is based on cost, availability, size and temperature constraints. a tantalum or aluminum electrolytic capacitor is best, since a film or ceramic capacitor with almost zero esr can cause instability. the aluminum electrolytic capacitor is the least expensive solution. however, when the circuit operates at low temperatures, both the value and esr of the capacitor will vary considerably. the capacitor manufacturer's data sheet provides this information. a 22 m f tantalum capacitor will work for most applications, but with high current regulators such as the cs520153 the transient response and stability improve with higher values of capacitance. the majority of applications for this regulator involve large changes in load current so the output capacitor must supply the instantaneous load current. the esr of the output capacitor causes an immediate drop in output voltage given by:  v   i  esr for microprocessor applications it is customary to use an output capacitor network consisting of several tantalum and ceramic capacitors in parallel. this reduces the overall esr and reduces the instantaneous output voltage drop under transient load conditions. the output capacitor network should be as close to the load as possible for the best results. protection diodes when large external capacitors are used with a linear regulator it is sometimes necessary to add protection diodes. if the input voltage of the regulator gets shorted, the output capacitor will discharge into the output of the regulator. the discharge current depends on the value of the capacitor, the output voltage and the rate at which v in drops. in the cs520153 linear regulator, the discharge path is through a large junction and protection diodes are not usually needed. if the regulator is used with large values of output capacitance and the input voltage is instantaneously shorted to ground, damage can occur. in this case, a diode connected as shown in figure 9 is recommended. figure 9. protection diode scheme for large output capacitors v in cs520153 v out gnd v out v in c 1 c 2 in4002 (optional)
cs520153 http://onsemi.com 5 output voltage sensing since the cs520153 is a three terminal regulator, it is not possible to provide true remote load sensing. load regulation is limited by the resistance of the conductors connecting the regulator to the load. for best results the regulator should be connected as shown in figure 10. figure 10. conductor parasitic resistance effects can be minimized with the above grounding scheme for fixed output regulators v in v in v out cs520153 conductor parasitic resistance r load r c calculating power dissipation and heat sink requirements the cs520153 linear regulator includes thermal shutdown and current limit circuitry to protect the device. high power regulators such as these usually operate at high junction temperatures so it is important to calculate the power dissipation and junction temperatures accurately to ensure that an adequate heat sink is used. the case is connected to v out on the cs520153, electrical isolation may be required for some applications. thermal compound should always be used with high current regulators such as these. the thermal characteristics of an ic depend on the following four factors: 1. maximum ambient temperature t a ( c) 2. power dissipation p d (watts) 3. maximum junction temperature t j ( c) 4. thermal resistance junction to ambient r q ja ( c/w) these four are related by the equation t j  t a  p d  r  ja (1) the maximum ambient temperature and the power dissipation are determined by the design while the maximum junction temperature and the thermal resistance depend on the manufacturer and the package type. the maximum power dissipation for a regulator is: p d(max)  { v in(max)  v out(min) } i out(max)  v in(max) i q (2) where: v in(max) is the maximum input voltage, v out(min) is the minimum output voltage, i out(max) is the maximum output current, for the application i q is the maximum quiescent current at i out(max) . a heat sink effectively increases the surface area of the package to improve the flow of heat away from the ic and into the surrounding air. each material in the heat flow path between the ic and the outside environment has a thermal resistance. like series electrical resistances, these resistances are summed to determine r q ja , the total thermal resistance between the junction and the surrounding air. 1. thermal resistance of the junction to case, r q jc ( c/w) 2. thermal resistance of the case to heat sink, r q cs ( c/w) 3. thermal resistance of the heat sink to the ambient air, r q sa ( c/w) these are connected by the equation: r  ja  r  jc  r  cs  r  sa (3) the value for r q ja is calculated using equation (3) and the result can be substituted in equation (1). the value for r q jc is 3.5 c/w for a given package type based on an average die size. for a high current regulator such as the cs520153 the majority of the heat is generated in the power transistor section. the value for r q sa depends on the heat sink type, while r q cs depends on factors such as package type, heat sink interface (is an insulator and thermal grease used?), and the contact area between the heat sink and the package. once these calculations are complete, the maximum permissible value of r q ja can be calculated and the proper heat sink selected. for further discussion on heat sink selection, see application note athermal management,o document number and8036/d, available through the literature distribution center or via our website at http://onsemi.com.
cs520153 http://onsemi.com 6 additional ordering information orderable part number type description cs520153gt3 1.5 a, 3.3 v output to220 three lead, straight cs520153gdp3 1.5 a, 3.3 v output d 2 pak 3pin cs520153gdpr3 1.5 a, 3.3 v output d 2 pak 3pin (tape & reel) cs520153gst3 1.5 a, 3.3 v output sot223 cs520153gstr3 1.5 a, 3.3 v output sot223 (tape & reel) marking diagrams 520153 awlyww 1 ayw 52015 1 cs520153 awlyww 1 d 2 pak 3pin dp suffix case 418e sot223 st suffix case 318e to220 three lead t suffix case 221a a = assembly location wl, l = wafer lot yy, y = year ww, w = work week cs
cs520153 http://onsemi.com 7 package dimensions to220 three lead t suffix case 221a08 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. a k l g d n h q f 123 4 t seating plane s r j u t c 3 pl b y m b m 0.25 (0.010) y dim min max min max millimeters inches a 0.560 0.625 14.23 15.87 b 0.380 0.420 9.66 10.66 c 0.140 0.190 3.56 4.82 d 0.025 0.035 0.64 0.89 f 0.139 0.155 3.53 3.93 g 0.100 bsc 2.54 bsc h --- 0.280 --- 7.11 j 0.012 0.045 0.31 1.14 k 0.500 0.580 12.70 14.73 l 0.045 0.060 1.15 1.52 n 0.200 bsc 5.08 bsc q 0.100 0.135 2.54 3.42 r 0.080 0.115 2.04 2.92 s 0.020 0.055 0.51 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v v 0.045 --- 1.15 --- d 2 pak 3pin dp suffix case 418e01 issue o t dim min max min max millimeters inches a 0.326 0.336 8.28 8.53 b 0.396 0.406 10.05 10.31 c 0.170 0.180 4.31 4.57 d 0.026 0.036 0.66 0.91 e 0.045 0.055 1.14 1.40 f 0.090 0.110 2.29 2.79 g 0.100 bsc 2.54 bsc h 0.098 0.108 2.49 2.74 j 0.018 0.025 0.46 0.64 k 0.204 0.214 5.18 5.44 m 0.055 0.066 1.40 1.68 n 0.000 0.004 0.00 0.10 notes: 1. dimensions and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. b n a k m e c seating plane f h j d 3 pl g t m 0.13 (0.005) m b 123 4 l l 0.045 0.055 1.14 1.40
cs520153 http://onsemi.com 8 sot223 st suffix case 318e04 issue k h s f a b d g l 4 123 0.08 (0003) c m k j dim a min max min max millimeters 0.249 0.263 6.30 6.70 inches b 0.130 0.145 3.30 3.70 c 0.060 0.068 1.50 1.75 d 0.024 0.035 0.60 0.89 f 0.115 0.126 2.90 3.20 g 0.087 0.094 2.20 2.40 h 0.0008 0.0040 0.020 0.100 j 0.009 0.014 0.24 0.35 k 0.060 0.078 1.50 2.00 l 0.033 0.041 0.85 1.05 m 0 10 0 10 s 0.264 0.287 6.70 7.30 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch.  package thermal data parameter to220 three lead d 2 pak 3pin sot223 unit r q jc typical 3.5 3.5 15 c/w r q ja typical 50 1050* 156 c/w * depending on thermal properties of substrate. r q ja = r q jc + r q ca on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. cs520153/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of CS52015-3-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X